Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STW8009BS3T/LF Datasheet(PDF) 53 Page - STMicroelectronics

Part # STW8009BS3T/LF
Description  Mobile video DENC
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STW8009BS3T/LF Datasheet(HTML) 53 Page - STMicroelectronics

Back Button STW8009BS3T/LF Datasheet HTML 49Page - STMicroelectronics STW8009BS3T/LF Datasheet HTML 50Page - STMicroelectronics STW8009BS3T/LF Datasheet HTML 51Page - STMicroelectronics STW8009BS3T/LF Datasheet HTML 52Page - STMicroelectronics STW8009BS3T/LF Datasheet HTML 53Page - STMicroelectronics STW8009BS3T/LF Datasheet HTML 54Page - STMicroelectronics STW8009BS3T/LF Datasheet HTML 55Page - STMicroelectronics STW8009BS3T/LF Datasheet HTML 56Page - STMicroelectronics STW8009BS3T/LF Datasheet HTML 57Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 66 page
background image
Electrical characteristics
STw8009/STw8019
52/65
7.3
Electrical and timing characteristics
Unless otherwise specified: TA=+25°C, all voltages are referenced to GND.
)
Table 25.
2 wire serial MPU control interface timing (
Figure 20)
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
fSCL
Clock Frequency
400
kHz
tBUF
Bus free time
1300
ns
tHD_STA
Start condition hold time
600
ns
tf
SDA & SCLK fall time
300
ns
tLOW
SCLK pulse width low
1300
ns
tr
SDA & SCLK rise time
300
ns
tHIGH
SCLK pulse width high
600
ns
tHD_DAT
Data input hold time
0
ns
tSU_DAT
Data input set up time
100
ns
tSU_STA
Start condition set up
time
600
ns
tSU_STO
Stop condition set up
time
600
ns
Table 26.
Digital I/O interface
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
VIL
Input Low voltage
All digital inputs
0.2*VddIO
V
VIH
Input High voltage
All digital inputs
0.7*VddIO
V
VOL
Output Low level
All digital outputs
0.1*VddIO
V
VOH
Output High level
All digital outputs
0.8*VddIO
V
IIL
Input Low current
All digital inputs /
0V < Vin <
VIL
-10
10
µA
IIH
Input High current
All digital inputs /
VCCIO < Vin <
VIH
-10
10
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com