Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STP4NK60Z Datasheet(PDF) 2 Page - STMicroelectronics

Part # STP4NK60Z
Description  N-CHANNEL600V-1.76ohm-4ATO-220/FP/DPAK/IPAK/D2PAK/I2PAK Zener-Protected SuperMESH™ Power MOSFET
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STP4NK60Z Datasheet(HTML) 2 Page - STMicroelectronics

  STP4NK60Z Datasheet HTML 1Page - STMicroelectronics STP4NK60Z Datasheet HTML 2Page - STMicroelectronics STP4NK60Z Datasheet HTML 3Page - STMicroelectronics STP4NK60Z Datasheet HTML 4Page - STMicroelectronics STP4NK60Z Datasheet HTML 5Page - STMicroelectronics STP4NK60Z Datasheet HTML 6Page - STMicroelectronics STP4NK60Z Datasheet HTML 7Page - STMicroelectronics STP4NK60Z Datasheet HTML 8Page - STMicroelectronics STP4NK60Z Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
STP4NK60Z,STP4NK60ZFP,STB4NK60Z,STB4NK60Z-1,STD4NK60Z,STD4NK60Z-1
2/16
ABSOLUTE MAXIMUM RATINGS
( ) Pulse width limited by safe operating area
(1) ISD ≤4A, di/dt ≤200A/µs, VDD ≤ V(BR)DSS,Tj ≤ TJMAX.
(*) Limited only by maximum temperature allowed
THERMAL DATA
AVALANCHE CHARACTERISTICS
GATE-SOURCE ZENER DIODE
PROTECTION FEATURES OF GATE-TO-SOURCE ZENER DIODES
The built-in back-to-back Zener diodes have specifically been designed to enhance not only the device’s
ESD capability, but also to make them safely absorb possible voltage transients that may occasionally be
applied from gate to source. In this respect the Zener voltage is appropriate to achieve an efficient and
cost-effective intervention to protect the device’s integrity. These integrated Zener diodes thus avoid the
usage of external components.
Symbol
Parameter
Value
Unit
STP4NK60Z
STB4NK60Z
STB4NK60Z-1
STP4NK60ZFP
STD4NK60Z
STD4NK60Z-1
VDS
Drain-source Voltage (VGS =0)
600
V
VDGR
Drain-gate Voltage (RGS =20kΩ)
600
V
VGS
Gate- source Voltage
± 30
V
ID
Drain Current (continuous) at TC = 25°C
4
4 (*)
4
A
ID
Drain Current (continuous) at TC = 100°C
2.5
2.5 (*)
2.5
A
IDM ( )
Drain Current (pulsed)
16
16 (*)
16
A
PTOT
Total Dissipation at TC = 25°C
70
25
70
W
Derating Factor
0.56
0.2
0.56
W/°C
VESD(G-S)
Gate source ESD(HBM-C=100pF, R=1.5K
Ω)
3000
V
dv/dt (1)
Peak Diode Recovery voltage slope
4.5
V/ns
VISO
Insulation Withstand Voltage (DC)
-
2500
-
V
Tj
Tstg
Operating Junction Temperature
Storage Temperature
-55 to 150
-55 to 150
°C
°C
TO-220
D2PAK
I2PAK
TO-220FP
DPAK
IPAK
Rthj-case
Thermal Resistance Junction-case Max
1.78
5
1.78
°C/W
Rthj-amb
Thermal Resistance Junction-ambient Max
62.5
100
°C/W
Tl
Maximum Lead Temperature For Soldering Purpose
300
°C
Symbol
Parameter
Max Value
Unit
IAR
Avalanche Current, Repetitive or Not-Repetitive
(pulse width limited by Tj max)
4A
EAS
Single Pulse Avalanche Energy
(starting Tj = 25 °C, ID =IAR,VDD =50 V)
120
mJ
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
BVGSO
Gate-Source Breakdown
Voltage
Igs=± 1mA (Open Drain)
30
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com