Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA1771 Datasheet(PDF) 2 Page - STMicroelectronics

Part # TDA1771
Description  VERTICAL DEFLECTION CIRCUIT
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA1771 Datasheet(HTML) 2 Page - STMicroelectronics

  TDA1771 Datasheet HTML 1Page - STMicroelectronics TDA1771 Datasheet HTML 2Page - STMicroelectronics TDA1771 Datasheet HTML 3Page - STMicroelectronics TDA1771 Datasheet HTML 4Page - STMicroelectronics TDA1771 Datasheet HTML 5Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
TDA1771
2/5
ABSOLUTE MAXIMUM RATINGS
THERMAL DATA
ELECTRICAL CHARACTERISTICS (Tamb = 25°C unless otherwise specified)
Notes:
1. The trigger input circuit can accept, with a metal option, positive and negative going pulses.
2. th =
where tS is the vertical period and VPP is ramp amplitude at Pin 6.
Symbol
Parameter
Value
Unit
VS
Supply Voltage
30
V
V1,V2
Flyback Peak Voltage
65
V
V3
Trigger Input Voltage
20
V
V8
Amplifier Input Voltage
GNDtoVS
V
I0
Output Peak to Peak Current (non repetitive t = 2ms)
6
A
I0
Output Peak to Peak Current t > 10µs
4
A
I10
Pin 10 DC Current at V1 < V9
100
mA
I10
Pin 10 Peak to Peak Current @ tfly < 1.5ms
3
A
Ptot
Total Power Dissipation @ Ttab = 60°C
9
W
TS,TJ
Storage and Junction Temperature
- 40, + 150
°C
Symbol
Parameter+
Value
Unit
Rth (j-tab)
Thermal Resistance Junction-tab
Max.
10
°C/W
Rth (j-a)
Thermal Resistance Junction-ambient
Max.
70
°C/W
Symbol
Parameter
TestConditions
Min. Typ. Max.
Unit
DC(VS=30V)
I2
Pin 2 Quiescent Current
I1 = 0, I10 = 0
16
36
mA
I9
Pin 9 Quiescent Current
I1 = 0, I10 = 0
15
30
mA
-I6
Ramp Generator Bias Current
V6 = 0
0.5
µA
-I6
Ramp Generator Current
V6 = 0, - I4 = 20µA
18.5
20
21.5
µA
dI6/I6
Ramp Gener. Linearity
V6 = 0 to 15V, - I4 = 20µA
0.2
1
%
V1
Quiescent Output Voltage
Ra = 30kΩ, Rb = 10kΩ, VS = 30V
17.0 17.8 18.6
V
Ra = 6.8kΩ, Rb = 10kΩ, VS = 15V
7.2
7.5
7.8
V
V1L
Out Saturation Voltage to GND
I1 = 0.5A
0.5
1
V
I1 = 1.2A
1
1.4
V
V1H
Out Saturation Voltage to VS
- I1 = 0.5A
1.1
1.6
V
- I1 = 1.2A
1.6
2.2
V
V4
Reference Voltage
- I4 = 20µA
6.3
6.6
6.9
V
dV4/VS
Reference Voltage Drift Versus VS
VS = 10V to 30V
1
2
mV/V
dV4/dI4
Reference Voltage Drift Versus I4
I4 = 10µA to 30µA
1.5
2
mV/µA
Vr
Internal Ref. Voltage
4.26 4.40 4.54
V
Gv
Ouput Stage Open Loop Gain
f = 100Hz
60
dB
Vfs
V9 - 10 Saturation Voltage
- I10 = 1.2A
1.5
2.5
V
V10
Pin 10 Scanning Voltage
I10 = 20mA
1.7
3
V
V3
Trigger Input Threshold
(see note 1)
2.6
3.0
3.4
V
I3
Trigger Input Bias Current
VIN = V3 - 0.2V
30
µA
t3
Trigger Input Width
(see note 2)
20
60
th
µS
1.2 t
S
⋅
PP
V
------------------
1



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com