Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA4605 Datasheet(PDF) 4 Page - STMicroelectronics

Part # TDA4605
Description  CONTROL CIRCUIT FOR SWITCH MODE POWER SUPPLIES USING MOS TRANSISTORS
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA4605 Datasheet(HTML) 4 Page - STMicroelectronics

  TDA4605 Datasheet HTML 1Page - STMicroelectronics TDA4605 Datasheet HTML 2Page - STMicroelectronics TDA4605 Datasheet HTML 3Page - STMicroelectronics TDA4605 Datasheet HTML 4Page - STMicroelectronics TDA4605 Datasheet HTML 5Page - STMicroelectronics TDA4605 Datasheet HTML 6Page - STMicroelectronics TDA4605 Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
TDA4605
4/7
ELECTRICAL CHARACTERISTICS (VCC = 10V, Tamb = 25
oC, unless otherwise specified) - Continued
Symbol
Parameter
Test Conditions
Min. Typ. Max. Unit
GENERALLY VALID DATA (V6 = 10V)
VOLTAGE OF THE ZERO Transition DETECTOR
V8P
Positive Clamping Voltage
I8 = 1mA
0.75
V
V8N
Negative Clamping Voltage
I8 = -1mA
-0.2
V
V8S
Threshold Value
40
50
mV
TUL
Suppression of Transformer Ringing
3
3.8
4.5
µs
-I8
Input Current
V8 = 0
0
4
µV
PUSH-PULL OUTPUT STAGE
SATURATION VOLTAGES
VSatU
Pin 5 Sourcing
I5 = -0.1A
1.5
2.0
V
VSatU
Pin 5 Sinking
I5 = 0.1A
1.0
1.2
V
VSatU
Pin 5 Sinking
I5 = 0.5A
1.4
1.8
V
OUTPUT SLOW RATE
dV5/dt
Rising Edge
70
V/µs
-dV5/dt
Falling Edge
100
V/µs
REDUCTION OF CONTROL VOLTAGE
-I1
Current to reduce the Control Voltage
V7 = 1V
50
µA
PROTECTION CIRCUIT
V6(Min.)
Undervoltage Protection for V6 :
Voltage at Pin 5 = V5(Min.) if V6 < V6(Min.)
7.0
7.25
7.5
V
V6(Max.)
Overvoltage Protection for V6 :
Voltage at Pin 5 = V5(Min.) if V6 > V6(Max.)
15
16
16.5
V
V3A
Undervoltage Protection for VAC :
Voltage at Pin 5 = V5(Min.) if V3 < V3A
V2 = 0V
970 1005 1040 mV
Oj
Over Temperature : at the given chip temperature the
IC will switch V5 to V5(Min.)
150
oC
V3Sat
Voltage at Pin 3 if one of the protection functions was
triggered ; (V3 will be clamped until V6 < V6A)
I3 = 750µA
0.4
0.8
V
I6
Current Drain during Burst Operation
V3 = V2 = 0V
8
mA
1



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com