Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA8145 Datasheet(PDF) 5 Page - STMicroelectronics

Part # TDA8145
Description  TV EAST/WEST CORRECTION CIRCUIT FOR SQUARE TUBES
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA8145 Datasheet(HTML) 5 Page - STMicroelectronics

  TDA8145 Datasheet HTML 1Page - STMicroelectronics TDA8145 Datasheet HTML 2Page - STMicroelectronics TDA8145 Datasheet HTML 3Page - STMicroelectronics TDA8145 Datasheet HTML 4Page - STMicroelectronics TDA8145 Datasheet HTML 5Page - STMicroelectronics TDA8145 Datasheet HTML 6Page - STMicroelectronics TDA8145 Datasheet HTML 7Page - STMicroelectronics TDA8145 Datasheet HTML 8Page - STMicroelectronics TDA8145 Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
5/9
TDA8145
Figure 6. Application Circuit with Keystone Correction
CIRCUIT OPERATION
(see the shematic diagram)
A differential amplifier OP1 is driven by a vertical
frequency sawtooth current of ± 33µA which is
produced via an external resistor fromthe saw-
tooth voltage. The non–inverting input of this am-
plifier is connected with a reference voltage
corresponding to the DC level of the sawtooth volt-
age. This DC voltage should be adjustable for the
keystone correction. The rectified output current of
this amplifier drives the parabola networkwhich
provides a parabolic output current.
This output current produces the corresponding
voltage due to the voltage drop across the external
resistor at pin 7.
If the input is overmodulated (> 40µA) the internal
current is limited to 40µA. This limitation can be
used for suppressing the parasitic parabolic cur-
rent generated during the flyback time of the frame
sawtooth.
A comparator OP2 is driven by the parabolic cur-
rent. The second input of the comparator is con-
nected with a horizontal frequency sawtooth
voltage the DC level of which can be changed by
the external circuitry for the adjustment of the pic-
ture width.
The horizontal frequency pulse–width modulated
output signal drives the final stage. It consists of a
class D push–pull output amplifier that drives, via
an external inductor, the diode modulator.
LM
5
TDA8145
R5
RT3
1k
Ω
Hfly
from L.T.
Keystone
Adj.
Line Transformer
(L.T.)
Pin 1
Voltage
H. Width
Pin-cushion
adjustment
L1
10mH
R3
RT2
4.7k
Ω
47k
Ω
7
2
1
3
4
8
6
C1
47nF
R4
18k
Ω
V
S
C2
100nF
D1
1N4148
C3
4.7nF
R2
12k
Ω
RT1
100k
Ω
R1 =
V
FRAME
66
µA
PP
V
FRAME



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com