Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSL1018 Datasheet(PDF) 8 Page - STMicroelectronics

Part # TSL1018
Description  18 1 channel buffer for TFT-LCD panels
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSL1018 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button TSL1018 Datasheet HTML 4Page - STMicroelectronics TSL1018 Datasheet HTML 5Page - STMicroelectronics TSL1018 Datasheet HTML 6Page - STMicroelectronics TSL1018 Datasheet HTML 7Page - STMicroelectronics TSL1018 Datasheet HTML 8Page - STMicroelectronics TSL1018 Datasheet HTML 9Page - STMicroelectronics TSL1018 Datasheet HTML 10Page - STMicroelectronics TSL1018 Datasheet HTML 11Page - STMicroelectronics TSL1018 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
Electrical characteristics
TSL1018
8/15
Figure 20.
Voltage output low (VOL) vs. output
current - buffer Q, R & COM
Figure 21.
Positive slew rate vs. temperature
-100
-80
-60
-40
-20
0
0.0
0.5
1.0
1.5
2.0
T
AM B
=-40°C
T
AM B
=+25°C
T
AM B
=+95°C
Buffers Q , R & CO M
V
CC
= 16.8V
O utput current (m A)
-4 0
-20
0
2040608 0
0.0
0.5
1.0
1.5
2.0
V
CC
= 16.8 V
V
CC
= 10V
V
CC
=5.5V
B u ffers A & B
A m bient Tem p eratu re (°C )
Figure 22.
Positive slew rate vs. temperature
Figure 23.
Positive slew rate vs. temperature
-40
-2 0
0
2 04060
80
0.0
0.5
1.0
1.5
2.0
B uffers C to R
V
CC
= 16.8V
V
CC
= 10V
V
CC
=5.5 V
A m bien t Tem p erature (°C )
-40
-20
0
2040
6080
0.0
0.5
1.0
1.5
2.0
V
CC
=5.5 V
V
CC
= 10V
V
CC
= 16.8V
Buffer C O M
A m b ien t tem p eratu re (°C )
Figure 24.
Negative slew rate vs. temperature
Figure 25.
Negative slew rate vs. temperature
-4 0
-20
0
204 0608 0
0.0
0.5
1.0
1.5
2.0
V
CC
=16.8V
V
CC
=10V
V
CC
=5.5 V
B uffers A & B
A m b ien t T em p eratu re (°C )
-4 0
-20
0
2040608 0
0.0
0.5
1.0
1.5
2.0
V
CC
=10V
V
CC
= 16.8V
V
CC
=5.5V
B uffe rs C to R
A m bient Tem p eratu re (°C )



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com