Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSL1020IF Datasheet(PDF) 13 Page - STMicroelectronics

Part # TSL1020IF
Description  20 1 channel buffer for TFT-LCD panels
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSL1020IF Datasheet(HTML) 13 Page - STMicroelectronics

Back Button TSL1020IF Datasheet HTML 8Page - STMicroelectronics TSL1020IF Datasheet HTML 9Page - STMicroelectronics TSL1020IF Datasheet HTML 10Page - STMicroelectronics TSL1020IF Datasheet HTML 11Page - STMicroelectronics TSL1020IF Datasheet HTML 12Page - STMicroelectronics TSL1020IF Datasheet HTML 13Page - STMicroelectronics TSL1020IF Datasheet HTML 14Page - STMicroelectronics TSL1020IF Datasheet HTML 15Page - STMicroelectronics TSL1020IF Datasheet HTML 16Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
TSL1020
Package information
13/16
4
Package information
In order to meet environmental requirements, STMicroelectronics offers these devices in
ECOPACK® packages. These packages have a lead-free second level interconnect. The
category of second level interconnect is marked on the package and on the inner box label,
in compliance with JEDEC Standard JESD97. The maximum ratings related to soldering
conditions are also marked on the inner box label. ECOPACK is an STMicroelectronics
trademark. ECOPACK specifications are available at: www.st.com.
Table 4.
TQFP48 ePad package mechanical data
Ref.
Dimensions
Millimeters
Inches
Min.
Typ.
Max.
Min.
Typ.
Max.
A1.20
0.047
A1
0.05
0.15
0.002
0.006
A2
0.95
1.00
1.05
0.037
0.039
0.041
b
0.17
0.22
0.27
0.007
0.009
0.011
c
0.09
0.20
0.004
0.008
D
8.80
9.00
9.20
0.346
0.354
0.362
D1
6.80
7.00
7.20
0.268
0.276
0.283
D2
2.00
0.079
D3
5.50
0.217
E
8.80
9.00
9.20
0.346
0.354
0.362
E1
6.80
7.00
7.20
0.268
0.276
0.283
E2
2.00
0.079
E3
5.50
0.217
e
0.50
0.020
L
0.45
0.60
0.75
0.018
0.024
0.030
L1
1.00
0.039
k
0°3.5°7°
0°
3.5°
7°
ccc
0.08
0.003



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com