Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VB6851 Datasheet(PDF) 2 Page - STMicroelectronics

Part # VB6851
Description  QXGA camera module with auto focus
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VB6851 Datasheet(HTML) 2 Page - STMicroelectronics

  VB6851 Datasheet HTML 1Page - STMicroelectronics VB6851 Datasheet HTML 2Page - STMicroelectronics VB6851 Datasheet HTML 3Page - STMicroelectronics VB6851 Datasheet HTML 4Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Overview
VB6851
2/4
1
Overview
Figure 1.
System diagram
Figure 2.
Block diagram
EXTCLK
XSHUTDOWN
CCP 2.0
3 megapixel
VB6851
auto-focus
camera
CCI
baseband
or
(STn8815)
processor
module
STV0986 Imaging
system controller
or
application
(CLKP, CLKN)
(SLC + SDA)
SCL
SDA
EXTCLK
XSHUTDOWN
CLKP
CLKN
DATAP
DATAN
VANA
AGND
VDIG
DGND
VCAP
X Decoder
Line SRAM
Dark Cal
Scaling
Formatter
Sensor
control
registers
PLL and clock management
Power Mgmt
Power-on reset
VB6851
GR
2056 x 1544
Pixel array
X Decoder
Line SRAM
Column ADC
Column ADC
Output
Output
De-rating
Defect
Correction
Table 1.
Technical specifications
Parameter
Description
Pixel resolution
2048 x 1536 (QXGA)
Sensor technology
ST IMG175 process
Pixel size
1.75 µm x 1.75 µm
Exposure control
+ 81 dB
Analog gain
+ 24 dB (max)
Digital gain
+ 6 dB (max)
Dynamic range
60 dB
Signal to noise
36 dB (@ 100 lux)
Supply voltages
Analog: 2.4 V - 2.9 V
Digital: 1.7 V - 1.9 V
Average power consumption 20fps
<150 mW in infinity
<350 mW at macro including actuator current
Package size (lxwxh)
8.5 mm x 8.5 mm x 5.9 mm
Lens
51° +/- 2 HFOV F/2.8
TV distortion
<|1.0%|
Relative illumination
45 % (typ.)
Package type
SMIA85 auto-focus
System attach
SMIA85 socket



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com