Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSL1020IFT Datasheet(PDF) 9 Page - STMicroelectronics

Part # TSL1020IFT
Description  20 1 channel buffer for TFT-LCD panels
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSL1020IFT Datasheet(HTML) 9 Page - STMicroelectronics

Back Button TSL1020IFT Datasheet HTML 5Page - STMicroelectronics TSL1020IFT Datasheet HTML 6Page - STMicroelectronics TSL1020IFT Datasheet HTML 7Page - STMicroelectronics TSL1020IFT Datasheet HTML 8Page - STMicroelectronics TSL1020IFT Datasheet HTML 9Page - STMicroelectronics TSL1020IFT Datasheet HTML 10Page - STMicroelectronics TSL1020IFT Datasheet HTML 11Page - STMicroelectronics TSL1020IFT Datasheet HTML 12Page - STMicroelectronics TSL1020IFT Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
TSL1020
Electrical characteristics
9/16
Figure 26.
Positive slew rate vs. temperature
Figure 27.
Negative slew rate vs. temperature
-40
-20
0
2040
6080
100
0.0
0.4
0.8
1.2
1.6
V
CC
= 16.8V
V
CC
= 10V
V
CC
= 5.5V
Amplifier COM
Temperature (°C)
-40
-20
0
20
40
60
80
100
0.0
0.4
0.8
1.2
V
CC
= 16.8V
V
CC
= 10V
V
CC
= 5.5V
Amplifiers A & B
Temperature (°C)
Figure 28.
Negative slew rate vs. temperature
Figure 29.
Negative slew rate vs. temperature
-40
-20
0
2040
6080
100
0.0
0.4
0.8
1.2
1.6
V
CC
= 16.8V
V
CC
= 10V
V
CC
= 5.5V
Amplifiers C to T
Temperature (°C)
-40
-20
0
20
40
60
80
100
0.0
0.4
0.8
1.2
1.6
V
CC
= 16.8V
V
CC
= 10V
V
CC
= 5.5V
Amplifier COM
Temperature (°C)
Figure 30.
Large signal response -
Amplifiers A & B
Figure 31.
Large signal response -
Amplifiers A & B
-1
0
1234
56
-4
-3
-2
-1
0
1
2
3
4
Amplifiers A & B
V
CC
=10V
T
AMB
=+25°C
Z
L
=10k
Ω//16pF
Time (µs)
-1
0
1234
56
-4
-3
-2
-1
0
1
2
3
4
Amplifiers A & B
V
CC
=10V
T
AMB
=+25°C
Z
L
=10k
Ω//16pF
Time (µs)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com