Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV-366-R04 Datasheet(PDF) 7 Page - STMicroelectronics

Part # STV-366-R04
Description  1.8V optical mouse sensor
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV-366-R04 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button STV-366-R04 Datasheet HTML 3Page - STMicroelectronics STV-366-R04 Datasheet HTML 4Page - STMicroelectronics STV-366-R04 Datasheet HTML 5Page - STMicroelectronics STV-366-R04 Datasheet HTML 6Page - STMicroelectronics STV-366-R04 Datasheet HTML 7Page - STMicroelectronics STV-366-R04 Datasheet HTML 8Page - STMicroelectronics STV-366-R04 Datasheet HTML 9Page - STMicroelectronics STV-366-R04 Datasheet HTML 10Page - STMicroelectronics STV-366-R04 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 30 page
background image
VT5366
Design notes
7/30
Figure 4.
VT5366 optical centre
3.3
Sensor orientation on PCB
The VT5366 must be orientated correctly on the PCB in order to move the cursor in the
correct directions when the mouse is moved. This is shown in
Figure 5.
Figure 5.
VT5366 optical centre
Optical centre (-0.243mm, +0.215mm)
mechanical centre
of package (0,0)
pin 1 marking
TOP VIEW OF VT5366
pin 1 marking
TOP VIEW of PCB
UP
DOWN
LEFT
VT5366 mounted UNDERNEATH
RIGHT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com