Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STB4NK60Z Datasheet(PDF) 1 Page - STMicroelectronics

Part # STB4NK60Z
Description  N-CHANNEL600V-1.76ohm-4ATO-220/FP/DPAK/IPAK/D2PAK/I2PAK Zener-Protected SuperMESH™ Power MOSFET
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STB4NK60Z Datasheet(HTML) 1 Page - STMicroelectronics

  STB4NK60Z Datasheet HTML 1Page - STMicroelectronics STB4NK60Z Datasheet HTML 2Page - STMicroelectronics STB4NK60Z Datasheet HTML 3Page - STMicroelectronics STB4NK60Z Datasheet HTML 4Page - STMicroelectronics STB4NK60Z Datasheet HTML 5Page - STMicroelectronics STB4NK60Z Datasheet HTML 6Page - STMicroelectronics STB4NK60Z Datasheet HTML 7Page - STMicroelectronics STB4NK60Z Datasheet HTML 8Page - STMicroelectronics STB4NK60Z Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
1/16
March 2003
STP4NK60Z-STP4NK60ZFP-STB4NK60Z-1
STB4NK60Z-STD4NK60Z-STD4NK60Z-1
N-CHANNEL600V-1.76
Ω-4ATO-220/FP/DPAK/IPAK/D2PAK/I2PAK
Zener-Protected SuperMESH™Power MOSFET
s
TYPICAL RDS(on) = 1.76 Ω
s
EXTREMELY HIGH dv/dt CAPABILITY
s
100% AVALANCHE TESTED
s
GATE CHARGE MINIMIZED
s
VERY LOW INTRINSIC CAPACITANCES
s
VERY GOOD MANUFACTURING
REPEATIBILITY
DESCRIPTION
The SuperMESH™ series is obtained through an
extreme optimization of ST’s well established strip-
based PowerMESH™ layout. In addition to pushing
on-resistance significantly down, special care is tak-
en to ensure a very good dv/dt capability for the
most demanding applications. Such series comple-
ments ST full range of high voltage MOSFETs in-
cluding revolutionary MDmesh™ products.
APPLICATIONS
s
HIGH CURRENT, HIGH SPEED SWITCHING
s
IDEAL FOR OFF-LINE POWER SUPPLIES,
ADAPTORS AND PFC
s
LIGHTING
ORDERING INFORMATION
TYPE
VDSS
RDS(on)
ID
Pw
STP4NK60Z
STP4NK60ZFP
STB4NK60Z
STB4NK60Z-1
STD4NK60Z
STD4NK60Z-1
600 V
600 V
600 V
600 V
600 V
600 V
<2
Ω
<2
Ω
<2
Ω
<2
Ω
<2
Ω
<2
Ω
4A
4A
4A
4A
4A
4A
70 W
25 W
70 W
70 W
70 W
70 W
SALES TYPE
MARKING
PACKAGE
PACKAGING
STP4NK60Z
P4NK60Z
TO-220
TUBE
STP4NK60ZFP
P4NK60ZFP
TO-220FP
TUBE
STB4NK60ZT4
B4NK60Z
D2PAK
TAPE & REEL
STB4NK60Z-1
B4NK60Z
I2PAK
TUBE
STD4NK60ZT4
D4NK60Z
DPAK
TAPE & REEL
STD4NK60Z-1
D4NK60Z
IPAK
TUBE
TO-220
TO-220FP
1
2
3
1
3
DPAK
3
2
1
IPAK
1
3
D2PAK
1
2
3
I2PAK
INTERNAL SCHEMATIC DIAGRAM


Similar Part No. - STB4NK60Z

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STB4NK60Z STMICROELECTRONICS-STB4NK60Z Datasheet
578Kb / 20P
N-channel 600 V - 1.76 Ω - 4 A SuperMESH??Power MOSFET DPAK - D2PAK - IPAK - I2PAK - TO-220 - TO-220FP
16-Apr-2008
STB4NK60Z STMICROELECTRONICS-STB4NK60Z Datasheet
970Kb / 28P
N-channel 600 V, 1.76 Ω, 4 A SuperMESH™Power MOSFET in DPAK, D2PAK, IPAK, I2PAK, TO-220, TO-220FP
11-Jul-2011
logo
VBsemi Electronics Co.,...
STB4NK60Z VBSEMI-STB4NK60Z Datasheet
1Mb / 9P
N-Channel 650 V (D-S) MOSFET
logo
STMicroelectronics
STB4NK60Z-1 STMICROELECTRONICS-STB4NK60Z-1 Datasheet
578Kb / 20P
N-channel 600 V - 1.76 Ω - 4 A SuperMESH??Power MOSFET DPAK - D2PAK - IPAK - I2PAK - TO-220 - TO-220FP
16-Apr-2008
STB4NK60Z-1 STMICROELECTRONICS-STB4NK60Z-1 Datasheet
970Kb / 28P
N-channel 600 V, 1.76 Ω, 4 A SuperMESH™Power MOSFET in DPAK, D2PAK, IPAK, I2PAK, TO-220, TO-220FP
11-Jul-2011
More results

Similar Description - STB4NK60Z

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STB5NK50Z STMICROELECTRONICS-STB5NK50Z Datasheet
618Kb / 14P
N-CHANNEL500V-1.22ohm-4.4ATO-220/FP/DPAK/IPAK/I2PAK Zener-Protected SuperMESH?줡ower MOSFET
Apr-2003
STP14NK60Z STMICROELECTRONICS-STP14NK60Z Datasheet
672Kb / 17P
N-CHANNEL 600V-0.45ohm-13.5A TO-220/FP/D2PAK/I2PAK/TO-247 Zener-Protected SuperMESH Power MOSFET
06-Sep-2005
STP15NK50Z STMICROELECTRONICS-STP15NK50Z Datasheet
672Kb / 14P
N-CHANNEL500V-0.30ohm-14ATO-220/FP/D2PAK/I2PAK/TO-247 Zener-Protected SuperMESH™ Power MOSFET
Aug-2002
STP3NK60Z STMICROELECTRONICS-STP3NK60Z Datasheet
755Kb / 15P
N-CHANNEL 600V - 3.3ohm - 2.4A TO-220/FP/D2PAK/DPAK/IPAK Zener-Protected SuperMESH™ Power MOSFET
Jul-2003
STP9NK60Z STMICROELECTRONICS-STP9NK60Z Datasheet
581Kb / 13P
N-CHANNEL 600V - 0.85ohm - 7A TO-220/FP/D2PAK/I2PAK Zener-Protected SuperMESH™ 줡ower MOSFET
June 2002
STP3NK80Z STMICROELECTRONICS-STP3NK80Z Datasheet
608Kb / 13P
N-CHANNEL 800V - 3.8W - 2.5A TO-220/FP/DPAK/IPAK Zener-Protected SuperMESH™ Power MOSFET
September 2003
STB5NK50Z-1 STMICROELECTRONICS-STB5NK50Z-1 Datasheet
447Kb / 14P
N-CHANNEL500V-1.22W-4.4ATO-220/FP/DPAK/IPAK/I2PAK Zener-Protected SuperMESH Power MOSFET
Apr-2003
STP14NK50Z STMICROELECTRONICS-STP14NK50Z_06 Datasheet
626Kb / 19P
N-channel 500V - 0.34OHM - 14A TO-220/FP/D2PAK/I2PAK/TO-247 Zener-protected SuperMESH Power MOSFET
26-Jul-2006
STP5NK52ZD STMICROELECTRONICS-STP5NK52ZD Datasheet
396Kb / 17P
N-channel 520V - 1.22Ω - 4.4A - TO-220 - DPAK - I2PAK - IPAK Zener-protected SuperMESH??Power MOSFET
23-Mar-2006
STB9NK50ZT4 STMICROELECTRONICS-STB9NK50ZT4 Datasheet
371Kb / 13P
N-CHANNEL 500V - 7.2A TO-220/FP/D2PAK/I2PAK Zener-Protected SuperMESH MOSFET
Jun-2004
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com