Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZVG53W-3 Datasheet(PDF) 1 Page - SunLED Corporation

Part # ZVG53W-3
Description  1.6X0.8mm SMD CHIP LED LAMP
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUNLED [SunLED Corporation]
Direct Link  http://www.sunled.com
Logo SUNLED - SunLED Corporation

ZVG53W-3 Datasheet(HTML) 1 Page - SunLED Corporation

  ZVG53W-3 Datasheet HTML 1Page - SunLED Corporation ZVG53W-3 Datasheet HTML 2Page - SunLED Corporation ZVG53W-3 Datasheet HTML 3Page - SunLED Corporation ZVG53W-3 Datasheet HTML 4Page - SunLED Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Published Date : FEB 28,2008
Drawing No : SDSA4435
V3
Checked : B.L.LIU
P.1/4
Part Number:
ZVG53W-3
1.6X0.8mm SMD CHIP LED LAMP
www.SunLED.com
Notes:
1. All dimensions are in millimeters (inches).
2. Tolerance is ± 0.1(0.004") unless otherwise noted.
3.Specifications are subject to change without notice.
Features
1.6mmx0.8mm SMT LED, 0.45mm MAX. THICKNESS.
LOW POWER CONSUMPTION.
WIDE VIEWING ANGLE.
IDEAL FOR BACKLIGHT AND INDICATOR.
VARIOUS COLORS AND LENS TYPES AVAILABLE.
PACKAGE : 2000PCS / REEL.
MOISTURE SENSITIVITY LEVEL : LEVEL 3.
●RoHS COMPLIANT.
Part
Number
Emitting
Color
Emitting
Material
Lens-color
Luminous
Intensity
(IF=20mA)
mcd
Wavelength
nm
λ P
Viewing
Angle
2
θ 1/2
min.
typ.
ZVG53W-3
Green
InGaAlP
Water Clear
10
39
574
120°
Absolute Maximum Ratings
(TA=25°C)
VG
(InGaAlP)
Unit
Reverse Voltage
VR
5
V
Forward Current
IF
30
mA
Forward Current (peak)
1/10 Duty Cycle
0.1ms Pulse Width
iFS
150
mA
Power Dissipation
PT
75
mW
Operating Temperature
TA
-40 ~ +85
°C
Storage Temperature
Tstg
-40 ~ +85
VG
(InGaAlP)
Unit
Forward Voltage (Typ.)
(IF=20mA)
VF
2.1
V
Forward Voltage (Max.)
(IF=20mA)
VF
2.5
V
Reverse Current (Max.)
(VR=5V)
IR
10
uA
Wavelength of Peak
Emission (Typ.)
(IF=20mA)
λ P
574
nm
Wavelength of Dominant
Emission (Typ.)
(IF=20mA)
λ D
570
nm
Spectral Line Full Width
At Half-Maximum (Typ.)
(IF=20mA)
Δλ
20
nm
Capacitance (Typ.)
(VF=0V, f=1MHz)
C
15
pF
Operating Characteristics
(TA=25°C)
R.
CHE
N
數位簽署者:R.
CHEN
DN:cn=R.CHEN,
o=SPEC專用,
ou=SPEC專用,
email=fangdh@cn.
kingbright.com, c=<
無>
日期︰2008.02.29
14:57:03 +08'00'


Similar Part No. - ZVG53W-3

ManufacturerPart #DatasheetDescription
logo
SunLED Corporation
ZVG53W-1 SUNLED-ZVG53W-1 Datasheet
186Kb / 4P
1.6X0.8mm SMD CHIP LED LAMP
More results

Similar Description - ZVG53W-3

ManufacturerPart #DatasheetDescription
logo
Kingbright Corporation
KP-1608SYC KINGBRIGHT-KP-1608SYC Datasheet
96Kb / 4P
1.6x0.8mm SMD CHIP LED LAMP
AP1608CGCK KINGBRIGHT-AP1608CGCK Datasheet
121Kb / 4P
1.6X0.8mm SMD CHIP LED LAMP
APHK1608PBC-A KINGBRIGHT-APHK1608PBC-A Datasheet
170Kb / 5P
1.6x0.8mm SMD CHIP LED LAMP
APHK1608QBC-D KINGBRIGHT-APHK1608QBC-D Datasheet
284Kb / 5P
1.6x0.8mm SMD CHIP LED LAMP
APHK1608RWC-A KINGBRIGHT-APHK1608RWC-A Datasheet
395Kb / 7P
1.6x0.8mm SMD CHIP LED LAMP
APHK1608SECK KINGBRIGHT-APHK1608SECK Datasheet
278Kb / 5P
1.6x0.8mm SMD CHIP LED LAMP
APHK1608SURCK KINGBRIGHT-APHK1608SURCK Datasheet
278Kb / 5P
1.6x0.8mm SMD CHIP LED LAMP
APHK1608SYC KINGBRIGHT-APHK1608SYC Datasheet
158Kb / 5P
1.6x0.8mm SMD CHIP LED LAMP
APHM1608YCT KINGBRIGHT-APHM1608YCT Datasheet
114Kb / 4P
1.6x0.8mm SMD CHIP LED LAMP
logo
SunLED Corporation
ZURT53W-3 SUNLED-ZURT53W-3 Datasheet
192Kb / 4P
1.6X0.8mm SMD CHIP LED LAMP
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com