Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZVG54W Datasheet(PDF) 1 Page - SunLED Corporation

Part # ZVG54W
Description  2.0x1.25mm SMD CHIP LED LAMP
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUNLED [SunLED Corporation]
Direct Link  http://www.sunled.com
Logo SUNLED - SunLED Corporation

ZVG54W Datasheet(HTML) 1 Page - SunLED Corporation

  ZVG54W Datasheet HTML 1Page - SunLED Corporation ZVG54W Datasheet HTML 2Page - SunLED Corporation ZVG54W Datasheet HTML 3Page - SunLED Corporation ZVG54W Datasheet HTML 4Page - SunLED Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Part Number:
ZVG54W
Published Date : FEB 26,2008
Drawing No : SDSA0642
V5
Checked : B.L.LIU
P.1/4
2.0x1.25mm SMD CHIP LED LAMP
www.SunLED.com
Notes:
1. All dimensions are in millimeters (inches).
2. Tolerance is ± 0.1(0.004") unless otherwise noted.
3.Specifications are subject to change without notice.
Part
Number
Emitting
Color
Emitting
Material
Lens-color
Luminous
Intensity
(IF=20mA)
mcd
Wavelength
nm
λ P
Viewing
Angle
2
θ 1/2
min.
typ.
ZVG54W
Green
InGaAlP
Water Clear
10
39
574
120°
Absolute Maximum Ratings
(TA=25°C)
VG
(InGaAlP)
Unit
Reverse Voltage
VR
5
V
Forward Current
IF
30
mA
Forward Current (peak)
1/10 Duty Cycle
0.1ms Pulse Width
iFS
150
mA
Power Dissipation
PT
75
mW
Operating Temperature
TA
-40 ~ +85
°C
Storage Temperature
Tstg
-40 ~ +85
VG
(InGaAlP)
Unit
Forward Voltage (Typ.)
(IF=20mA)
VF
2.1
V
Forward Voltage (Max.)
(IF=20mA)
VF
2.5
V
Reverse Current (Max.)
(VR=5V)
IR
10
uA
Wavelength of Peak
Emission (Typ.)
(IF=20mA)
λ P
574
nm
Wavelength of Dominant
Emission (Typ.)
(IF=20mA)
λ D
570
nm
Spectral Line Full Width
At Half-Maximum (Typ.)
(IF=20mA)
Δλ
20
nm
Capacitance (Typ.)
(VF=0V, f=1MHz)
C
15
pF
Operating Characteristics
(TA=25°C)
Features
2.0mmx1.25mm SMT LED,1.1mm THICKNESS.
LOW POWER CONSUMPTION.
WIDE VIEWING ANGLE.
IDEAL FOR BACKLIGHT AND INDICATOR.
VARIOUS COLORS AND LENS TYPES AVAILABLE.
PACKAGE : 2000PCS / REEL.
MOISTURE SENSITIVITY LEVEL : LEVEL 3.
RoHS COMPLIANT.
R.
CHE
N
數位簽署者:R.CHEN
DN:cn=R.CHEN, o=SPEC專
用, ou=SPEC專用,
email=fangdh@cn.kingbright.
com, c=<無>
日期︰2008.02.26 16:01:56
+08'00'


Similar Part No. - ZVG54W

ManufacturerPart #DatasheetDescription
logo
SunLED Corporation
ZVG54W-1 SUNLED-ZVG54W-1 Datasheet
187Kb / 4P
2.0x1.25mm SMD CHIP LED LAMP
ZVG54W-4 SUNLED-ZVG54W-4 Datasheet
189Kb / 4P
2.0x1.25mm SMD CHIP LED LAMP
More results

Similar Description - ZVG54W

ManufacturerPart #DatasheetDescription
logo
Gilway Technical Lamp
GHB-0805-B GILWAY-GHB-0805-B Datasheet
141Kb / 4P
2.0x1.25mm SMD CHIP LED LAMP
GHB-0805-R GILWAY-GHB-0805-R Datasheet
134Kb / 4P
2.0x1.25mm SMD CHIP LED LAMP
logo
Kingbright Corporation
AP2012SURC KINGBRIGHT-AP2012SURC Datasheet
125Kb / 4P
2.0x1.25mm SMD CHIP LED LAMP
APT2012SGC KINGBRIGHT-APT2012SGC_07 Datasheet
273Kb / 5P
2.0x1.25mm SMD CHIP LED LAMP
AP2012PBC-A KINGBRIGHT-AP2012PBC-A Datasheet
158Kb / 5P
2.0x1.25mm SMD CHIP LED LAMP
APHCM2012SECK-F01 KINGBRIGHT-APHCM2012SECK-F01 Datasheet
281Kb / 5P
2.0x1.25mm SMD CHIP LED LAMP
APHCM2012SYCK-F01 KINGBRIGHT-APHCM2012SYCK-F01 Datasheet
279Kb / 5P
2.0x1.25mm SMD CHIP LED LAMP
APHCM2012VGC-A-F01 KINGBRIGHT-APHCM2012VGC-A-F01 Datasheet
284Kb / 5P
2.0x1.25mm SMD CHIP LED LAMP
APT2012ZGC-E KINGBRIGHT-APT2012ZGC-E Datasheet
277Kb / 5P
2.0x1.25mm SMD CHIP LED LAMP
logo
HK TO-GRACE TECHNOLOGY ...
AP2012SYCK TO-GRACE-AP2012SYCK Datasheet
1Mb / 5P
2.0x1.25mm SMD CHIP LED LAMP
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com