Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZVG55W Datasheet(PDF) 1 Page - SunLED Corporation

Part # ZVG55W
Description  3.2x1.6mm SMD CHIP LED LAMP
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUNLED [SunLED Corporation]
Direct Link  http://www.sunled.com
Logo SUNLED - SunLED Corporation

ZVG55W Datasheet(HTML) 1 Page - SunLED Corporation

  ZVG55W Datasheet HTML 1Page - SunLED Corporation ZVG55W Datasheet HTML 2Page - SunLED Corporation ZVG55W Datasheet HTML 3Page - SunLED Corporation ZVG55W Datasheet HTML 4Page - SunLED Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Part Number:
ZVG55W
Published Date : FEB 27 ,2008
Drawing No : SDSA0641
V4
Checked : B.L.LIU
P.1/4
3.2x1.6mm SMD CHIP LED LAMP
www.SunLED.com
Notes:
1. All dimensions are in millimeters (inches).
2. Tolerance is ± 0.2(0.008") unless otherwise noted.
3.Specifications are subject to change without notice.
Features
3.2mmx1.6mm SMT LED, 1.1mm THICKNESS.
LOW POWER CONSUMPTION.
WIDE VIEWING ANGLE.
IDEAL FOR BACKLIGHT AND INDICATOR.
VARIOUS COLORS AND LENS TYPES AVAILABLE.
PACKAGE : 2000PCS / REEL.
MOISTURE SENSITIVITY LEVEL : LEVEL 3.
RoHS COMPLIANT.
Part
Number
Emitting
Color
Emitting
Material
Lens-color
Luminous
Intensity
(IF=20mA)
mcd
Wavelength
nm
λ P
Viewing
Angle
2
θ 1/2
min.
typ.
ZVG55W
Green
InGaAlP
Water Clear
10
39
574
120
°
Absolute Maximum Ratings
(TA=25°C)
VG
(InGaAlP)
Unit
Reverse Voltage
VR
5
V
Forward Current
IF
30
mA
Forward Current (peak)
1/10 Duty Cycle
0.1ms Pulse Width
iFS
150
mA
Power Dissipation
PT
75
mW
Operating Temperature
TA
-40 ~ +85
°C
Storage Temperature
Tstg
-40 ~ +85
VG
(InGaAlP)
Unit
Forward Voltage (Typ.)
(IF=20mA)
VF
2.1
V
Forward Voltage (Max.)
(IF=20mA)
VF
2.5
V
Reverse Current (Max.)
(VR=5V)
IR
10
uA
Wavelength of Peak
Emission (Typ.)
(IF=20mA)
λ P
574
nm
Wavelength of Dominant
Emission (Typ.)
(IF=20mA)
λ D
570
nm
Spectral Line Full Width
At Half-Maximum (Typ.)
(IF=20mA)
Δλ
20
nm
Capacitance (Typ.)
(VF=0V, f=1MHz)
C
15
pF
Operating Characteristics
(TA=25°C)


Similar Part No. - ZVG55W

ManufacturerPart #DatasheetDescription
logo
SunLED Corporation
ZVG55W-1 SUNLED-ZVG55W-1 Datasheet
188Kb / 4P
3.2mmx1.6mm SMD CHIP LED LAMP
ZVG55W-2 SUNLED-ZVG55W-2 Datasheet
189Kb / 4P
3.2x1.6mm SMD CHIP LED LAMP
ZVG55W-3 SUNLED-ZVG55W-3 Datasheet
192Kb / 4P
3.2x1.6mm SMD CHIP LED LAMP
ZVG55W-A2 SUNLED-ZVG55W-A2 Datasheet
192Kb / 4P
3.2mmx1.6mm SMD CHIP LED LAMP
More results

Similar Description - ZVG55W

ManufacturerPart #DatasheetDescription
logo
Kingbright Corporation
APTR3216SGC KINGBRIGHT-APTR3216SGC Datasheet
128Kb / 4P
3.2x1.6mm SMD CHIP LED LAMP
logo
Gilway Technical Lamp
GHB-1206L-O2 GILWAY-GHB-1206L-O2 Datasheet
137Kb / 4P
3.2x1.6mm SMD CHIP LED LAMP
GHB-1206L-Y GILWAY-GHB-1206L-Y Datasheet
142Kb / 4P
3.2x1.6mm SMD CHIP LED LAMP
GHB-1206-YG2 GILWAY-GHB-1206-YG2 Datasheet
139Kb / 4P
3.2x1.6mm SMD CHIP LED LAMP
logo
Kingbright Corporation
AP3216MBC KINGBRIGHT-AP3216MBC Datasheet
124Kb / 4P
3.2x1.6mm SMD CHIP LED LAMP
AP3216MGC KINGBRIGHT-AP3216MGC Datasheet
112Kb / 4P
3.2x1.6mm SMD CHIP LED LAMP
APK3216TGC KINGBRIGHT-APK3216TGC Datasheet
102Kb / 4P
3.2x1.6mm SMD CHIP LED LAMP
APTL3216ZGC KINGBRIGHT-APTL3216ZGC Datasheet
287Kb / 5P
3.2x1.6mm SMD CHIP LED LAMP
APTR3216CGCK KINGBRIGHT-APTR3216CGCK Datasheet
274Kb / 5P
3.2x1.6mm SMD CHIP LED LAMP
APTR3216EC KINGBRIGHT-APTR3216EC Datasheet
275Kb / 5P
3.2x1.6mm SMD CHIP LED LAMP
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com