Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZVG56W Datasheet(PDF) 1 Page - SunLED Corporation

Part # ZVG56W
Description  3.0mmx1.0 mm RIGHT ANGLE SMD CHIP LED LAMP
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUNLED [SunLED Corporation]
Direct Link  http://www.sunled.com
Logo SUNLED - SunLED Corporation

ZVG56W Datasheet(HTML) 1 Page - SunLED Corporation

  ZVG56W Datasheet HTML 1Page - SunLED Corporation ZVG56W Datasheet HTML 2Page - SunLED Corporation ZVG56W Datasheet HTML 3Page - SunLED Corporation ZVG56W Datasheet HTML 4Page - SunLED Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
www.SunLED.com
Published Date : FEB 25, 2008
Drawing No : SDSA1739
V5
Checked : B.L.LIU
P.1/4
Part Number:
ZVG56W
3.0mmx1.0 mm RIGHT ANGLE SMD CHIP LED
LAMP
Part
Number
Emitting
Color
Emitting
Material
Lens-color
Luminous
Intensity
(IF=20mA)
mcd
Wavelength
nm
λ P
Viewing
Angle
2
θ 1/2
min.
typ.
ZVG56W
Green
InGaAlP
Water Clear
18
59
574
120°
Notes:
1. All dimensions are in millimeters (inches).
2. Tolerance is ± 0.15(0.006") unless otherwise noted.
3. Specifications are subject to change without notice.
Features
3.0mmx1.0mm RIGHT ANGLE SMT LED, 2.0mm
THICKNESS.
LOW POWER CONSUMPTION.
WIDE VIEWING ANGLE.
IDEAL FOR BACK LIGHT AND INDICATOR.
VARIOUS COLORS AND LENS TYPES AVAILABLE.
PACKAGE : 2000PCS / REEL.
MOISTURE SENSITIVITY LEVEL : LEVEL 3.
RoHS COMPLIANT.
Absolute Maximum Ratings
(TA=25°C)
VG
(InGaAlP)
Unit
Reverse Voltage
VR
5
V
Forward Current
IF
30
mA
Forward Current (peak)
1/10 Duty Cycle
0.1ms Pulse Width
iFS
150
mA
Power Dissipation
PT
75
mW
Operating Temperature
TA
-40 ~ +85
°C
Storage Temperature
Tstg
-40 ~ +85
VG
(InGaAlP)
Unit
Forward Voltage (Typ.)
(IF=20mA)
VF
2.1
V
Forward Voltage (Max.)
(IF=20mA)
VF
2.5
V
Reverse Current (Max.)
(VR=5V)
IR
10
uA
Wavelength Of Peak
Emission (Typ.)
(IF=20mA)
λ P
574
nm
Wavelength Of Dominant
Emission (Typ.)
(IF=20mA)
λ D
570
nm
Spectral Line Full Width
At Half-Maximum (Typ.)
(IF=20mA)
Δλ
20
nm
Capacitance (Typ.)
(VF=0V, f=1MHz)
C
15
pF
Operating Characteristics
(TA=25°C)


Similar Part No. - ZVG56W

ManufacturerPart #DatasheetDescription
logo
SunLED Corporation
ZVG56W-1 SUNLED-ZVG56W-1 Datasheet
200Kb / 4P
3. 0mmx1.0 mm RIGHT ANGLE SMD CHIP LED LAMP
More results

Similar Description - ZVG56W

ManufacturerPart #DatasheetDescription
logo
Kingbright Corporation
APA3010CGCK KINGBRIGHT-APA3010CGCK Datasheet
274Kb / 5P
3.0mmx1.0 mm RIGHT ANGLE SMD CHIP LED LAMP
APA3010MGC KINGBRIGHT-APA3010MGC Datasheet
274Kb / 5P
3.0mmx1.0 mm RIGHT ANGLE SMD CHIP LED LAMP
APA3010PBC KINGBRIGHT-APA3010PBC Datasheet
280Kb / 5P
3.0mmx1.0 mm RIGHT ANGLE SMD CHIP LED LAMP
APA3010QBC KINGBRIGHT-APA3010QBC Datasheet
281Kb / 5P
3.0mmx1.0 mm RIGHT ANGLE SMD CHIP LED LAMP
APA3010SRCPRV KINGBRIGHT-APA3010SRCPRV Datasheet
275Kb / 5P
3.0mmx1.0 mm RIGHT ANGLE SMD CHIP LED LAMP
APA3010SYCK KINGBRIGHT-APA3010SYCK Datasheet
274Kb / 5P
3.0mmx1.0 mm RIGHT ANGLE SMD CHIP LED LAMP
APA3010PBC-A KINGBRIGHT-APA3010PBC-A Datasheet
290Kb / 5P
3.0mmx1.0 mm RIGHT ANGLE SMD CHIP LED LAMP
APA3010RWF_0706 KINGBRIGHT-APA3010RWF_0706 Datasheet
348Kb / 7P
3.0mmx1.0 mm RIGHT ANGLE SMD CHIP LED LAMP
logo
SunLED Corporation
ZM2CY56W SUNLED-ZM2CY56W Datasheet
186Kb / 4P
3.0mmx1.0 mm RIGHT ANGLE SMD CHIP LED LAMP
logo
HK TO-GRACE TECHNOLOGY ...
APA3010QWF-F-GX TO-GRACE-APA3010QWF-F-GX Datasheet
1Mb / 6P
3.0mmx1.0 mm RIGHT ANGLE SMD CHIP LED LAMP
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com