Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZVG60W Datasheet(PDF) 1 Page - SunLED Corporation

Part # ZVG60W
Description  3.0mmx1.5mm SMD CHIP LED LAMP
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUNLED [SunLED Corporation]
Direct Link  http://www.sunled.com
Logo SUNLED - SunLED Corporation

ZVG60W Datasheet(HTML) 1 Page - SunLED Corporation

  ZVG60W Datasheet HTML 1Page - SunLED Corporation ZVG60W Datasheet HTML 2Page - SunLED Corporation ZVG60W Datasheet HTML 3Page - SunLED Corporation ZVG60W Datasheet HTML 4Page - SunLED Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Part Number:
ZVG60W
Published Date : FEB 23, 2008
Drawing No : SDSA4502
V4
Checked : B.L.LIU
P.1/4
3.0mmx1.5mm SMD CHIP LED LAMP
www.SunLED.com
Features
3.0mmx1.5mm SMT LED,1.4mm THICKNESS.
LOW POWER CONSUMPTION.
WIDE VIEWING ANGLE.
IDEAL FOR BACKLIGHT AND INDICATOR.
VARIOUS COLORS AND LENS TYPES AVAILABLE.
PACKAGE : 2000PCS / REEL.
MOISTURE SENSITIVITY LEVEL : LEVEL 3.
RoHS COMPLIANT.
Part
Number
Emitting
Color
Emitting
Material
Lens-color
Luminous
Intensity
(IF=20mA)
mcd
Wavelength
nm
λ P
Viewing
Angle
2
θ 1/2
min.
typ.
ZVG60W
Green
InGaAlP
Water Clear
36
89
574
70°
Absolute Maximum Ratings
(TA=25°C)
VG
(InGaAlP)
Unit
Reverse Voltage
VR
5
V
Forward Current
IF
30
mA
Forward Current (peak)
1/10 Duty Cycle
0.1ms Pulse Width
iFS
150
mA
Power Dissipation
PT
75
mW
Operating Temperature
TA
-40 ~ +85
°C
Storage Temperature
Tstg
-40 ~ +85
VG
(InGaAlP)
Unit
Forward Voltage (Typ.)
(IF=20mA)
VF
2.1
V
Forward Voltage (Max.)
(IF=20mA)
VF
2.5
V
Reverse Current (Max.)
(VR=5V)
IR
10
uA
Wavelength of Peak
Emission (Typ.)
(IF=20mA)
λ P
574
nm
Wavelength of Dominant
Emission (Typ.)
(IF=20mA)
λ D
570
nm
Spectral Line Full Width
At Half-Maximum (Typ.)
(IF=20mA)
Δλ
20
nm
Capacitance (Typ.)
(VF=0V, f=1MHz)
C
15
pF
Operating Characteristics
(TA=25°C)
Notes:
1. All dimensions are in millimeters (inches).
2. Tolerance is ± 0.20(0.008") unless otherwise noted.
3.Specifications are subject to change without notice.


Similar Part No. - ZVG60W

ManufacturerPart #DatasheetDescription
logo
SunLED Corporation
ZVG64W-3 SUNLED-ZVG64W-3 Datasheet
202Kb / 4P
SUBMINIATURE SOLID STATE LAMP
ZVG64W-8 SUNLED-ZVG64W-8 Datasheet
206Kb / 4P
SUBMINIATURE SOLID STATE LAMP
ZVG64W-9 SUNLED-ZVG64W-9 Datasheet
202Kb / 4P
SUBMINIATURE SOLID STATE LAMP
ZVG65W SUNLED-ZVG65W Datasheet
194Kb / 4P
2.1x0.7mm RIGHT ANGLE SMD CHIP LED LAMP
ZVG66W SUNLED-ZVG66W Datasheet
174Kb / 4P
11mm x 1.4mm BACKLIGHT
More results

Similar Description - ZVG60W

ManufacturerPart #DatasheetDescription
logo
Kingbright Corporation
APL3015CGCK KINGBRIGHT-APL3015CGCK Datasheet
96Kb / 4P
3.0mmx1.5mm SMD CHIP LED LAMP
APL3015MBC KINGBRIGHT-APL3015MBC_07 Datasheet
177Kb / 5P
3.0mmx1.5mm SMD CHIP LED LAMP
APL3015MGC-F01 KINGBRIGHT-APL3015MGC-F01 Datasheet
275Kb / 5P
3.0mmx1.5mm SMD CHIP LED LAMP
APL3015SF4C-F01 KINGBRIGHT-APL3015SF4C-F01 Datasheet
128Kb / 4P
3.0mmx1.5mm SMD CHIP LED LAMP
APL3015SURCK-F01 KINGBRIGHT-APL3015SURCK-F01 Datasheet
276Kb / 5P
3.0mmx1.5mm SMD CHIP LED LAMP
APL3015SYCK-F01 KINGBRIGHT-APL3015SYCK-F01 Datasheet
275Kb / 5P
3.0mmx1.5mm SMD CHIP LED LAMP
APL3015ZGC-F01 KINGBRIGHT-APL3015ZGC-F01 Datasheet
299Kb / 5P
3.0mmx1.5mm SMD CHIP LED LAMP
logo
SunLED Corporation
ZMDK60W SUNLED-ZMDK60W Datasheet
183Kb / 4P
3.0mmx1.5mm SMD CHIP LED LAMP
ZMG60W SUNLED-ZMG60W Datasheet
185Kb / 4P
3.0mmx1.5mm SMD CHIP LED LAMP
ZMO60W SUNLED-ZMO60W Datasheet
186Kb / 4P
3.0mmx1.5mm SMD CHIP LED LAMP
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com