Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZVG65W Datasheet(PDF) 1 Page - SunLED Corporation

Part # ZVG65W
Description  2.1x0.7mm RIGHT ANGLE SMD CHIP LED LAMP
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUNLED [SunLED Corporation]
Direct Link  http://www.sunled.com
Logo SUNLED - SunLED Corporation

ZVG65W Datasheet(HTML) 1 Page - SunLED Corporation

  ZVG65W Datasheet HTML 1Page - SunLED Corporation ZVG65W Datasheet HTML 2Page - SunLED Corporation ZVG65W Datasheet HTML 3Page - SunLED Corporation ZVG65W Datasheet HTML 4Page - SunLED Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Published Date : FEB 27, 2008
Drawing No : SDSA4482
V3
Checked : B.L.LIU
P.1/4
Part Number:
ZVG65W
2.1x0.7mm RIGHT ANGLE SMD CHIP LED LAMP
www.SunLED.com
Notes:
1. All dimensions are in millimeters (inches).
2. Tolerance is ± 0.15(0.006") unless otherwise noted.
3.Specifications are subject to change without notice.
Features
2.1mmx0.7mm RIGHT ANGLE SMT LED, 1.3mm THICKNESS.
LOW POWER CONSUMPTION.
WIDE VIEWING ANGLE.
IDEAL FOR BACKLIGHT AND INDICATOR.
VARIOUS COLORS AND LENS TYPES AVAILABLE.
PACKAGE : 2000PCS / REEL.
MOISTURE SENSITIVITY LEVEL : LEVEL 3.
RoHS COMPLIANT.
Part
Number
Emitting
Color
Emitting
Material
Lens-color
Luminous
Intensity
(IF=20mA)
mcd
Wavelength
nm
λ P
Viewing
Angle
2
θ 1/2
min.
typ.
ZVG65W
Green
InGaAlP
Water Clear
18
59
574
120
°
Absolute Maximum Ratings
(TA=25°C)
VG
(InGaAlP)
Unit
Reverse Voltage
VR
5
V
Forward Current
IF
30
mA
Forward Current (peak)
1/10 Duty Cycle
0.1ms Pulse Width
iFS
150
mA
Power Dissipation
PT
75
mW
Operating Temperature
TA
-40 ~ +85
°C
Storage Temperature
Tstg
-40 ~ +85
VG
(InGaAlP)
Unit
Forward Voltage (Typ.)
(IF=20mA)
VF
2.1
V
Forward Voltage (Max.)
(IF=20mA)
VF
2.5
V
Reverse Current (Max.)
(VR=5V)
IR
10
uA
Wavelength Of Peak
Emission (Typ.)
(IF=20mA)
λ P
574
nm
Wavelength Of Dominant
Emission (Typ.)
(IF=20mA)
λ D
570
nm
Spectral Line Full Width
At Half-Maximum (Typ.)
(IF=20mA)
Δλ
20
nm
Capacitance (Typ.)
(VF=0V, f=1MHz)
C
15
pF
Operating Characteristics
(TA=25°C)


Similar Part No. - ZVG65W

ManufacturerPart #DatasheetDescription
logo
SunLED Corporation
ZVG60W SUNLED-ZVG60W Datasheet
187Kb / 4P
3.0mmx1.5mm SMD CHIP LED LAMP
ZVG64W-3 SUNLED-ZVG64W-3 Datasheet
202Kb / 4P
SUBMINIATURE SOLID STATE LAMP
ZVG64W-8 SUNLED-ZVG64W-8 Datasheet
206Kb / 4P
SUBMINIATURE SOLID STATE LAMP
ZVG64W-9 SUNLED-ZVG64W-9 Datasheet
202Kb / 4P
SUBMINIATURE SOLID STATE LAMP
ZVG66W SUNLED-ZVG66W Datasheet
174Kb / 4P
11mm x 1.4mm BACKLIGHT
More results

Similar Description - ZVG65W

ManufacturerPart #DatasheetDescription
logo
Kingbright Corporation
APJA2107CGCK KINGBRIGHT-APJA2107CGCK Datasheet
147Kb / 5P
2.1x0.7mm RIGHT ANGLE SMD CHIP LED LAMP
APJA2107EC KINGBRIGHT-APJA2107EC Datasheet
149Kb / 5P
2.1x0.7mm RIGHT ANGLE SMD CHIP LED LAMP
APJA2107PBC-A KINGBRIGHT-APJA2107PBC-A Datasheet
163Kb / 5P
2.1x0.7mm RIGHT ANGLE SMD CHIP LED LAMP
APJA2107SECK KINGBRIGHT-APJA2107SECK Datasheet
148Kb / 5P
2.1x0.7mm RIGHT ANGLE SMD CHIP LED LAMP
APJA2107SGC KINGBRIGHT-APJA2107SGC Datasheet
147Kb / 5P
2.1x0.7mm RIGHT ANGLE SMD CHIP LED LAMP
APJA2107SURCK KINGBRIGHT-APJA2107SURCK Datasheet
127Kb / 4P
2.1x0.7mm RIGHT ANGLE SMD CHIP LED LAMP
APJA2107YC KINGBRIGHT-APJA2107YC Datasheet
117Kb / 4P
2.1x0.7mm RIGHT ANGLE SMD CHIP LED LAMP
logo
SunLED Corporation
ZMD65W SUNLED-ZMD65W Datasheet
192Kb / 4P
2.1x0.7mm RIGHT ANGLE SMD CHIP LED LAMP
ZMDK65W SUNLED-ZMDK65W Datasheet
189Kb / 4P
2.1x0.7mm RIGHT ANGLE SMD CHIP LED LAMP
ZMG65W SUNLED-ZMG65W Datasheet
190Kb / 4P
2.1x0.7mm RIGHT ANGLE SMD CHIP LED LAMP
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com