Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZVG66W Datasheet(PDF) 1 Page - SunLED Corporation

Part # ZVG66W
Description  11mm x 1.4mm BACKLIGHT
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUNLED [SunLED Corporation]
Direct Link  http://www.sunled.com
Logo SUNLED - SunLED Corporation

ZVG66W Datasheet(HTML) 1 Page - SunLED Corporation

  ZVG66W Datasheet HTML 1Page - SunLED Corporation ZVG66W Datasheet HTML 2Page - SunLED Corporation ZVG66W Datasheet HTML 3Page - SunLED Corporation ZVG66W Datasheet HTML 4Page - SunLED Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
www.SunLED.com
Published Date : FEB 25,2008
Drawing No : SDSA4720
V3
Checked : B.L.LIU
P.1/4
Part Number:
ZVG66W
11mm x 1.4mm BACKLIGHT
Part
Number
Emitting
Color
Emitting
Material
Lens-color
Luminous
Intensity
(IF=20mA)
mcd
Wavelength
nm
λ P
Viewing
Angle
2
θ 1/2
min.
typ.
ZVG66W
Green
InGaAlP
Water Clear
36
98
574
120°
Notes:
1. All dimensions are in millimeters (inches).
2. Tolerance is ± 0.25(0.01") unless otherwise noted.
3.Specifications are subject to change without notice.
Features
LOW POWER CONSUMPTION.
IDEAL FOR BACKLIGHTING.
RoHS COMPLIANT.
Absolute Maximum Ratings
(TA=25°C)
VG
(InGaAlP)
Unit
Reverse Voltage
VR
5
V
Forward Current
IF
30
mA
Forward Current (Peak)
1/10 Duty Cycle
0.1ms Pulse Width
iFS
150
mA
Power Dissipation
PT
75
mW
Operating Temperature
TA
-40 ~ +85
°C
Storage Temperature
Tstg
-40 ~ +85
Lead Solder Temperature
[2mm Below Package Base]
260°C For 3 Seconds
Lead Solder Temperature
[5mm Below Package Base]
260°C For 5 Seconds
VG
(InGaAlP)
Unit
Forward Voltage (Typ.)
(IF=20mA)
VF
2.1
V
Forward Voltage (Max.)
(IF=20mA)
VF
2.5
V
Reverse Current (Max.)
(VR=5V)
IR
10
uA
Wavelength of Peak
Emission (Typ.)
(IF=20mA)
λ P
574
nm
Wavelength of Dominant
Emission (Typ.)
(IF=20mA)
λ D
570
nm
Spectral Line Full Width
At Half-Maximum (Typ.)
(IF=20mA)
Δλ
20
nm
Capacitance (Typ.)
(VF=0V, f=1MHz)
C
15
pF
Operating Characteristics
(TA=25°C)
yali
n
數位簽署者:yalin
DN:cn=yalin, o,
ou,
email=sjhou@cn.
kingbright.com,
c=<無>
日期︰2008.02.27
11:31:19 +08'00'


Similar Part No. - ZVG66W

ManufacturerPart #DatasheetDescription
logo
SunLED Corporation
ZVG60W SUNLED-ZVG60W Datasheet
187Kb / 4P
3.0mmx1.5mm SMD CHIP LED LAMP
ZVG64W-3 SUNLED-ZVG64W-3 Datasheet
202Kb / 4P
SUBMINIATURE SOLID STATE LAMP
ZVG64W-8 SUNLED-ZVG64W-8 Datasheet
206Kb / 4P
SUBMINIATURE SOLID STATE LAMP
ZVG64W-9 SUNLED-ZVG64W-9 Datasheet
202Kb / 4P
SUBMINIATURE SOLID STATE LAMP
ZVG65W SUNLED-ZVG65W Datasheet
194Kb / 4P
2.1x0.7mm RIGHT ANGLE SMD CHIP LED LAMP
More results

Similar Description - ZVG66W

ManufacturerPart #DatasheetDescription
logo
Kingbright Corporation
AA1114 KINGBRIGHT-AA1114 Datasheet
71Kb / 3P
11mm x 1.4mm BACKLIGHT
AA11142MBC KINGBRIGHT-AA11142MBC Datasheet
92Kb / 4P
11mm x 1.4mm BACKLIGHT
AA1114-2YC-CC KINGBRIGHT-AA1114-2YC-CC Datasheet
71Kb / 3P
11mm x 1.4mm BACKLIGHT
AA1114-2SYC-CC KINGBRIGHT-AA1114-2SYC-CC Datasheet
71Kb / 3P
11mm x 1.4mm BACKLIGHT
AA1114-2SGC-CC KINGBRIGHT-AA1114-2SGC-CC Datasheet
73Kb / 3P
11mm x 1.4mm BACKLIGHT
AA1114-2PBCA-CC KINGBRIGHT-AA1114-2PBCA-CC Datasheet
127Kb / 4P
11mm x 1.4mm BACKLIGHT
AA1114-2MBC-CC KINGBRIGHT-AA1114-2MBC-CC Datasheet
92Kb / 4P
11mm x 1.4mm BACKLIGHT
AA1114-2EC-CC KINGBRIGHT-AA1114-2EC-CC Datasheet
71Kb / 3P
11mm x 1.4mm BACKLIGHT
logo
SunLED Corporation
ZMDK66W SUNLED-ZMDK66W Datasheet
171Kb / 4P
11mm x 1.4mm BACKLIGHT
logo
LUMEX INC.
SSB-DL6011GW LUMEX-SSB-DL6011GW_17 Datasheet
62Kb / 1P
60mm X 11mm Signle DegeLIT BACKLIGHT
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com