Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZVG79W Datasheet(PDF) 1 Page - SunLED Corporation

Part # ZVG79W
Description  3.8x2.0mm DOME LENS SMD CHIP LED LAMP
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUNLED [SunLED Corporation]
Direct Link  http://www.sunled.com
Logo SUNLED - SunLED Corporation

ZVG79W Datasheet(HTML) 1 Page - SunLED Corporation

  ZVG79W Datasheet HTML 1Page - SunLED Corporation ZVG79W Datasheet HTML 2Page - SunLED Corporation ZVG79W Datasheet HTML 3Page - SunLED Corporation ZVG79W Datasheet HTML 4Page - SunLED Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Published Date : FEB 26, 2008
Drawing No : SDSA4515
V3
Checked : B.L.LIU
P.1/4
Part Number:
ZVG79W
3.8x2.0mm DOME LENS SMD CHIP LED LAMP
www.SunLED.com
Part
Number
Emitting
Color
Emitting
Material
Lens-color
Luminous
Intensity
(IF=20mA)
mcd
Wavelength
nm
λ P
Viewing
Angle
2
θ 1/2
min.
typ.
ZVG79W
Green
InGaAlP
Water Clear
70
168
574
60°(H)
35°(V)
Features
3.8mmx2.0mm SMT LED,3.2mm THICKNESS.
LOW POWER CONSUMPTION.
IDEAL FOR BACK LIGHT AND INDICATOR.
VARIOUS COLORS AND LENS TYPES AVAILABLE.
PACKAGE : 500PCS / REEL.
MOISTURE SENSITIVITY LEVEL : LEVEL 3.
RoHS COMPLIANT.
Notes:
1. All dimensions are in millimeters (inches).
2. Tolerance is ± 0.2(0.008") unless otherwise noted.
3.Specifications are subject to change without notice.
Absolute Maximum Ratings
(TA=25°C)
VG
(InGaAlP)
Unit
Reverse Voltage
VR
5
V
Forward Current
IF
30
mA
Forward Current (peak)
1/10 Duty Cycle
0.1ms Pulse Width
iFS
150
mA
Power Dissipation
PT
75
mW
Operating Temperature
TA
-40 ~ +85
°C
Storage Temperature
Tstg
-40 ~ +85
VG
(InGaAlP)
Unit
Forward Voltage (Typ.)
(IF=20mA)
VF
2.1
V
Forward Voltage (Max.)
(IF=20mA)
VF
2.5
V
Reverse Current (Max.)
(VR=5V)
IR
10
uA
Wavelength Of Peak
Emission (Typ.)
(IF=20mA)
λ P
574
nm
Wavelength Of Dominant
Emission (Typ.)
(IF=20mA)
λ D
570
nm
Spectral Line Full Width
At Half-Maximum (Typ.)
(IF=20mA)
Δλ
20
nm
Capacitance (Typ.)
(VF=0V, f=1MHz)
C
15
pF
Operating Characteristics
(TA=25°C)
R.
CHE
N
數位簽署者:R.CHEN
DN:cn=R.CHEN,
o=SPEC專用,
ou=SPEC專用,
email=fangdh@cn.
kingbright.com, c=<
無>
日期︰2008.02.29
14:03:04 +08'00'


Similar Part No. - ZVG79W

ManufacturerPart #DatasheetDescription
logo
SunLED Corporation
ZVG74W SUNLED-ZVG74W Datasheet
190Kb / 4P
2.1x0.6mm RIGHT ANGLE SURFACE LED LAMP
ZVG77W SUNLED-ZVG77W Datasheet
189Kb / 4P
4.5x2mm SMD CHIP LED LAMP
ZVG78W SUNLED-ZVG78W Datasheet
194Kb / 4P
3.2x2.4mm SMD CHIP LED LAMP
More results

Similar Description - ZVG79W

ManufacturerPart #DatasheetDescription
logo
Kingbright Corporation
APED3820CGCK-F01 KINGBRIGHT-APED3820CGCK-F01 Datasheet
293Kb / 5P
3.8x2.0mm DOME LENS SMD CHIP LED LAMP
APED3820MGC KINGBRIGHT-APED3820MGC Datasheet
113Kb / 4P
3.8x2.0mm DOME LENS SMD CHIP LED LAMP
APED3820SRC-F01 KINGBRIGHT-APED3820SRC-F01 Datasheet
120Kb / 4P
3.8x2.0mm DOME LENS SMD CHIP LED LAMP
APED3820SYC KINGBRIGHT-APED3820SYC Datasheet
94Kb / 4P
3.8x2.0mm DOME LENS SMD CHIP LED LAMP
APED3820VGC KINGBRIGHT-APED3820VGC Datasheet
298Kb / 5P
3.8x2.0mm DOME LENS SMD CHIP LED LAMP
APED3820YC KINGBRIGHT-APED3820YC Datasheet
106Kb / 4P
3.8x2.0mm DOME LENS SMD CHIP LED LAMP
APED3820VGC-Z-F01 KINGBRIGHT-APED3820VGC-Z-F01 Datasheet
298Kb / 5P
3.8x2.0mm DOME LENS SMD CHIP LED LAMP
logo
SunLED Corporation
ZM2BB79W SUNLED-ZM2BB79W Datasheet
193Kb / 4P
3.8x2.0mm DOME LENS SMD CHIP LED LAMP
ZM2CR79W SUNLED-ZM2CR79W Datasheet
189Kb / 4P
3.8x2.0mm DOME LENS SMD CHIP LED LAMP
ZMD79W SUNLED-ZMD79W Datasheet
190Kb / 4P
3.8x2.0mm DOME LENS SMD CHIP LED LAMP
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com