Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZVG88W Datasheet(PDF) 1 Page - SunLED Corporation

Part # ZVG88W
Description  3.2x1.0mm RIGHT ANGLE SMD CHIP LED LAMP
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUNLED [SunLED Corporation]
Direct Link  http://www.sunled.com
Logo SUNLED - SunLED Corporation

ZVG88W Datasheet(HTML) 1 Page - SunLED Corporation

  ZVG88W Datasheet HTML 1Page - SunLED Corporation ZVG88W Datasheet HTML 2Page - SunLED Corporation ZVG88W Datasheet HTML 3Page - SunLED Corporation ZVG88W Datasheet HTML 4Page - SunLED Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Published Date : FEB 26, 2008
Drawing No : SDSA4493
V4
Checked : B.L.LIU
P.1/4
Part Number:
ZVG88W
3.2x1.0mm RIGHT ANGLE SMD CHIP LED
LAMP
www.SunLED.com
Part
Number
Emitting
Color
Emitting
Material
Lens-color
Luminous
Intensity
(IF=20mA)
mcd
Wavelength
nm
λ P
Viewing
Angle
2
θ 1/2
min.
typ.
ZVG88W
Green
InGaAlP
Water Clear
18
59
574
120°
Features
3.2mmx1.0mm RIGHT ANGLE SMT LED, 1.5mm
THICKNESS.
LOW POWER CONSUMPTION.
WIDE VIEWING ANGLE.
IDEAL FOR BACKLIGHT AND INDICATOR.
PACKAGE : 2000PCS / REEL.
MOISTURE SENSITIVITY LEVEL : LEVEL 3.
RoHS COMPLIANT.
Notes:
1. All dimensions are in millimeters (inches).
2. Tolerance is ± 0.1(0.004") unless otherwise noted.
3.Specifications are subject to change without notice.
Absolute Maximum Ratings
(TA=25°C)
VG
(InGaAlP)
Unit
Reverse Voltage
VR
5
V
Forward Current
IF
30
mA
Forward Current (peak)
1/10 Duty Cycle
0.1ms Pulse Width
iFS
150
mA
Power Dissipation
PT
75
mW
Operating Temperature
TA
-40 ~ +85
°C
Storage Temperature
Tstg
-40 ~ +85
VG
(InGaAlP)
Unit
Forward Voltage (Typ.)
(IF=20mA)
VF
2.1
V
Forward Voltage (Max.)
(IF=20mA)
VF
2.5
V
Reverse Current (Max.)
(VR=5V)
IR
10
uA
Wavelength Of Peak
Emission (Typ.)
(IF=20mA)
λ P
574
nm
Wavelength Of Dominant
Emission (Typ.)
(IF=20mA)
λ D
570
nm
Spectral Line Full Width
At Half-Maximum (Typ.)
(IF=20mA)
Δλ
20
nm
Capacitance (Typ.)
(VF=0V, f=1MHz)
C
15
pF
Operating Characteristics
(TA=25°C)


Similar Part No. - ZVG88W

ManufacturerPart #DatasheetDescription
logo
SunLED Corporation
ZVG85WA SUNLED-ZVG85WA Datasheet
187Kb / 4P
3x 2.4mm SMD CHIP LED LAMP
ZVG87W SUNLED-ZVG87W Datasheet
189Kb / 4P
1.6x0.6mm RIGHT ANGLE SMD CHIP LED LAMP
More results

Similar Description - ZVG88W

ManufacturerPart #DatasheetDescription
logo
Kingbright Corporation
APBA3210SYKCGKC-F01 KINGBRIGHT-APBA3210SYKCGKC-F01 Datasheet
337Kb / 6P
3.2x1.0mm RIGHT ANGLE BI-COLOR SMD CHIP LED LAMP
APFA3210PBAVGASURKC KINGBRIGHT-APFA3210PBAVGASURKC Datasheet
224Kb / 7P
3.2x1.0mm RIGHT ANGLE FULL COLOR SMD CHIP LED LAMP
logo
SunLED Corporation
ZM2CR88W SUNLED-ZM2CR88W Datasheet
192Kb / 4P
3.2x1.0mm RIGHT ANGLE SMD CHIP LED LAMP
ZM2CY88W SUNLED-ZM2CY88W Datasheet
194Kb / 4P
3.2x1.0mm RIGHT ANGLE SMD CHIP LED LAMP
ZMD88W SUNLED-ZMD88W Datasheet
191Kb / 4P
3.2x1.0mm RIGHT ANGLE SMD CHIP LED LAMP
ZMDK88W SUNLED-ZMDK88W Datasheet
190Kb / 4P
3.2x1.0mm RIGHT ANGLE SMD CHIP LED LAMP
ZMDKVG88W SUNLED-ZMDKVG88W Datasheet
220Kb / 5P
3.2x1.0mm RIGHT ANGLE BI-COLOR SMD CHIP LED LAMP
ZUR88W SUNLED-ZUR88W Datasheet
191Kb / 4P
3.2x1.0mm RIGHT ANGLE SMD CHIP LED LAMP
ZUY88W SUNLED-ZUY88W Datasheet
192Kb / 4P
3.2x1.0mm RIGHT ANGLE SMD CHIP LED LAMP
ZMG88W SUNLED-ZMG88W Datasheet
194Kb / 4P
3.2x1.0mm RIGHT ANGLE SMD CHIP LED LAMP
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com