Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZVG47W Datasheet(PDF) 1 Page - SunLED Corporation

Part # ZVG47W
Description  9.2mmX1.9mm SIDE VIEW
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUNLED [SunLED Corporation]
Direct Link  http://www.sunled.com
Logo SUNLED - SunLED Corporation

ZVG47W Datasheet(HTML) 1 Page - SunLED Corporation

  ZVG47W Datasheet HTML 1Page - SunLED Corporation ZVG47W Datasheet HTML 2Page - SunLED Corporation ZVG47W Datasheet HTML 3Page - SunLED Corporation ZVG47W Datasheet HTML 4Page - SunLED Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
www.SunLED.com
Part Number:
ZVG47W
Published Date : FEB 28,2008
Drawing No :SDSA4395
V3
Checked : B.L.LIU
P.1/4
9.2mmX1.9mm SIDE VIEW
Features
LOW POWER CONSUMPTION.
IDEAL FOR BACKLIGHTING.
RoHS COMPLIANT.
Part
Number
Emitting
Color
Emitting
Material
Lens-color
Luminous
Intensity
(IF=20mA)
mcd
Wavelength
nm
λ P
Viewing
Angle
2
θ 1/2
min.
typ.
ZVG47W
Green
InGaAlP
Water Clear
36
118
574
100°
Absolute Maximum Ratings
(TA=25°C)
VG
(InGaAlP)
Unit
Reverse Voltage
VR
5
V
Forward Current
IF
30
mA
Forward Current (Peak)
1/10 Duty Cycle
0.1ms Pulse Width
iFS
150
mA
Power Dissipation
PT
150
mW
Operating Temperature
TA
-40 ~ +85
°C
Storage Temperature
Tstg
-40 ~ +85
Lead Solder Temperature
[2mm Below Package Base]
260°C For 3 Seconds
Lead Solder Temperature
[5mm Below Package Base]
260°C For 5 Seconds
Operating Characteristics
(TA=25°C)
VG
(InGaAlP)
Unit
Forward Voltage (Typ.)
(IF=20mA)
VF
4.2
V
Forward Voltage (Max.)
(IF=20mA)
VF
5.0
V
Reverse Current (Max.)
(VR=5V)
IR
10
uA
Wavelength Of Peak
Emission (Typ.)
(IF=20mA)
λ P
574
nm
Wavelength Of Dominant
Emission (Typ.)
(IF=20mA)
λ D
570
nm
Spectral Line Full Width
At Half-Maximum (Typ.)
(IF=20mA)
Δλ
20
nm
Capacitance
(VF=0V, f=1MHz)
C
15
pF
Notes:
1. All dimensions are in millimeters (inches).
2. Tolerance is ± 0.25(0.01") unless otherwise noted.
3.Specifications are subject to change without notice.


Similar Part No. - ZVG47W

ManufacturerPart #DatasheetDescription
logo
SunLED Corporation
ZVG45FW SUNLED-ZVG45FW Datasheet
192Kb / 4P
3.5x2.8 mm PLCC2 SMD LED
ZVG45FW-9 SUNLED-ZVG45FW-9 Datasheet
192Kb / 4P
3.5x2.8 mm SURFACE MOUNT LED LAMP
ZVG45W-2 SUNLED-ZVG45W-2 Datasheet
189Kb / 4P
3.5x2.8mm SMD CHIP LED LAMP
ZVG46W-3 SUNLED-ZVG46W-3 Datasheet
193Kb / 4P
SUBMINIATURE SOLID STATE LAMP
ZVG46W-8 SUNLED-ZVG46W-8 Datasheet
196Kb / 4P
SUBMINIATURE SOLID STATE LAMP
More results

Similar Description - ZVG47W

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
IRMT6452 VISHAY-IRMT6452 Datasheet
595Kb / 7P
SIDE VIEW IRMS6452/TOP VIEW
05-July-02
logo
Kingbright Corporation
AA9219 KINGBRIGHT-AA9219 Datasheet
238Kb / 4P
9.2mmX1.9mm SIDE VIEW
AA9219 KINGBRIGHT-AA9219_1 Datasheet
237Kb / 4P
9.2mmX1.9mm SIDE VIEW
AA9219 KINGBRIGHT-AA9219_2 Datasheet
236Kb / 4P
9.2mmX1.9mm SIDE VIEW
AA9219 KINGBRIGHT-AA9219_3 Datasheet
237Kb / 4P
9.2mmX1.9mm SIDE VIEW
AA9219-2YC KINGBRIGHT-AA9219-2YC Datasheet
233Kb / 4P
9.2mmX1.9mm SIDE VIEW
AA9219-2SRC KINGBRIGHT-AA9219-2SRC Datasheet
232Kb / 4P
9.2mmX1.9mm SIDE VIEW
AA9219-2SGC KINGBRIGHT-AA9219-2SGC Datasheet
232Kb / 4P
9.2mmX1.9mm SIDE VIEW
AA9219-2EC KINGBRIGHT-AA9219-2EC Datasheet
234Kb / 4P
9.2mmX1.9mm SIDE VIEW
logo
SunLED Corporation
ZMDK47W SUNLED-ZMDK47W Datasheet
181Kb / 4P
9.2mmX1.9mm SIDE VIEW
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com