Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9115-EBZ Datasheet(PDF) 3 Page - Analog Devices

Part # AD9115-EBZ
Description  Dual, 8-/10-/12-/14-Bit Low Power Digital-to-Analog Converters
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9115-EBZ Datasheet(HTML) 3 Page - Analog Devices

  AD9115-EBZ Datasheet HTML 1Page - Analog Devices AD9115-EBZ Datasheet HTML 2Page - Analog Devices AD9115-EBZ Datasheet HTML 3Page - Analog Devices AD9115-EBZ Datasheet HTML 4Page - Analog Devices AD9115-EBZ Datasheet HTML 5Page - Analog Devices AD9115-EBZ Datasheet HTML 6Page - Analog Devices AD9115-EBZ Datasheet HTML 7Page - Analog Devices AD9115-EBZ Datasheet HTML 8Page - Analog Devices AD9115-EBZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 48 page
background image
AD9114/AD9115/AD9116/AD9117
Rev. 0 | Page 3 of 48
FUNCTIONAL BLOCK DIAGRAM
I DAC
Q DAC
AUX1DAC
AUX2DAC
BAND
GAP
CLOCK
DIST
10kΩ
RSET
8.5kΩ
RSET
8.5kΩ
IREF
100µA
RCM
60Ω TO
260Ω
RCM
60Ω TO
260Ω
62.5Ω
62.5Ω
62.5Ω
62.5Ω
SPI
INTERFACE
1 INTO 2
INTERLEAVED
DATA
INTERFACE
I DATA
Q DATA
1.8V
LDO
1V
AD9114/AD9115/
AD9116/AD9117
RLIN
IOUTN
IOUTP
RLIP
AVDD
AVSS
RLQP
QOUTP
QOUTN
RLQN
DB11
DB10
DB9
DB8
DVDDIO
DVSS
DVDD
DB7
DB6
DB5
Figure 1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com