Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P55NE06 Datasheet(PDF) 1 Page - STMicroelectronics

Part # P55NE06
Description  N - CHANNEL ENHANCEMENT MODE SINGLE FEATURE SIZE POWER MOSFET
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

P55NE06 Datasheet(HTML) 1 Page - STMicroelectronics

  P55NE06 Datasheet HTML 1Page - STMicroelectronics P55NE06 Datasheet HTML 2Page - STMicroelectronics P55NE06 Datasheet HTML 3Page - STMicroelectronics P55NE06 Datasheet HTML 4Page - STMicroelectronics P55NE06 Datasheet HTML 5Page - STMicroelectronics P55NE06 Datasheet HTML 6Page - STMicroelectronics P55NE06 Datasheet HTML 7Page - STMicroelectronics P55NE06 Datasheet HTML 8Page - STMicroelectronics P55NE06 Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
STP55NE06
STP55NE06FP
N - CHANNEL ENHANCEMENT MODE
” SINGLE FEATURE SIZE
™ ” POWER MOSFET
s
TYPICAL RDS(on) = 0.019
Ω
s
EXCEPTIONAL dv/dt CAPABILITY
s
100% AVALANCHE TESTED
s
LOW GATE CHARGE 100
oC
s
HIGH dv/dt CAPABILITY
s
APPLICATION ORIENTED
CHARACTERIZATION
DESCRIPTION
This Power Mosfet is the latest development of
SGS-THOMSON unique ”Single Feature Size”
strip-based process. The resulting transistor
shows extremely high packing density for low on-
resistance, rugged avalance characteristics and
less critical alignment steps therefore a remark-
able manufacturing reproducibility.
APPLICATIONS
s
DC MOTOR CONTROL
s
DC-DC & DC-AC CONVERTERS
s
SYNCHRONOUS RECTIFICATION
INTERNAL SCHEMATIC DIAGRAM
ABSOLUTE MAXIMUM RATINGS
Symbol
Parameter
Value
Uni t
STP55NE06
STP55NE06FP
VDS
Drain-source Volt age (VGS =0)
60
V
VDGR
Drain- gate Voltage (RGS =20 k
Ω)
60
V
VGS
Gat e-source Voltage
± 20
V
ID
Drain Current (continuous) at Tc =25
o C55
30
A
ID
Drain Current (continuous) at Tc =100
oC39
21
A
IDM(
•)
Drain Current (pulsed)
220
220
A
Ptot
Tot al Dissipation at Tc =25
oC130
35
W
Derating F act or
0.96
0. 27
W/
oC
VISO
Insulat ion Withstand Volt age (DC)
2000
V
dv/dt
Peak Diode Recovery voltage slope
7
V/ ns
Tstg
Storage T emperat ure
-65 to 175
oC
Tj
Max. O perating Junction Temperature
175
oC
(
•) Pulse width limited by safe operating area
(1)ISD
≤ 55 A,di/dt ≤ 300 A/µs, VDD ≤ V(BR)DSS,Tj ≤ TJMAX
TYPE
VDSS
RDS(on)
ID
ST P55NE06
ST P55NE06FP
60 V
60 V
<0.022
Ω
<0.022
Ω
55 A
30 A
January 1998
TO-220
TO-220FP
1
2
3
1
2
3
1/9


Similar Part No. - P55NE06

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
P55N02 ETC-P55N02 Datasheet
44Kb / 3P
N-Channel Logic Level Enhancement, Mode Field Effect Transistor
P55N02LD ETC-P55N02LD Datasheet
44Kb / 3P
N-Channel Logic Level Enhancement, Mode Field Effect Transistor
logo
STMicroelectronics
P55N06L STMICROELECTRONICS-P55N06L Datasheet
213Kb / 7P
N-CHANNEL ENHANCEMENT MODE LOW THRESHOLD POWER MOS TRANSISTOR
logo
Thinki Semiconductor Co...
P55NF06 THINKISEMI-P55NF06 Datasheet
334Kb / 6P
N-CHANNEL POWER MOSFET TRANSISTOR
logo
VBsemi Electronics Co.,...
P55NF06 VBSEMI-P55NF06 Datasheet
979Kb / 7P
N-Channel 60-V (D-S) MOSFET
More results

Similar Description - P55NE06

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STB55NE06 STMICROELECTRONICS-STB55NE06 Datasheet
98Kb / 8P
N - CHANNEL ENHANCEMENT MODE ” SINGLE FEATURE SIZE” POWER MOSFET
Dec-1997
STB60NE06-16 STMICROELECTRONICS-STB60NE06-16 Datasheet
115Kb / 9P
N - CHANNEL ENHANCEMENT MODE SINGLE FEATURE SIZE POWER MOSFET
Jan-1998
STB80NE06-10 STMICROELECTRONICS-STB80NE06-10 Datasheet
94Kb / 8P
N - CHANNEL ENHANCEMENT MODE SINGLE FEATURE SIZE POWER MOSFET
Feb-1998
STD20NE03L STMICROELECTRONICS-STD20NE03L Datasheet
105Kb / 9P
N - CHANNEL ENHANCEMENT MODE ” SINGLE FEATURE SIZE” POWER MOSFET
Dec-1997
STD20NE06 STMICROELECTRONICS-STD20NE06 Datasheet
96Kb / 8P
N - CHANNEL ENHANCEMENT MODE ” SINGLE FEATURE SIZE” POWER MOSFET
Jan-1998
STP16NE06L STMICROELECTRONICS-STP16NE06L Datasheet
70Kb / 7P
N - CHANNEL ENHANCEMENT MODE SINGLE FEATURE SIZE] POWER MOSFET
Oct-1997
STP55NE06L STMICROELECTRONICS-STP55NE06L Datasheet
57Kb / 6P
N - CHANNEL ENHANCEMENT MODE SINGLE FEATURE SIZE POWER MOSFET
Dec-1997
STP60NE03L-10 STMICROELECTRONICS-STP60NE03L-10 Datasheet
99Kb / 8P
N - CHANNEL ENHANCEMENT MODE SINGLE FEATURE SIZE POWER MOSFET
Dec-1997
STP80NE03L-06 STMICROELECTRONICS-STP80NE03L-06 Datasheet
87Kb / 8P
N - CHANNEL ENHANCEMENT MODE SINGLE FEATURE SIZE POWER MOSFET
Feb-2000
STP80NE06-10 STMICROELECTRONICS-STP80NE06-10 Datasheet
92Kb / 8P
N - CHANNEL ENHANCEMENT MODE SINGLE FEATURE SIZE POWER MOSFET
Feb-1998
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com