Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM313 Datasheet(PDF) 1 Page - Analog Microelectronics

Part # AM313
Description  IC FOR PROXIMITY DETECTOR
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AME [Analog Microelectronics]
Direct Link  http://www.ame.com.tw/
Logo AME - Analog Microelectronics

AM313 Datasheet(HTML) 1 Page - Analog Microelectronics

  AM313 Datasheet HTML 1Page - Analog Microelectronics AM313 Datasheet HTML 2Page - Analog Microelectronics AM313 Datasheet HTML 3Page - Analog Microelectronics AM313 Datasheet HTML 4Page - Analog Microelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
IC FOR PROXIMITY DETECTOR
AM 313
analog microelectronics
April 2005
Analog Microelectronics GmbH
Phone: +49 (0)6131/91 073 – 0
1/4
An der Fahrt 13, D – 55124 Mainz
Fax:
+49 (0)6131/91 073 – 30
Internet: www.analogmicro.de
E–Mail: info@analogmicro.de
GENERAL DESCRIPTION
The AM 313 is a bipolar monolithic Integrated Circuit designed for proximity detection appli-
cations. The function is based on the damping of an LC oscillator which switches a transistor and
LED output.
FEATURES
• Wide Supply Voltage Range from 4.75 to 35V
• Supply Current Without Oscillator typical 1mA
• Complementary Outputs with Short–Circuit Protection
• P–Type Drivers for PNP Bipolar and PMOS Transistors
• Adjustable Output Current From 100µA to 12mA
• Adjustable Detection Distance and Hysteresis
• Adjustable Temperature Compensation for Detection Distance
• Protection against False Polarity
• Power–On–Delay
• LED Output 4mA typical
BLOCK DIAGRAM
14
5
7
2
1
16
15
4
3
6
8
9
10
11
Oscillator
Rectifier
Hysteresis
Power-On
Level
Voltage
Reference
Schmitt
Trigger
Power-On
Delay
Amplifier
Short-Circuit
Detection
Output
Stages
Drive
Current
LED
VREF
RK
LC
RD
RH
CGL
LED
GND
RS
Q
RM
CABT
VCC
Q
Figure 1


Similar Part No. - AM313

ManufacturerPart #DatasheetDescription
logo
AiT Semiconductor Inc.
AM3134 AITSEMI-AM3134 Datasheet
438Kb / 8P
MOSFET 20V N-CHANNEL ENHAANCEMENT MODE
REV1.0
AM3134VM3R AITSEMI-AM3134VM3R Datasheet
438Kb / 8P
MOSFET 20V N-CHANNEL ENHAANCEMENT MODE
REV1.0
AM3134VM3VR AITSEMI-AM3134VM3VR Datasheet
438Kb / 8P
MOSFET 20V N-CHANNEL ENHAANCEMENT MODE
REV1.0
More results

Similar Description - AM313

ManufacturerPart #DatasheetDescription
logo
Cherry Semiconductor Co...
CS209A CHERRY-CS209A Datasheet
166Kb / 6P
Proximity Detector
Rev. 3/11/99
logo
ON Semiconductor
CS209A ONSEMI-CS209A Datasheet
219Kb / 8P
Proximity Detector
July, 2006 ??Rev. 3
logo
Analog Microelectronics
AM336 AME-AM336 Datasheet
274Kb / 12P
IC FOR OPTO DETECTOR
logo
Analog Devices
AM336 AD-AM336 Datasheet
279Kb / 12P
IC FOR OPTO DETECTOR
logo
ams AG
TMD2672 AMSCO-TMD2672 Datasheet
1Mb / 29P
DIGITAL PROXIMITY DETECTOR
TSL2671 AMSCO-TSL2671 Datasheet
725Kb / 27P
DIGITAL PROXIMITY DETECTOR
logo
TEXAS ADVANCED OPTOELEC...
TMD26713 TAOS-TMD26713 Datasheet
1Mb / 29P
DIGITAL PROXIMITY DETECTOR
TMD26723 TAOS-TMD26723 Datasheet
1Mb / 29P
DIGITAL PROXIMITY DETECTOR
logo
Silicon Laboratories
SI1102 SILABS-SI1102 Datasheet
139Kb / 16P
OPTICAL PROXIMITY DETECTOR
logo
ams AG
TSL26721 AMSCO-TSL26721 Datasheet
750Kb / 46P
Digital Proximity Detector
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com