Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STB13NK60Z Datasheet(PDF) 4 Page - STMicroelectronics

Part # STB13NK60Z
Description  N-CHANNEL 600V-0.48廓-13A-TO-220/FP-D짼/I짼PAK-TO-247 Zener-Protected SuperMESH??MOSFET
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STB13NK60Z Datasheet(HTML) 4 Page - STMicroelectronics

  STB13NK60Z Datasheet HTML 1Page - STMicroelectronics STB13NK60Z Datasheet HTML 2Page - STMicroelectronics STB13NK60Z Datasheet HTML 3Page - STMicroelectronics STB13NK60Z Datasheet HTML 4Page - STMicroelectronics STB13NK60Z Datasheet HTML 5Page - STMicroelectronics STB13NK60Z Datasheet HTML 6Page - STMicroelectronics STB13NK60Z Datasheet HTML 7Page - STMicroelectronics STB13NK60Z Datasheet HTML 8Page - STMicroelectronics STB13NK60Z Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
2 Electrical characteristics
STB13NK60Z - STB13NK60Z-1 - STP13NK60Z/FP - STW13NK60Z
4/17
Table 7.
Gate-source zener diode
Table 8.
Source drain diode
(1) Limited only by maximum temperature allowed
(2) Pulse width limited by safe operating area
(3) ISD ≤13A, di/dt ≤200A/µs, VDD ≤ V(BR)DSS, Tj ≤ TJMAX
(4) Pulsed: pulse duration = 300µs, duty cycle 1.5%
(5) Coss eq. is defined as a constant equivalent capacitance giving the same charging time as Coss when VDS increases from 0
to 80%
(6) The built-in back-to-back Zener diodes have specifically been designed to enhance not only the device’s ESD capability,
but also to make them safely absorb possible voltage transients that may occasionally be applied from gate to source. In
this respect the Zener voltage is appropriate to achieve an efficient and cost-effective intervention to protect the device’s
integrity. These integrated Zener diodes thus avoid the usage of external components.
(7) When mounted on minimum Footprint
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
BVGSO
Note 6
Gate-Source Breakdown
Voltage
Igs=±1mA
(Open Drain)
30
V
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
ISD
ISDMNote 2
Source-drain Current
Source-drain Current (pulsed)
10
40
A
A
VSDNote 4
Forward on Voltage
ISD = 10 A, VGS=0
1.6
V
trr
Qrr
IRRM
Reverse Recovery Time
Reverse Recovery Charge
Reverse Recovery Current
ISD= 10A, di/dt = 100A/µs,
VDD=35 V, Tj=150°C
570
4.5
16
ns
µC
A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com