Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STP5NA50 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STP5NA50
Description  N - CHANNEL ENHANCEMENT MODE FAST POWER MOS TRANSISTOR
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STP5NA50 Datasheet(HTML) 1 Page - STMicroelectronics

  STP5NA50 Datasheet HTML 1Page - STMicroelectronics STP5NA50 Datasheet HTML 2Page - STMicroelectronics STP5NA50 Datasheet HTML 3Page - STMicroelectronics STP5NA50 Datasheet HTML 4Page - STMicroelectronics STP5NA50 Datasheet HTML 5Page - STMicroelectronics STP5NA50 Datasheet HTML 6Page - STMicroelectronics STP5NA50 Datasheet HTML 7Page - STMicroelectronics STP5NA50 Datasheet HTML 8Page - STMicroelectronics STP5NA50 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
STP5NA50
STP5NA50FI
N - CHANNEL ENHANCEMENT MODE
FAST POWER MOS TRANSISTOR
s
TYPICAL RDS(on) = 1.2
Ω
s
± 30V GATE TO SOURCE VOLTAGE RATING
s
100% AVALANCHE TESTED
s
REPETITIVE AVALANCHE DATA AT 100
oC
s
LOW INTRINSIC CAPACITANCES
s
GATE GHARGE MINIMIZED
s
REDUCED THRESHOLD VOLTAGE SPREAD
DESCRIPTION
This series of POWER MOSFETS represents the
most advanced high voltage technology. The
optimized
cell
layout
coupled
with
a
new
proprietary edge termination concur to give the
device low RDS(on) and gate charge, unequalled
ruggedness and superior switching performance.
APPLICATIONS
s
HIGH CURRENT, HIGH SPEED SWITCHING
s
SWITCH MODE POWER SUPPLIES (SMPS)
s
DC-AC CONVERTERS FOR WELDING
EQUIPMENT AND UNINTERRUPTIBLE
POWER SUPPLIES AND MOTOR DRIVE
INTERNAL SCHEMATIC DIAGRAM
TYPE
VDSS
R DS(on)
ID
STP5NA50
STP5NA50FI
500 V
500 V
<1. 6
Ω
<1. 6
Ω
5A
3A
1
2
3
TO-220
ISOWATT220
November 1996
ABSOLUTE MAXIMUM RATINGS
Symbol
Parameter
Val ue
Unit
STP5NA50
STP5NA50FI
VDS
Drain-source Voltage (VGS =0)
500
V
VDG R
Drain-gate Volt age (RGS =20 k
Ω)500
V
VGS
Gate-source Voltage
± 30
V
ID
Drain Current (cont inuous) at T c =25
oC5
3
A
ID
Drain Current (cont inuous) at T c =100
oC3.3
2
A
IDM(
•)
Drain Current (pulsed)
20
20
A
Ptot
Total Dissipation at Tc =25
oC
100
40
W
Derating Factor
0.8
0.32
W/
oC
VISO
I nsulat ion Withstand Voltage (DC)
2000
V
Tstg
St orage Temperat ure
-65 to 150
oC
Tj
Max. Operat ing Junction Temperature
150
oC
(
•) Pulse width limited by safe operating area
1
2
3
1/10


Similar Part No. - STP5NA50

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
STP5NA50 ISC-STP5NA50 Datasheet
370Kb / 2P
isc N-Channel MOSFET Transistor
STP5NA50FI ISC-STP5NA50FI Datasheet
318Kb / 2P
isc N-Channel MOSFET Transistor
More results

Similar Description - STP5NA50

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STB3NA60-1 STMICROELECTRONICS-STB3NA60-1 Datasheet
115Kb / 9P
N - CHANNEL ENHANCEMENT MODE FAST POWER MOS TRANSISTOR
Mar-1996
STD4NA40 STMICROELECTRONICS-STD4NA40 Datasheet
169Kb / 10P
N - CHANNEL ENHANCEMENT MODE FAST POWER MOS TRANSISTOR
Nov-1996
STE40NA60 STMICROELECTRONICS-STE40NA60 Datasheet
46Kb / 5P
N - CHANNEL ENHANCEMENT MODE FAST POWER MOS TRANSISTOR
Jan-1998
STP3NA60 STMICROELECTRONICS-STP3NA60 Datasheet
201Kb / 10P
N - CHANNEL ENHANCEMENT MODE FAST POWER MOS TRANSISTOR
Nov-1996
STP4NA40 STMICROELECTRONICS-STP4NA40 Datasheet
198Kb / 10P
N - CHANNEL ENHANCEMENT MODE FAST POWER MOS TRANSISTOR
Nov-1996
STP4NA60 STMICROELECTRONICS-STP4NA60 Datasheet
203Kb / 10P
N - CHANNEL ENHANCEMENT MODE FAST POWER MOS TRANSISTOR
Nov-1996
STP4NA90 STMICROELECTRONICS-STP4NA90 Datasheet
236Kb / 5P
N-CHANNEL ENHANCEMENT MODE FAST POWER MOS TRANSISTOR
Nov 1996
STP6NA60 STMICROELECTRONICS-STP6NA60 Datasheet
206Kb / 10P
N - CHANNEL ENHANCEMENT MODE FAST POWER MOS TRANSISTOR
Nov-1996
STU10NA50 STMICROELECTRONICS-STU10NA50 Datasheet
73Kb / 5P
N - CHANNEL ENHANCEMENT MODE FAST POWER MOS TRANSISTOR
Oct-1997
logo
New Jersey Semi-Conduct...
STP6NA80 NJSEMI-STP6NA80 Datasheet
153Kb / 3P
N- CHANNEL ENHANCEMENT MODE FAST POWER MOS TRANSISTOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com