Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CSX-252T Datasheet(PDF) 1 Page - CIT Relay & Switch

Part # CSX-252T
Description  TEMPERATURE COMPENSATED CRYSTAL OSCILLATOR
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIT [CIT Relay & Switch]
Direct Link  http://www.citswitch.com
Logo CIT - CIT Relay & Switch

CSX-252T Datasheet(HTML) 1 Page - CIT Relay & Switch

  CSX-252T Datasheet HTML 1Page - CIT Relay & Switch  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
http://www.citizen.co.jp/english/crystal/index.html
28
Life-size
2.5±0.15
#4
#1
#3
#2
#4
#1
#3
#2
0.9
0.7
Pin No.
#1
#2
#3
#4
Connection
VC or GND
GND
OUTPUT
Vcc
Pin Assignment
Connection
VC
GND
Function
VC-TCXO
TCXO
#1 Function
1.2
0.5
1.2
CSX-252T
f0
△
f/f0
TOPR
TSTR
Vdd
△
fVC
Idd
VOUT
TST
FA
3.5 msec Max.
19.2MHz , 26.0MHz , 38.4MHz
2.5mA Max.
±2.5ppm /(−30℃∼+75℃)
±4∼±15ppm / Cenrter voltage ±1.0V
−
30℃∼+75℃
−
40℃∼+85℃
1.8V ∼ 3.0V ±5%
±1.0ppm / year Max.
0.8Vp-p Min.(10kΩ/ 10pF)
CSX-252T
■DIMENSION [mm]
■SOLDER PAD LAYOUT [mm]
■FEATURES
7High-density SMD type.
Ultra-light weight and ultraminiature size.
7Automatic mounting and reflowable type.
7Low current consumption.
7Small phase noise.
7Available in 1.8V ultralow voltage drive.
7Most appropriate for Cellular phone and other
equipment with telecommunication devices.
■STANDARD SPECIFICATIONS
Nominal Frequency
Frequency Stability
Operating Temperature Range
Storage Temperature Range
Supply Voltage
Frequency adjustment range
Supply current
Output Voltage
Start-up time
Aging (first year)
Item
Model
TEMPERATURE COMPENSATED CRYSTAL OSCILLATOR (SMD•CeramicPackage)
2000pcs/reel


Similar Part No. - CSX-252T

ManufacturerPart #DatasheetDescription
logo
CITIZEN ELECTRONICS CO....
CSX-252F CITIZEN-CSX-252F Datasheet
553Kb / 1P
CRYSTAL CLOCK OSCILLATORS
CSX-252FA CITIZEN-CSX-252FA Datasheet
553Kb / 1P
CRYSTAL CLOCK OSCILLATORS
CSX-252FH CITIZEN-CSX-252FH Datasheet
553Kb / 1P
CRYSTAL CLOCK OSCILLATORS
CSX-252FJ CITIZEN-CSX-252FJ Datasheet
553Kb / 1P
CRYSTAL CLOCK OSCILLATORS
CSX-252FM CITIZEN-CSX-252FM Datasheet
553Kb / 1P
CRYSTAL CLOCK OSCILLATORS
More results

Similar Description - CSX-252T

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ZC503 ETC1-ZC503 Datasheet
2Mb / 4P
TEMPERATURE COMPENSATED CRYSTAL OSCILLATOR
CSX-532T ETC1-CSX-532T Datasheet
110Kb / 1P
Temperature Compensated Crystal Oscillator
logo
Advanced XTAL Products
AXLE3225 AXTAL-AXLE3225 Datasheet
246Kb / 1P
Temperature Compensated Crystal Oscillator
AXLE7050 AXTAL-AXLE7050 Datasheet
265Kb / 1P
Temperature Compensated Crystal Oscillator
logo
Vectron International, ...
TX-400 VECTRON-TX-400_10 Datasheet
363Kb / 5P
Temperature Compensated Crystal Oscillator
TX-703 VECTRON-TX-703 Datasheet
250Kb / 5P
Temperature Compensated Crystal Oscillator
TX-550 VECTRON-TX-550 Datasheet
435Kb / 6P
Temperature Compensated Crystal Oscillator
VT-822 VECTRON-VT-822 Datasheet
204Kb / 5P
Temperature Compensated Crystal Oscillator
VT-840 VECTRON-VT-840 Datasheet
247Kb / 5P
Temperature Compensated Crystal Oscillator, Voltage Controlled Temperature Compensated Crystal Oscillator
logo
Vanlong Technology Co.,...
TO520 VANLONG-TO520_13 Datasheet
45Kb / 1P
Temperature Compensated Crystal Oscillator
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com