Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EFE02CF Datasheet(PDF) 2 Page - Cynergy3 Co

Part # EFE02CF
Description  50-170Amp Diode, SCR/Diode Modules
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYNERGY3 [Cynergy3 Co]
Direct Link  http://www.cynergy3.com
Logo CYNERGY3 - Cynergy3 Co

EFE02CF Datasheet(HTML) 2 Page - Cynergy3 Co

  EFE02CF Datasheet HTML 1Page - Cynergy3 Co EFE02CF Datasheet HTML 2Page - Cynergy3 Co  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
series EF
50-170Amp • Diode, SCR/Diode Modules
Part Number Indentification
Series
Current (Amps)
Circuit Type
Voltage
Options
1Ø
3Ø
AC SW
EF
D - 50
70
55
(see
B - 400 (120Vac)
F - Free Wheeling
E - 75
100
85
schematic
C - 500 (240Vac)
Diode (Circuits 1,
F - 100 135
110
diagrams)
E - 1000 (380Vac)
2, 16 and 19)
G - 125 170
140
Example: 01
F - 1200 (480Vac)
Example: EFD02CF
G - 1400 (530Vac)
USA
Sales & Tech Support (866) 258-5057
Email: sales@cynergy3.com
Cynergy3 Components
2320 Paseo de las Americas, Suite 104
San Diego, CA 92154
EUROPE - UK
Telephone +44 (0) 1202 897969
Fax +44 (0) 1202 891918
Email: sales@cynergy3.com
Cynergy3 Components Ltd.
7 Cobham Road
Ferndown Industrial Estate
Wimborne, Dorset BH21 7PE
ASIA - Thailand
Telephone +66 (0)2 665 2517
Fax +66 (0)2 665 2588
Cynergy 3 Components, Asia
18/8 Fico Place 12th Floor
Soi Sukhumvit 21 (Asoke)
Klongtoey Nua, Wattana
Bangkok, Thailand 10110
© 2006 Cynergy3 components, All Rights Reserved. Specifications are subject to change without prior notice. Cynergy3 components and the Cynergy3 components logo are trademarks of Cynergy3 components Corp.
Approvals
UL - E72445
ISO
9001 CERTIFIED
Competitive part number cross-reference available at:
www.cynergy3.com
01
G2
AC1
AC2
G1
+
--
05
AC1
AC2
G2
G1
16
G3
AC1
AC2
G1
G4
G2
AC3
G5
G6
+
--
17
G1
AC1
G2
AC2
G3
AC3
+
18
G2
G1
AC1
L1
G4
G3
AC2
L2
G6
G5
AC3
L3
19
G2
AC1
AC2
G1
AC3
G3
+
--
20
G1
AC1
L1
G2
AC2
L2
G3
AC3
L3
02
--
AC1
AC2
G2
G1
+
AC1
AC2
G4
G2
G1
G3
+
--
04
AC
AC
AC
+
--
13
14
15
AC
AC
+
AC
AC
AC
+
--



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com