Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ABL Datasheet(PDF) 1 Page - Abracon Corporation

Part # ABL
Description  HC/49US (AT49) MICROPROCESSOR CRYSTAL
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation

ABL Datasheet(HTML) 1 Page - Abracon Corporation

  ABL Datasheet HTML 1Page - Abracon Corporation ABL Datasheet HTML 2Page - Abracon Corporation ABL Datasheet HTML 3Page - Abracon Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
|||||||||||||||
ABL Series
APPLICATIONS:
FEATURES:
Pb RoHS
Compliant
ISO 9001 / QS 9000
CERTIFIED
ISO 9001 / QS 9000
CERTIFIED
STANDARD SPECIFICATIONS:
ABRACON IS
ABRACON IS
30332 Esperanza, Rancho Santa Margarita, California 92688
tel 949-546-8000 | fax 949-546-8001 | www.abracon.com
Revised: 02.21.08
Visit www.abracon.com for Terms & Conditions of Sale
11.5 x 5.0 x 3.5 mm
• High reliability & Low Cost
• Tight stability & extended temperature
• Proven resistance welded metal package
• Home electronics
• Computers, modems, and communications
• Automotive and industrial
• High-precision TCXO and clock applications
• Microprocessors
Frequency Tolerance at +25°C
Frequency Stability over the
Operating Temp. (Ref to +25°C)
PARAMETERS
3.579545 MHz to 70 MHz
AT strip (see options)
3.579545 MHz - 24.0 MHz (Fundamental)
24.01 - 50.00 MHz (Fund. AT or BT)
24.01 - 70.00 MHz (3rd - Overtone)
± 50 ppm max. (see options)
Frequency
ABRACON P/N
ABL Series
Operation Mode
Operating Temperature
Storage Temperature
- 55°C to + 125°C
0°C to + 70°C (see options)
± 50 ppm max. (see options)
Equivalent Series Resistance
Shunt Capacitance C0
Load Capacitance CL
Drive Level
Aging at 25°C ± 3°C Per Year
Insulation Resistance
Drive level dependency (DLD),
minimum 7 points tested
See Table 1
18pF (see options)
1 mW max., 100
μW typical
500 M
min at 100Vdc ± 15V
7pF max.
± 5ppm max.
1
μW to 500μW
HC/49US (AT49) MICROPROCESSOR CRYSTAL
Change in frequency (Maximum - Minimum) over DLD range < ±10ppm
Change in ESR (Maximum - Minimum) over DLD range < 25% of Max ESR value
Maximum ESR over DLD range < Max ESR value
TABLE 1: ESR
ESR ( )
3.579 - 4.999 (Fund.)
180
5.000 - 5.999 (Fund.)
120
6.000 - 7.999 (Fund.)
100
8.000 - 8.999 (Fund.)
80
9.000 - 9.999 (Fund.)
60
10.000 - 15.999 (Fund.)
50
16.000 - 50.000 (Fund.)
40
24.01 - 31.999 (3rd O/T)
100
32.000 - 70.00 (3rd O/T)
80
FREQUENCY (MHz)


Similar Part No. - ABL

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ABL ETC-ABL Datasheet
163Kb / 6P
Single/Double Bridge Gear Tooth And Encoder Sensors
logo
Abracon Corporation
ABL ABRACON-ABL Datasheet
290Kb / 1P
MICROPROCESSOR CRYSTALS AT49(HC49US) ULTRA LOW PROFILE
logo
List of Unclassifed Man...
ABL-10.000MHZ-B2 ETC1-ABL-10.000MHZ-B2 Datasheet
139Kb / 1P
AB Series HC49U Crystals, ABLS Series HC49US SMD Crystals, ABL Series HC49US Crystals, ABM3 Series 5.0 x 3.2 SMD Crystals
ABL-11.0592MHZ-B2 ETC1-ABL-11.0592MHZ-B2 Datasheet
139Kb / 1P
AB Series HC49U Crystals, ABLS Series HC49US SMD Crystals, ABL Series HC49US Crystals, ABM3 Series 5.0 x 3.2 SMD Crystals
ABL-12.000MHZ-B2 ETC1-ABL-12.000MHZ-B2 Datasheet
139Kb / 1P
AB Series HC49U Crystals, ABLS Series HC49US SMD Crystals, ABL Series HC49US Crystals, ABM3 Series 5.0 x 3.2 SMD Crystals
More results

Similar Description - ABL

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
ABLS2 ABRACON-ABLS2 Datasheet
200Kb / 2P
HC/49US (AT49) LOW PROFILE SURFACE MOUNT MICROPROCESSOR CRYSTAL
07.27.07
ABLS3 ABRACON-ABLS3 Datasheet
235Kb / 3P
HC/49US (AT49) LOW PROFILE SURFACE MOUNT MICROPROCESSOR CRYSTAL
07.27.07
ABL2 ABRACON-ABL2_07 Datasheet
3Mb / 3P
HC/49US (AT49) MICROPROCESSOR CRYSTAL
12.17.07
ABL3 ABRACON-ABL3_07 Datasheet
3Mb / 3P
HC/49US (AT49) MICROPROCESSOR CRYSTAL
12.17.07
ABLS2 ABRACON-ABLS2_07 Datasheet
404Kb / 2P
HC/49US (AT49) LOW PROFILE SURFACE MOUNT MICROPROCESSOR CRYSTAL
12.17.07
ABLS3 ABRACON-ABLS3_07 Datasheet
410Kb / 2P
HC/49US (AT49) LOW PROFILE SURFACE MOUNT MICROPROCESSOR CRYSTAL
12.17.07
ABLS2-3.6864MHZ-D4Y-T ABRACON-ABLS2-3.6864MHZ-D4Y-T Datasheet
1Mb / 3P
HC/49US (AT49) LOW PROFILE SURFACE MOUNT MICROPROCESSOR CRYSTAL
03.31.11
ABL ABRACON-ABL_15 Datasheet
1Mb / 3P
HC/49US (AT49) MICROPROCESSOR CRYSTAL
01.08.13
ABL2 ABRACON-ABL2_15 Datasheet
1Mb / 3P
HC/49US (AT49) MICROPROCESSOR CRYSTAL
12.18.14
ABL3 ABRACON-ABL3_15 Datasheet
1Mb / 3P
HC/49US (AT49) MICROPROCESSOR CRYSTAL
09 .01 .10
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com