Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ABLS Datasheet(PDF) 1 Page - Abracon Corporation

Part # ABLS
Description  HC/49US (AT49) SMD LOW PROFILE CRYSTAL
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation

ABLS Datasheet(HTML) 1 Page - Abracon Corporation

  ABLS Datasheet HTML 1Page - Abracon Corporation ABLS Datasheet HTML 2Page - Abracon Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
|||||||||||||||
ABLS
APPLICATIONS:
FEATURES:
11.5 x 4.8 x 4.2 mm
Pb RoHS
Compliant
ISO 9001 / QS 9000
CERTIFIED
ISO 9001 / QS 9000
CERTIFIED
STANDARD SPECIFICATIONS:
• Suitable for reflow
• Low in height - suitable for thin equipment
• Tight stability & extended temperature
• Computers, Modems, Microprocessors
• Automotive and Industrial
• Wireless Applications
OPTIONS & PART IDENTIFICATION:
(Left blank if standard)
ABRACON IS
ABRACON IS
30332 Esperanza, Rancho Santa Margarita, California 92688
tel 949-546-8000 | fax 949-546-8001 | www.abracon.com
Revised: 04.15.08
Visit www.abracon.com for Terms & Conditions of Sale
Drive level dependency (DLD)
from 1μW to 500μW (minimum 7 points tested)
• Change in frequency (Maximum - Minimum)
over DLD range < ±10ppm
• Change in ESR (Maximum - Minimum) over
DLD range < 25% of Max ESR value
• Maximum ESR over DLD range < Max ESR
value
TABLE 1: ESR
ESR (
?? )
3.579 - 4.999 (Fund.)
180
5.000 - 5.999 (Fund.)
120
6.000 - 7.999 (Fund.)
100
8.000 - 8.999 (Fund.)
80
9.000 - 9.999 (Fund.)
60
10.000 - 15.999 (Fund.)
50
16.000 - 50.000 (Fund.)
40
24.01 - 31.999 (3rd O/T)
100
32.000 - 70.00 (3rd O/T)
80
A
-10°C to +60°C
B
-20°C to +70°C
C
-30°C to +70°C
N
-30°C to +85°C
D
-40°C to +85°C
J*
-40°C to +105°C
K*
-40°C to +125°C
L*
-55°C to +125°C
U**
± 10 ppm
G
± 15 ppm
H5
± 5 ppm
X
± 20 ppm
NOTE: Fundamental BT frequency stability
1
± 10 ppm
W
± 25 ppm
± 100ppm max.at -10° C to +60° C only.
7
± 15 ppm
Y
± 30 ppm
* Frequency stability ±50ppm, ±100ppm, ±150ppm only.
2
± 20 ppm
H
± 35 ppm
Contact ABRACON for tighter frequency stability.
3
± 25 ppm
Q
± 100 ppm
** -10 to +60C only.
4
± 30 ppm
R
± 150 ppm
Operating Temp.
Freq. Stability
F for Fund. AT>24MHz
FB for Fund BT>24MHz
Frequency
Freq. Tolerance
T for Tape and Reel
FREQUENCY (MHz)
ESR
RXXX (Value inΩ
)
XX.XXXX MHz
Load Capacitance
Please specify CL in pF or S for
Series (minimun 10pF)
ABLS - Frequency -
-R
-
-
-
-
-
Mode
Packaging
Frequency Tolerance at +25°C
Frequency Stability over the
Operating Temp. (Ref to +25°C)
PARAMETERS
3.579545 MHz to 70 MHz
AT strip (see options)
3.579545 MHz - 24.0 MHz (Fundamental)
24.01 - 50.00 MHz (Fund. AT or BT)
24.01 - 70.00 MHz (3rd - Overtone)
± 50 ppm max. (see options)
Frequency
ABRACON P/N
ABLS Series
Operation Mode
Operating Temperature
Storage Temperature
- 55°C to + 125°C
0°C to + 70°C (see options)
± 50 ppm max. (see options)
Equivalent Series Resistance
Shunt Capacitance C0
Load Capacitance CL
Drive Level
Aging at 25°C ± 3°C Per Year
Insulation Resistance
Spurious Responses
See Table 1
18pF (see options)
1 mW max., 100μW typical
500 M min at 100Vdc ± 15V
7pF max.
± 5ppm max.
-3dB max.
HC/49US (AT49) SMD LOW PROFILE CRYSTAL
Ω


Similar Part No. - ABLS

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
ABLS ABRACON-ABLS Datasheet
234Kb / 3P
HC/49US (AT49) SMD LOW PROFILE CRYSTAL
07.26.07
ABLS ABRACON-ABLS Datasheet
544Kb / 1P
LOW PROFILE SURFACE MOUNT
logo
List of Unclassifed Man...
ABLS-10.000MHZ-B2-T ETC1-ABLS-10.000MHZ-B2-T Datasheet
139Kb / 1P
AB Series HC49U Crystals, ABLS Series HC49US SMD Crystals, ABL Series HC49US Crystals, ABM3 Series 5.0 x 3.2 SMD Crystals
ABLS-11.0592MHZ-B2-T ETC1-ABLS-11.0592MHZ-B2-T Datasheet
139Kb / 1P
AB Series HC49U Crystals, ABLS Series HC49US SMD Crystals, ABL Series HC49US Crystals, ABM3 Series 5.0 x 3.2 SMD Crystals
ABLS-12.000MHZ-B2-T ETC1-ABLS-12.000MHZ-B2-T Datasheet
139Kb / 1P
AB Series HC49U Crystals, ABLS Series HC49US SMD Crystals, ABL Series HC49US Crystals, ABM3 Series 5.0 x 3.2 SMD Crystals
More results

Similar Description - ABLS

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
ABLS ABRACON-ABLS Datasheet
234Kb / 3P
HC/49US (AT49) SMD LOW PROFILE CRYSTAL
07.26.07
ABLS2 ABRACON-ABLS2 Datasheet
200Kb / 2P
HC/49US (AT49) LOW PROFILE SURFACE MOUNT MICROPROCESSOR CRYSTAL
07.27.07
ABLS3 ABRACON-ABLS3 Datasheet
235Kb / 3P
HC/49US (AT49) LOW PROFILE SURFACE MOUNT MICROPROCESSOR CRYSTAL
07.27.07
ABL ABRACON-ABL_08 Datasheet
362Kb / 3P
HC/49US (AT49) MICROPROCESSOR CRYSTAL
02.21.08
ABL2 ABRACON-ABL2_07 Datasheet
3Mb / 3P
HC/49US (AT49) MICROPROCESSOR CRYSTAL
12.17.07
ABL3 ABRACON-ABL3_07 Datasheet
3Mb / 3P
HC/49US (AT49) MICROPROCESSOR CRYSTAL
12.17.07
ABLS3 ABRACON-ABLS3_07 Datasheet
410Kb / 2P
HC/49US (AT49) LOW PROFILE SURFACE MOUNT MICROPROCESSOR CRYSTAL
12.17.07
ABLS-LR ABRACON-ABLS-LR Datasheet
2Mb / 2P
HC/49US (AT49) ULTRA LOW ESR SMD LOW PROFILE CRYSTAL
05.04.10
ABLS2-3.6864MHZ-D4Y-T ABRACON-ABLS2-3.6864MHZ-D4Y-T Datasheet
1Mb / 3P
HC/49US (AT49) LOW PROFILE SURFACE MOUNT MICROPROCESSOR CRYSTAL
03.31.11
ABL2 ABRACON-ABL2_15 Datasheet
1Mb / 3P
HC/49US (AT49) MICROPROCESSOR CRYSTAL
12.18.14
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com