Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

5NB90 Datasheet(PDF) 1 Page - STMicroelectronics

Part # 5NB90
Description  N - CHANNEL 900V - 2.3 ohm - 5A - TO-220/TO-220FP PowerMESH MOSFET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

5NB90 Datasheet(HTML) 1 Page - STMicroelectronics

  5NB90 Datasheet HTML 1Page - STMicroelectronics 5NB90 Datasheet HTML 2Page - STMicroelectronics 5NB90 Datasheet HTML 3Page - STMicroelectronics 5NB90 Datasheet HTML 4Page - STMicroelectronics 5NB90 Datasheet HTML 5Page - STMicroelectronics 5NB90 Datasheet HTML 6Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
STP5NB90
STP5NB90FP
N - CHANNEL 900V - 2.3
Ω - 5A - TO-220/TO-220FP
PowerMESH
™ MOSFET
PRELIMINARY DATA
s
TYPICAL RDS(on) = 2.3
Ω
s
EXTREMELY HIGH dv/dt CAPABILITY
s
100% AVALANCHE TESTED
s
VERY LOW INTRINSIC CAPACITANCES
s
GATE CHARGE MINIMIZED
DESCRIPTION
Using the latest high voltage MESH OVERLAY
™
process, STMicroelectronics has designed an
advanced family
of
power MOSFETs
with
outstanding performances.
The
new
patent
pending strip layout coupled with the Company’s
proprietary edge termination structure, gives the
lowest RDS(on) per area, exceptional avalanche
and dv/dt capabilities and unrivalled gate charge
and switching characteristics.
APPLICATIONS
s
HIGH CURRENT, HIGH SPEED SWITCHING
s
UNINTERRUPTIBLE POWER SUPPLY(UPS)
s
DC-DC & DC-AC CONVERTERS FOR
TELECOM, INDUSTRIAL AND CONSUMER
ENVIRONMENT
INTERNAL SCHEMATIC DIAGRAM
September 1998
TO-220
TO-220FP
1
2
3
1
2
3
ABSOLUTE MAXIMUM RATINGS
Symbol
Parameter
Value
Un it
STP5NB90
STP5NB90F P
VDS
Drain-source Voltage (VGS =0)
900
V
VDGR
Drain- gate Volt age (RGS =20 k
Ω)
900
V
VGS
G ate-source Voltage
± 30
V
ID
Drain Current (continuous) at Tc =25
oC5
5(*)
A
ID
Drain Current (continuous) at Tc =100
oC3.1
3.1(*)
A
IDM (
•)
Drain Current (pulsed)
20
20
A
Ptot
T otal Dissipation at Tc =25
oC
125
40
W
Derating Factor
1.0
0.32
W /
o C
dv/dt (1)
Peak Diode Recovery volt age slope
4.5
4.5
V/ns
VISO
I nsulat ion W ithstand Voltage (DC)
2000
V
Tstg
Storage Temperat ure
-65 to 150
o C
Tj
Max. Operating Junction Temperature
150
o C
(
•) Pulse width limited by safe operating area
( 1)ISD
≤5 Α, di/dt ≤ 200 A/µs, VDD ≤ V(BR)DSS,Tj ≤ TJMAX
(*) Limited only by maximum temperature allowed
TYPE
VDSS
RDS(on)
ID
ST P5NB90
ST P5NB90FP
900 V
900 V
<2.5
Ω
<2.5
Ω
5A
5A
1/6


Similar Description - 5NB90

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STP3NB100 STMICROELECTRONICS-STP3NB100 Datasheet
44Kb / 6P
N - CHANNEL 1000V - 5.3 ohm - 3 A - TO-220/TO-220FP PowerMESH MOSFET
Oct-1998
STP3NB80 STMICROELECTRONICS-STP3NB80 Datasheet
106Kb / 9P
N - CHANNEL 800V - 4.6ohm - 2.6A - TO-220/TO-220FP PowerMESH MOSFET
Jan-1999
STP3NB90 STMICROELECTRONICS-STP3NB90 Datasheet
85Kb / 6P
N - CHANNEL 900V - 4 ohm - 3.5 A - TO-220/TO-220FP PowerMESH MOSFET
Oct-1998
STP3NC90Z STMICROELECTRONICS-STP3NC90Z Datasheet
335Kb / 11P
N-CHANNEL 900V - 3.2ohm - 3.5A TO-220/TO-220FP/I2PAK Zener-Protected PowerMESH™ II MOSFET
Jan-2001
STP5NB100 STMICROELECTRONICS-STP5NB100 Datasheet
106Kb / 9P
N - CHANNEL 1000V - 2.4ohm - 5A - TO-220/TO-220FP PowerMESH MOSFET
Feb-2000
STP5NB60 STMICROELECTRONICS-STP5NB60 Datasheet
108Kb / 9P
N - CHANNEL 600V - 1.8ohm - 5A - TO-220/TO-220FP PowerMESH MOSFET
Sep-1999
STP5NB80 STMICROELECTRONICS-STP5NB80 Datasheet
107Kb / 9P
N - CHANNEL 800V - 1.8ohm - 5A - TO-220/TO-220FP PowerMESH MOSFET
Jan-1999
STP6NB90 STMICROELECTRONICS-STP6NB90 Datasheet
109Kb / 9P
N - CHANNEL 900V - 1.7ohm - 5.8A - TO-220/TO-220FP PowerMESH MOSFET
Jun-1999
STP9NB50 STMICROELECTRONICS-STP9NB50 Datasheet
108Kb / 9P
N-CHANNEL 500V - 0.75 ohm - 8.6 A TO-220/TO-220FP PowerMesh MOSFET
May-2000
STP5NK90Z STMICROELECTRONICS-STP5NK90Z Datasheet
342Kb / 12P
N-CHANNEL 900V - 2ohm - 4.5A TO-220/TO-220FP
06-Sep-2005
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com