Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ABM2 Datasheet(PDF) 1 Page - Abracon Corporation

Part # ABM2
Description  CERAMIC SMD MICROPROCESSOR CRYSTAL
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation

ABM2 Datasheet(HTML) 1 Page - Abracon Corporation

  ABM2 Datasheet HTML 1Page - Abracon Corporation ABM2 Datasheet HTML 2Page - Abracon Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
TABLE 1
|||||||||||||||
ABM2
APPLICATIONS:
• High density applications
• Modems, communication and test equipment
• PMCIA, Wireless applications
• Microprocessor crystals
FEATURES:
• Glass sealed package
• Ceramic package assures high reliability
• Tight tolerance and stability available
• Suitable for solder reflow
8.0 x 4.5 x 1.8mm
CERAMIC SMD MICROPROCESSOR CRYSTAL
ABRACON IS
ISO 9001 / QS 9000
CERTIFIED
ABRACON IS
ISO 9001 / QS 9000
CERTIFIED
STANDARD SPECIFICATIONS:
30332 Esperanza, Rancho Santa Margarita, California 92688
tel 949-546-8000 | fax 949-546-8001 | www.abracon.com
Revised: 08.08.07
Visit www.abracon.com for Terms & Conditions of Sale
(Left blank if standard)
RoHS
Compliant
Pb in Glass
(exempt per RoHS 2002/95/EC Annex (5))
OPTIONS AND PART IDENTIFICATION:
(Left blank if standard)
Frequency Tolerance at +25°C
Frequency Stability over the
Operating Temp. (Ref to +25°C)
PARAMETERS
6.000 MHz - 100.000 MHz
AT-strip
6MHz - 50MHz (Fundamental)
30MHz - 100MHz (3rd Overtone)
-10°C to + 60°C (see options)
± 50 ppm max. (see options)
Frequency Range
ABRACON P/N
ABM2 Series
Operation Mode
Operating Temperature
Storage Temperature
- 40°C to + 85°C
± 50 ppm max. (see options)**
Equivalent Series Resistance
Shunt Capacitance C0
Load Capacitance CL
Drive Level
Aging at 25°C First Year
Insulation Resistance
See Table 1
18pF (see options)
100μW max., 10μW Typical
500M
Ω min
7pF max.
± 5ppm max.
. @ 100Vdc ± 15V
Frequency (MHz)
6.00-7.999 (Fund.)
8.00 - 9.999 (Fund.)
10.00 - 11.999 (Fund.)
30.00 - 100.00 (3rd O/T)
12.00 - 49.00(Fund.)
80
50
70
200
ESR(
Ω
Ω) max.
100
E
0°C to + 70°C
B
-20°C to +70°C
C
-30°C to +70°C
N
-30°C to +85°C
D
-40°C to +85°C
1
± 10 ppm
7
± 15 ppm
U
± 10 ppm*
2
± 20 ppm
G
± 12 ppm*
3
± 25 ppm
X
± 20 ppm*
4
± 30 ppm
W
± 25 ppm
Y
± 30 ppm
H
± 35 ppm
* Standard operating temperature only.
** Frequency stability ± 100 ppm max. @ -40 C to 80 C for BT-cut.
Freq. Stability
T
Tape and
Reel
Mode
FB for Fundamental BT
Cut for F>=30MHz
XX.XXX MHz
Load Capacitance
Please specify CL in pF
or S for Series (minimun
ABM2 - Frequency -
- R
-
-
-
-
-
ESR
RXXX (Value inΩ
)
F for Fundamental AT
Cut for F>=30MHz
.
p
m
e
T
g
n
i
t
a
r
e
p
O
y
c
n
e
u
q
e
r
F
Freq. Tolerance
Packaging


Similar Part No. - ABM2

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
ABM2 ABRACON-ABM2 Datasheet
466Kb / 1P
CERAMIC SURFACE MOUNT MINIATURE
ABM2 ABRACON-ABM2 Datasheet
1Mb / 3P
CERAMIC SMD MICROPROCESSOR CRYSTAL
11.29.11
logo
M-System Co.,Ltd.
ABM2 MSYSTEM-ABM2 Datasheet
219Kb / 7P
Final Control Elements
ABM2-B4W6A1-M2 MSYSTEM-ABM2-B4W6A1-M2 Datasheet
219Kb / 7P
Final Control Elements
ABM2-B4W6A1-M2/Q MSYSTEM-ABM2-B4W6A1-M2/Q Datasheet
219Kb / 7P
Final Control Elements
More results

Similar Description - ABM2

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
ABM7 ABRACON-ABM7_07 Datasheet
197Kb / 2P
CERAMIC SMD MICRO MINIATURE MICROPROCESSOR CRYSTAL
08.20.07
ABM2 ABRACON-ABM2_11 Datasheet
1Mb / 3P
CERAMIC SMD MICROPROCESSOR CRYSTAL
11.29.11
ABM7-12.000MHZ-D-2-Y-T ABRACON-ABM7-12.000MHZ-D-2-Y-T Datasheet
1Mb / 2P
CERAMIC SMD MICRO MINIATURE MICROPROCESSOR CRYSTAL
12.13.10
logo
TEMEX
RHC-49US TEMEX-RHC-49US Datasheet
442Kb / 5P
SMD Microprocessor Crystal
logo
Abracon Corporation
ABLS6M ABRACON-ABLS6M Datasheet
3Mb / 4P
SMD MICROPROCESSOR CRYSTAL
01.29.15
ABLS7M ABRACON-ABLS7M Datasheet
3Mb / 4P
SMD MICROPROCESSOR CRYSTAL
01.06.15
ABM2 ABRACON-ABM2_15 Datasheet
1Mb / 4P
CERAMIC SMD MICROPROCESSOR CRYSTAL
08.13.14
ABMC2 ABRACON-ABMC2_15 Datasheet
872Kb / 3P
SMD MICROPROCESSOR CRYSTAL
08.19.10
ABLS7M2 ABRACON-ABLS7M2 Datasheet
3Mb / 4P
SMD MICROPROCESSOR CRYSTAL
01.28.15
ABM4AAIG ABRACON-ABM4AAIG Datasheet
4Mb / 4P
Automotive Grade Ceramic SMD Low Profile Microprocessor Crystal
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com