Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ABMM Datasheet(PDF) 1 Page - Abracon Corporation

Part # ABMM
Description  CERAMIC SURFACE MOUNT MICROPROCESSOR CRYSTAL
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation

ABMM Datasheet(HTML) 1 Page - Abracon Corporation

  ABMM Datasheet HTML 1Page - Abracon Corporation ABMM Datasheet HTML 2Page - Abracon Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
| | | | | | | | | | | | | | |
ABMM
APPLICATIONS:
FEATURES:
7.0 x 5.0 x 1.3 mm
Pb RoHS
Compliant
ABRACON IS
ISO 9001 / QS 9000
CERTIFIED
ABRACON IS
ISO 9001 / QS 9000
CERTIFIED
STANDARD SPECIFICATIONS:
• Suitable for reflow
• Low in height - suitable for thin equipment
• AT-strip cut offers a tight tolerance & stability
• Computers, Modems, Microprocessors
• Communication, Test equipment
• PCMCIA
OPTIONS & PART IDENTIFICATION:
(Left blank if standard)
TABLE 1
ESR (Ω
Ω
)
70
50
40
80
Frequency (MHz)
6.000 - 11.999(Fund)
12.000 - 20.000(Fund)
20.000 - 33.000(Fund)
33.000 - 125.00(3rd O/T)
30332 Esperanza, Rancho Santa Margarita, California 92688
tel 949-546-8000 | fax 949-546-8001| www.abracon.com
Revised: 12.17.07
Visit www.abracon.com for Terms & Conditions of Sale
Blank
Bulk
T
Tape & Reel
1
± 10 ppm max.
7
± 15 ppm max.
2
± 20 ppm max.
3
± 25 ppm max.
F
Fund.AT>=33MHz
4
± 30 ppm max.
FB
Fund BT*
from -10ºC to +60ºC only.
U**
± 10 ppm max.
G***
± 15 ppm max.
X
± 20 ppm max.
E
0°C ~ +70°C
W
± 25 ppm max.
B
-20°C ~ +70°C
Y
± 30 ppm max.
C
-30°C ~ +70°C
H
± 35 ppm max.
N
-30°C ~ +85°C
** -10°C TO 60°C only
D
-40°C ~ +85°C
*** Temp option E and B only
(*) Note: ±100ppm max stability
Freq. Stability
Custom ESR
RXXX (Value inΩ
)
If it is custom
Freq. Tolerance
Operating Temp.
ABMM - Frequency - - R
- - - - -
g
n
i
g
a
k
c
a
P
y
c
n
e
u
q
e
r
F
Load Capacitance
Please specify CL in pF or
S for Series
Mode
XX.XXXX MHz
Frequency Tolerance at +25°C
Frequency Stability over the
Operating Temp. (Ref to +25°C)
PARAMETERS
6.0 MHz to 125 MHz
AT (see option)
Fundamental 6.0 MHz - 33.0 MHz
Third-Overtone for F ~ 33.01 MHz - 125 MHz
± 50 ppm max. (see options)
Frequency Range
ABRACON P/N
ABMM
Operation Mode
Operating Temperature
Storage Temperature
- 40°C to + 85°C
- 10°C to + 60°C (see options)
± 50 ppm max. (see Table 1); ± 100 ppm @
-10 °C to + 60° C for Fundamental BT
Equivalent Series Resistance
Shunt Capacitance C0
Load Capacitance CL
Drive Level
Aging at 25°C Per Year
Insulation Resistance
See Table 1
18pF (see options)
500µW
100µW typical
max.,
500MW min at 100Vdc ± 15V
7pF max.
± 5ppm max.
CERAMIC SURFACE MOUNT MICROPROCESSOR CRYSTAL


Similar Part No. - ABMM

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
ABMM ABRACON-ABMM Datasheet
187Kb / 2P
CERAMIC SURFACE MOUNT MICROPROCESSOR CRYSTAL
05.24.07
ABMM-1 ABRACON-ABMM-1 Datasheet
833Kb / 2P
CERAMIC SURFACE MOUNT LOW PROFILE QUARTZ CRYSTALS
07.08.10
ABMM-14.31818MHZ-B-R17234 ABRACON-ABMM-14.31818MHZ-B-R17234 Datasheet
1Mb / 2P
CERAMIC SURFACE MOUNT M ICROPROCESSOR CRYSTAL
02.26.12
ABMM-14.31818MHZ-C-R17234 ABRACON-ABMM-14.31818MHZ-C-R17234 Datasheet
1Mb / 2P
CERAMIC SURFACE MOUNT M ICROPROCESSOR CRYSTAL
02.26.12
ABMM-14.31818MHZ-D-R17234 ABRACON-ABMM-14.31818MHZ-D-R17234 Datasheet
1Mb / 2P
CERAMIC SURFACE MOUNT M ICROPROCESSOR CRYSTAL
02.26.12
More results

Similar Description - ABMM

ManufacturerPart #DatasheetDescription
logo
Raltron Electronics Cor...
H180A-3.8912-20 RALTRON-H180A-3.8912-20 Datasheet
68Kb / 1P
SURFACE MOUNT MICROPROCESSOR CRYSTAL
H180A-21.250-18 RALTRON-H180A-21.250-18 Datasheet
68Kb / 1P
SURFACE MOUNT MICROPROCESSOR CRYSTAL
TT-SMDC-12.288-20 RALTRON-TT-SMDC-12.288-20 Datasheet
71Kb / 1P
SURFACE MOUNT MICROPROCESSOR CRYSTAL
H10A RALTRON-H10A Datasheet
60Kb / 1P
SURFACE MOUNT MICROPROCESSOR CRYSTAL
H13A RALTRON-H13A Datasheet
63Kb / 1P
SURFACE MOUNT MICROPROCESSOR CRYSTAL
logo
Abracon Corporation
ABMM ABRACON-ABMM Datasheet
187Kb / 2P
CERAMIC SURFACE MOUNT MICROPROCESSOR CRYSTAL
05.24.07
ABMM3 ABRACON-ABMM3 Datasheet
196Kb / 2P
CERAMIC SURFACE MOUNT LOW PROFILE MICROPROCESSOR CRYSTAL
07.10.07
ABMM1 ABRACON-ABMM1_08 Datasheet
638Kb / 2P
CERAMIC SURFACE MOUNT LOW PROFILE MICROPROCESSOR CRYSTAL
09.19.08
ABMM1 ABRACON-ABMM1_10 Datasheet
700Kb / 2P
CERAMIC SURFACE MOUNT LOW PROFILE MICROPROCESSOR CRYSTAL
07.08.10
logo
List of Unclassifed Man...
H10S-18.432-18-F-3030-EXT ETC2-H10S-18.432-18-F-3030-EXT Datasheet
58Kb / 1P
SURFACE MOUNT MICROPROCESSOR CRYSTAL
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com