Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AFS418E Datasheet(PDF) 1 Page - Abracon Corporation

Part # AFS418E
Description  CERAMIC SURFACE-MOUNT SAW FILTER
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation

AFS418E Datasheet(HTML) 1 Page - Abracon Corporation

  AFS418E Datasheet HTML 1Page - Abracon Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
S4
CERAMIC SURFACE-MOUNT
SAW FILTER
AFS418E
Marking:
AFS
418E
FEATURES:
• SAW Filter 418.00MHz.
• Low Loss, Compact.
• SMD makes reflow soldering possible.
• Gold plated terminals.
5.0 x 5.0 x 1.35mm
CHARACTERISTICS
UNIT
min.
typ.
max.
STANDARD SPECIFICATIONS
STANDARD SPECIFICATIONS
Packaging option: -T for tape and reel, see appendix H.
Reflow profile, see appendix E. Reliability specifications, see SAW application notes.
ABLSOLUTE MAXIMUM RATINGS:
Maching circuit to 50
Ω:
Pin No.
Function
1
Input
2
Input GND
5
Output
6
Output GND
3, 7
To be GNDed
4, 8
Case GND
Dimensions: Inches (mm)
29 Journey • Aliso Viejo, CA 92656 • USA
(949) 448-7070
FAX: (949) 448-8484
E-MAIL:
abinfo@abracon.com • INTERNET ADDRESS: www.abracon.com
NOTE: All specifications and markings subject to change without notice
ABRACON IS
ISO 9001 / QS 9000
CERTIFIED
-0.5
0.5
1.5
dB
CH 1
0
1:Transmission
/M
Log Mag
10.0 dB/
Ref
-3.50 dB
2:Transmission
/M
Log Mag
1.0 dB/
Ref
-3.50 dB
Center 418.000 MHz
Span
50.000 MHz
0.053 Max
(1.35)
0.047
(1.20)
0.024
(0.60)
0.08
(2.08)
0.1± .006
(2.54±0.15)
0.20± .008
(5.0±0.2)
0.20± .008
(5.0±0.2)
L1
L2
C2
C1
C1=C2=15pF, L1=L2=68 nH
-4.5
CH 2
-2.5
-1.5
-5.5
1
Center 418.000 MHz
Span
5.000 MHz
ABRACON
®
CORPORATION
Center frequency
Fc
MHz
-
418.00
-
Insertion loss
IL
dB
-
3.5
5.0
3dB Passband
BW3
kHz
-
600
-
Stopband attenuation at Fc-21.4MHz dB
40
50
-
at Fc-10.7MHz dB
15
30
-
Ultimate
-
80
-
Turn-over temperature
To
°C
24
39
54
Temperature coefficient
Tc
ppm/C2
-
0.032
-
Aging absolute first year
[A]
ppm
-
-
10
DC voltage
12Vdc
Operating temperature
-35°C to +85°C
Maximum power dissipation
10dBm
BW:
0.607 MHz
CF:
418.012 MHz
Q:
680.98
Loss:
-2.24 dB
2
COMMON APPLICATIONS:
• Wireless car alarm, Garage door opener. (RKE)
• Mobile communications systems


Similar Part No. - AFS418E

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
AFS418S3 ABRACON-AFS418S3 Datasheet
217Kb / 1P
SMD 418.0MHz SAW FILTER
More results

Similar Description - AFS418E

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
AFS915D ABRACON-AFS915D Datasheet
155Kb / 1P
CERAMIC SURFACE-MOUNT SAW FILTER
AFS916.5E ABRACON-AFS916.5E Datasheet
173Kb / 1P
CERAMIC SURFACE-MOUNT SAW FILTER
AFS868.35E ABRACON-AFS868.35E Datasheet
173Kb / 1P
CERAMIC SURFACE-MOUNT SAW FILTER
AFS14A26-915.00-T3 ABRACON-AFS14A26-915.00-T3 Datasheet
1Mb / 4P
Surface Mount 915.00MHz SAW Filter
04.16.13
AFS20A20-1910.00-T3 ABRACON-AFS20A20-1910.00-T3 Datasheet
2Mb / 4P
Surface Mount 1910.00MHz SAW Filter
04.16.13
AFS14A04-1575.42-T2 ABRACON-AFS14A04-1575.42-T2 Datasheet
2Mb / 4P
Surface Mount 1575.42MHz SAW Filter
06.20.12
AFS14A11-722.00-T2 ABRACON-AFS14A11-722.00-T2 Datasheet
2Mb / 4P
Surface Mount 722.00MHz SAW Filter
09.22.14
AFS14A15-2017.50-T2 ABRACON-AFS14A15-2017.50-T2 Datasheet
2Mb / 4P
Surface Mount 2017.50MHz SAW Filter
07.23.12
AFS20A42-1575.42-T2 ABRACON-AFS20A42-1575.42-T2 Datasheet
1Mb / 4P
Surface Mount 1575.42MHz SAW Filter
05.21.12
ASFS20A26-915.00-T2 ABRACON-ASFS20A26-915.00-T2 Datasheet
1Mb / 4P
Surface Mount 915.00MHz SAW Filter
05.21.12
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com