Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P5NC70Z Datasheet(PDF) 2 Page - STMicroelectronics

Part # P5NC70Z
Description  N-CHANNEL 700V - 1.8ohm - 4.6A TO-220/FP/D²PAK/I²PAK Zener-Protected PowerMESH™ II MOSFET
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

P5NC70Z Datasheet(HTML) 2 Page - STMicroelectronics

  P5NC70Z Datasheet HTML 1Page - STMicroelectronics P5NC70Z Datasheet HTML 2Page - STMicroelectronics P5NC70Z Datasheet HTML 3Page - STMicroelectronics P5NC70Z Datasheet HTML 4Page - STMicroelectronics P5NC70Z Datasheet HTML 5Page - STMicroelectronics P5NC70Z Datasheet HTML 6Page - STMicroelectronics P5NC70Z Datasheet HTML 7Page - STMicroelectronics P5NC70Z Datasheet HTML 8Page - STMicroelectronics P5NC70Z Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
STP5NC70Z - STP5NC70ZFP - STB5NC70Z - STB5NC70Z-1
2/12
THERMAL DATA
AVALANCHE CHARACTERISTICS
ELECTRICAL CHARACTERISTICS (TCASE = 25 °C UNLESS OTHERWISE SPECIFIED)
OFF
ON (1)
DYNAMIC
TO-220 / D²PAK
I²PAK
TO-220FP
Rthj-case
Thermal Resistance Junction-case Max
1.25
3.57
°C/W
Rthj-amb
Thermal Resistance Junction-ambient Max
62
°C/W
Tl
Maximum Lead Temperature For Soldering Purpose
300
°C
Symbol
Parameter
Max Value
Unit
IAR
Avalanche Current, Repetitive or Not-Repetitive
(pulse width limited by Tj max)
4.6
A
EAS
Single Pulse Avalanche Energy
(starting Tj = 25 °C, ID =IAR,VDD =50 V)
200
mJ
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
V(BR)DSS
Drain-source
Breakdown Voltage
ID = 250 µA, VGS = 0
700
V
∆BVDSS/∆TJ Breakdown Voltage Temp.
Coefficient
ID =1mA, VGS = 0
0.8
V/°C
IDSS
Zero Gate Voltage
Drain Current (VGS =0)
VDS = Max Rating
1µA
VDS = Max Rating, TC = 125 °C
50
µA
IGSS
Gate-body Leakage
Current (VDS =0)
VGS = ± 20V
±10
µA
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VGS(th)
Gate Threshold Voltage
VDS =VGS,ID = 250µA
345
V
RDS(on)
Static Drain-source On
Resistance
VGS =10V, ID = 2.4 A
1.8
2.0
Ω
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
gfs (1)
Forward Transconductance
VDS >ID(on) xRDS(on)max,
ID = 2.4A
4S
Ciss
Input Capacitance
VDS = 25V,f= 1MHz,VGS =0
1200
pF
Coss
Output Capacitance
98
pF
Crss
Reverse Transfer
Capacitance
9pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com