Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMCB21 Datasheet(PDF) 1 Page - Abracon Corporation

Part # AMCB21
Description  MULTILAYER CHIP BALUN
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation

AMCB21 Datasheet(HTML) 1 Page - Abracon Corporation

  AMCB21 Datasheet HTML 1Page - Abracon Corporation AMCB21 Datasheet HTML 2Page - Abracon Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
MULTILAYER CHIP BALUN
|||||||||||||||
AMCB21
STANDARD SPECIFICATIONS:
OPTIONS AND PART IDENTIFICATION:
(Left blank if standard)
APPLICATIONS:
FEATURES:
2.0 x 1.25 x 0.85mm
Pb RoHS
Compliant
PARAMETERS
ABRACON P/N:
AMCB21
Operating temperature:
-25°C to + 85°C
Storage temperature:
-55°C to + 125°C
ABRACON IS
ISO 9001 / QS 9000
CERTIFIED
ABRACON IS
ISO 9001 / QS 9000
CERTIFIED
30332 Esperanza, Rancho Santa Margarita, California 92688
tel 949-546-8000 | fax 949-546-8001 | www.abracon.com
Revised: 10.23.07
Visit www.abracon.com for Terms & Conditions of Sale
• Phase difference of 180±10 degrees
• Amplitude difference of 0.5 dB max
• Can simplify the complex tuning and circuit design
• Low insertion loss and high attenuation
• Small size SMD chip design
• WLAN, Bluetooth, GSM
• Wireless Communication
OUTLINE DRAWING:
Balance Port Impedance
Frequency Range
Part No.
AMCB21-2450-01
Center Frequency
2400~2500MHz
Unbalance Port Impedance
50Ω
100Ω(50Ω+50Ω)
Phase difference
180±5 Deg.
2450MHz
V.S.W.R at Unbalance Port (in BW)
≤2.0 (2400~2500 MHz)
Insertion Loss
Amplitude Difference
≤0.5dB
≤1.2dB
Please refer to the tables
above.
eg. 2450 MHz
AMCB21 -
-
−
g
n
i
g
a
k
c
a
P
y
c
n
e
u
q
e
r
F
r
e
t
n
e
C
T
Tape and
Reel
Balun Type


Similar Part No. - AMCB21

ManufacturerPart #DatasheetDescription
logo
BELIMO AIRCONTROLS (USA...
AMCB24-MFT BELIMO-AMCB24-MFT Datasheet
694Kb / 2P
24 VAC, 짹20%, 50/60 Hz, 24 VDC, 짹10%
More results

Similar Description - AMCB21

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
HHM1522B1 TDK-HHM1522B1_15 Datasheet
69Kb / 6P
Multilayer Balun
HHM1526 TDK-HHM1526_15 Datasheet
69Kb / 6P
Multilayer Balun
HHM1545 TDK-HHM1545 Datasheet
68Kb / 6P
Multilayer Balun
HHM1570B1 TDK-HHM1570B1_15 Datasheet
71Kb / 6P
Multilayer Balun
HHM1583B1 TDK-HHM1583B1_15 Datasheet
72Kb / 6P
Multilayer Balun
HHM1591D1 TDK-HHM1591D1 Datasheet
68Kb / 6P
Multilayer Balun
HHM1710J1 TDK-HHM1710J1 Datasheet
68Kb / 6P
Multilayer Balun
HHM1904A1 TDK-HHM1904A1 Datasheet
68Kb / 6P
Multilayer Balun
HHM1905C2 TDK-HHM1905C2 Datasheet
71Kb / 6P
Multilayer Balun
logo
Wurth Elektronik GmbH &...
748422245 WURTH-748422245 Datasheet
570Kb / 7P
WE-BAL Multilayer Chip Balun
002.001
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com