Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP2S Datasheet(PDF) 1 Page - Abracon Corporation

Part # AP2S
Description  SURFACE-MOUNT CMOS PROGRAMMABLE OSCILLATOR
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation

AP2S Datasheet(HTML) 1 Page - Abracon Corporation

  AP2S Datasheet HTML 1Page - Abracon Corporation AP2S Datasheet HTML 2Page - Abracon Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
|||||||||||||||
AP2S
2.5 x 2.0 x 0.9mm
• Performance comparable to fixed frequency oscillator
• Lowest peak-to-peak jitter
• Low supply current
• Short lead time
• Suitable for mass production
• Alternative to long lead-time XO's
Pb RoHS
Compliant
For Small
Quantities,
Delivery Time
is 1-5 days
Blank*
3.3 V
I
0°C to +50°C
**Blank
OE
B
Bulk
1
2.5 V
D
-10°C to +60°C
J(**)
±20ppm
**B
PDB
T
Tape and Reel
2
1.8 V
E
-20°C to +70°C
R
±25ppm
Ask for Tube Package
*3.3V : Standard
F
-30°C to +70°C
K
±30ppm
N
-30°C to +85°C
H
±35ppm
L
-40°C to +85°C
B
±40ppm
C
±50ppm
Operating Temp.
Freq. Stability
AP2S -Frequency- - - -
Supply Voltage
Packaging
** OE: Tri-state the output buffer.
** PDB: Tri-state the output buffer and shut off the oscillator, <10μA when PDB enabled.
PIN 1(Option)
ABRACON IS
ISO 9001 / QS 9000
CERTIFIED
ABRACON IS
ISO 9001 / QS 9000
CERTIFIED
OPTIONS & PART IDENTIFICATION:
(Left blank if standard)
FEATURES:
ELECTRICAL SPECIFICATIONS:
SURFACE-MOUNT CMOS PROGRAMMABLE OSCILLATOR
30332 Esperanza, Rancho Santa Margarita, California 92688
tel 949-546-8000 | fax 949-546-8001 | www.abracon.com
Revised: 1.04.08
Visit www.abracon.com for Terms & Conditions of Sale
Unit
MHz
MHz
MHz
°C
ppm
V
V
V
mA
mA
mA
pF
V
V
V
V
V
V
%
uA
nSec
nSec
psec
* Inclusive of calibration @25°C, operating temperature range, input voltage variation, load variation, aging,
shock, and vibration.
-
-
-5
.
2
-
Symmetry
Standby Curent
-
-
-
-
Rise Time (10%->90% Vdd)
10
45
Output Load
Freq. stability
over operating temp.* (See Options)
0.33
--
Input Current
(2.5V)
Input Current
(3.3V)
Output Type
25
10
55
50
--
Output "0" level
(3.3V)
--
--
-
-
7
9
.-
-
2
0.25
CMOS
Operating Temp. Range (See Options)
Characteristics
m
u
m
i
x
a
M
m
u
m
i
n
il
a
c
i
p
y
T
M
Frequency Range
(3.3V)
2.75
90
--
0
0
1
0
0
1-
-
-
1.98
-
-
-5
1
-
(2.5V)
3
1.62
(1.8V)
-
-
3
Input Voltage (Operating Vdd)
1.8
5
.
2
5
2
.
2
3
.
3
7
9
.
2
--
** Jitter performance depends on programing parameter and output frequency. Please contact ABRACON for additional info.
--
Input Current
(1.8V)
0
7
o
t
0
3
-
-
0.18
--
--
1.62
--
--
--
--
2.25
Fall Time (90%->10% Vdd)
5
.
2
-
-
Tri-state Function
(Input to pin 1)
pin 1 : High or Open , pin 3 : Enable
pin 1 : Low , pin 3 : Disable
110
--
15
0
6
0
1-
-
-
3.63
75
3
(1.8V)
(2.5V)
(2.5V)
(1.8V)
Output "1" level
(3.3V)
Jitter peak-to-peak**
(* * *)Available for I, D, or E temp options only.
Contact ABRACON for EJ or LR options. (Availability limited)


Similar Part No. - AP2S

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
AP2S ABRACON-AP2S Datasheet
1Mb / 2P
PROGRAMMABLE CRYSTAL OSCILLATOR
3.5.07
More results

Similar Description - AP2S

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
AP3S ABRACON-AP3S_08 Datasheet
1Mb / 2P
SMD CMOS PROGRAMMABLE CRYSTAL OSCILLATOR
09.24.08
logo
Connor-Winfield Corpora...
CWX813 CONNOR-WINFIELD-CWX813 Datasheet
149Kb / 2P
Surface Mount CMOS Clock Oscillator Series
logo
Pletronics, Inc.
FD5T PLETRONICS-FD5T Datasheet
213Kb / 12P
Programmable CMOS Clock Oscillator
logo
Connor-Winfield Corpora...
CWX823-012M CONNOR-WINFIELD-CWX823-012M Datasheet
98Kb / 2P
Surface Mount CMOS Clock Oscillator Series
CWX823-012288M CONNOR-WINFIELD-CWX823-012288M Datasheet
98Kb / 2P
5.0x7.0mm Surface Mount CMOS Clock Oscillator Series
logo
Micrel Semiconductor
DSC8001 MICREL-DSC8001 Datasheet
611Kb / 8P
Programmable Low-Power Precision CMOS Oscillator
DSC8002 MICREL-DSC8002 Datasheet
620Kb / 8P
Programmable Low-Power CMOS Oscillator
logo
Epson Company
SG-8018 EPSON-SG-8018 Datasheet
1Mb / 8P
CRYSTAL OSCILLATOR (Programmable) OUTPUT: CMOS
SG-8101 EPSON-SG-8101 Datasheet
1Mb / 8P
CRYSTAL OSCILLATOR (Programmable) OUTPUT: CMOS
SG-8101CGA EPSON-SG-8101CGA Datasheet
1Mb / 8P
CRYSTAL OSCILLATOR (Programmable) OUTPUT: CMOS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com