Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSV358 Datasheet(PDF) 4 Page - MOSA ELECTRONICS

Part # MSV358
Description  Rail-to-Rail Output Low Voltage, Low Supply Current General Purpose Dual OP Amps
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOSA [MOSA ELECTRONICS]
Direct Link  http://www.mosanalog.com
Logo MOSA - MOSA ELECTRONICS

MSV358 Datasheet(HTML) 4 Page - MOSA ELECTRONICS

  MSV358 Datasheet HTML 1Page - MOSA ELECTRONICS MSV358 Datasheet HTML 2Page - MOSA ELECTRONICS MSV358 Datasheet HTML 3Page - MOSA ELECTRONICS MSV358 Datasheet HTML 4Page - MOSA ELECTRONICS MSV358 Datasheet HTML 5Page - MOSA ELECTRONICS MSV358 Datasheet HTML 6Page - MOSA ELECTRONICS MSV358 Datasheet HTML 7Page - MOSA ELECTRONICS  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
MOSA
MSV358
General Purpose Dual Operational Amplifiers
REV 1
4
www.mosanalog.com
TYPICAL PERFORMANCE CHARACTERISTICS
(Ta=25℃; unless otherwise specified)
SUPPLY VOLTAGE (V)
FREQUENCY (Hz)
FREQUENCY (Hz)
Quiescent current vs. supply voltage
Channel separation vs. frequency
PSRR vs. frequency
OUTPUT VOLTAGE (dBV)
OUTPUT VOLTAGE (dBV)
FREQUENCY (Hz)
THD+N vs. output voltage
THD+N vs. output voltage
THD+N vs. frequency
FREQUENCY (Hz)
CMRR vs. frequency
VDD=2.7V
VDD=5V
VDD=5V
VO=0dBV
VDD=2.7V
VO=-3dBV
VDD=5V
f=1kHz
f=100Hz
f=20kHz
VDD=2.7V
f=1kHz
f=100Hz
f=20kHz
VDD=5V
VO=0dBV
VDD=2.7V
VO=-3dBV
VDD=2.7V
VDD=5V



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com