Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASDM Datasheet(PDF) 2 Page - Abracon Corporation

Part # ASDM
Description  ULTRA MINIATURE PLASTIC PACKAGE PURE SILICON CLOCK OSCILLATOR
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation

ASDM Datasheet(HTML) 2 Page - Abracon Corporation

  ASDM Datasheet HTML 1Page - Abracon Corporation ASDM Datasheet HTML 2Page - Abracon Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
|||||||||||||||
ASDM
Pb RoHS
Compliant
ABRACON IS
ISO 9001 / QS 9000
CERTIFIED
ABRACON IS
ISO 9001 / QS 9000
CERTIFIED
30332 Esperanza, Rancho Santa Margarita, California 92688
tel 949-546-8000 | fax 949-546-8001 | www.abracon.com
Revised: 05.06.08
Visit www.abracon.com for Terms & Conditions of Sale
TM
ULTRA MINIATURE PLASTIC PACKAGE
Life Size
2.5x2.0 x0.80mm
PURE SILICON CLOCK OSCILLATOR
ASDM
OUTLINE DRAWING:
Dimensions: Inches (mm)
TAPE & REEL: Tape and reel 1,000pcs/reel
Dimensions: mm
Note: Recommend using an approximately
0.01uF bypass capacitor between
PIN 2 and 4.
No.
Pin terminal
Gnd
VDD
Output
1
2
3
4
Tri-state
2
#
1
#
#3
#4
2.5±0.15 [.098±0.006]
2.0±0.15 [.079±0.006]
2
#
1
#
#3
#4
2.5±0.15 [.098±0.006]
2.0±0.15 [.079±0.006]
0. 8±0.1 [.031±0.004]
0. 8±0.1 [.031±0.004]
#
#4
4
#
#3
3
1
1..7
7 [.
[.0
06
67
7]]
1
1
#
#
2
2
#
#2
2
2
2
2
2
2
0
0..7
7 [[..0
02
28
8]]
0
0..8
8 [[..03
031
1]]
C
CO
O..2
25
5
Recomm end ed L and Pa ttern
0.9 [. 035]
1.1 [.043]
1.7 [.067]
Recomm end ed L and Pa ttern
0.9 [. 035]
1.1 [.043]
1.7 [.067]
Visit www abracon com for T



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com