Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSV358U Datasheet(PDF) 3 Page - MOSA ELECTRONICS

Part # MSV358U
Description  Rail-to-Rail Output Low Voltage, Low Supply Current General Purpose Dual OP Amps
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOSA [MOSA ELECTRONICS]
Direct Link  http://www.mosanalog.com
Logo MOSA - MOSA ELECTRONICS

MSV358U Datasheet(HTML) 3 Page - MOSA ELECTRONICS

  MSV358U Datasheet HTML 1Page - MOSA ELECTRONICS MSV358U Datasheet HTML 2Page - MOSA ELECTRONICS MSV358U Datasheet HTML 3Page - MOSA ELECTRONICS MSV358U Datasheet HTML 4Page - MOSA ELECTRONICS MSV358U Datasheet HTML 5Page - MOSA ELECTRONICS MSV358U Datasheet HTML 6Page - MOSA ELECTRONICS MSV358U Datasheet HTML 7Page - MOSA ELECTRONICS  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
MOSA
MSV358
General Purpose Dual Operational Amplifiers
REV 1
3
www.mosanalog.com
5V ELECTRICAL CHARACTERISTICS
(Ta=25℃, VDD=5V, VSS=0V, VCM=VO= VDD/2; unless otherwise specified)
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
DC Characteristics
IQ
Quiescent current
Dual Amplifiers
-
200
-
µA
VOS
Input offset voltage
-
1
5
mV
CMRR
Common mode rejection ratio
0≦VCM≦4V
60
70
-
dB
PSRR
Power supply rejection ratio
Ripple = -20dBV, 100Hz
-
65
-
dB
CS
Cannel separation
f = 10kHz
-
76
-
dB
VCM
Common mode voltage range
CMRR≧50dB
-0.2
-
4.2
V
VO
Output voltage swing
RL=100kΩ, Av = -1
(THD+N) < -65dB
-
VDD-10
VDD-5
mV
AC Characteristics
SR
Slew rate
-
1
-
V/
µs
GBWP
Gain bandwidth product
-
1
-
MHz
THD+N
Total harmonic distortion
plus noise
f = 1kHz, Av = -1
RL > 10k, Vin = 4Vpp
-
-75
-70
dB
2.7V ELECTRICAL CHARACTERISTICS
(Ta=25℃, VDD=2.7V, VSS=0V, VCM=VO= VDD/2; unless otherwise specified)
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
DC Characteristics
IQ
Quiescent current
Dual Amplifiers
-
170
-
µA
VOS
Input offset voltage
-
1
5
mV
CMRR
Common mode rejection ratio
0≦VCM≦1.7V
50
60
-
dB
PSRR
Power supply rejection ratio
Ripple = -20dBV, 100Hz
-
60
-
dB
CS
Cannel separation
f = 10kHz
-
76
-
dB
VCM
Common mode voltage range
CMRR ≥ 50dB
-0.2
-
1.9
V
VO
Output voltage swing
RL=100kΩ, Av = -1
(THD+N) < -65dB
VDD-25
VDD-10
mV
AC Characteristics
GBWP
Gain bandwidth product
-
1
-
MHz
THD+N
Total harmonic distortion
plus noise
f = 1kHz, Av = -1
RL > 10k, Vin = 2Vpp
-
-70
-65
dB



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com