Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASFL2 Datasheet(PDF) 1 Page - Abracon Corporation

Part # ASFL2
Description  2.5V HCMOS / TTL COMPATIBLE SMD CRYSTAL CLOCK OSCILLATOR
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation

ASFL2 Datasheet(HTML) 1 Page - Abracon Corporation

  ASFL2 Datasheet HTML 1Page - Abracon Corporation ASFL2 Datasheet HTML 2Page - Abracon Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
|||||||||||||||
ASFL2
STANDARD SPECIFICATIONS:
OPTIONS AND PART IDENTIFICATION:
(Left blank if standard)
APPLICATIONS:
• CCD clock for VTR camera
• Equipment connected to PC or PC cards
• Thin equipment
• Wireless communication
FEATURES:
5.0 x 3.2 x 1.6 mm
Pb RoHS
Compliant
ABRACON IS
ISO 9001 / QS 9000
CERTIFIED
ABRACON IS
ISO 9001 / QS 9000
CERTIFIED
• Compact and low in height
• Tri state function
• Suitable for high density SMT
• Tight stability option
• Seam sealed package
• Reflow capable
2.5V HCMOS / TTL COMPATIBLE SMD
CRYSTAL CLOCK OSCILLATOR
30332 Esperanza, Rancho Santa Margarita, California 92688
tel 949-546-8000 | fax 949-546-8001 | www.abracon.com
Revised: 1.07.08
Visit www.abracon.com for Terms & Conditions of Sale
Please contact ABRACON if parts are intended for life dependent applications.
I
0°C to +50°C
J(*)
±20ppm
D
-10°C to +60°C
R
±25ppm
E
-20°C to +70°C
K
±30ppm
F
-30°C to +70°C
H
±35ppm
N
-30°C to +85°C
B
±40ppm
L
-40°C to +85°C
C
±50ppm
*Temp option I, D, E, and standard temp. only
Duty Cycle
Tape and Reel
1,000pcs
S
45/55%
@ 1/2Vdd
Blank
40/60%
@ 1/2Vdd
ASFL2 - Frequency -
-
-
-
Packaging
T
Operating Temp. Range
Overall Frequency Stability
PARAMETERS
ABRACON P/N:
ASFL2 Series
Frequency:
312 KHz to 125 MHz
Operating temperature:
-10°C to +70°C (see option)
Storage temperature:
- 55°C to + 125°C
Overall Frequency Stability:
±100 ppm max. (see option)
Supply voltage (Vdd):
2.5 Vdc ± 10%
Supply Current (Idd):
15 mA max for 321kHz ~ 30MHz
Symmetry at 1/2 Vdd:
40/60% max. (see option)
Rise and Fall Times(Tr/Tf):
10 ns max.
Output load:
Output Voltage:
VOH = 0.9*Vdd min.
VOL = 0.1*Vdd max.
Tri State Function:
Start-up-time:
10 mS max.
Aging per year:
±5 ppm max. @25°C
"1" or open: Oscillation; VIH ≥ 0.7*Vdd
"0": Output disabled (HI-Z); VIL < 0.3*Vdd
45 mA max for 30MHz ~ 80MHz
85 mA max for 80MHz ~ 125MHz
5TTL or 50pF max.


Similar Part No. - ASFL2

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
ASFL2 ABRACON-ASFL2 Datasheet
151Kb / 2P
2.5V HCMOS / TTL COMPATIBLE SMD CRYSTAL CLOCK OSCILLATOR
4.26.07
More results

Similar Description - ASFL2

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
S1800 ETC1-S1800 Datasheet
114Kb / 2P
Crystal Clock Oscillator 3.3 & 5V, HCMOS, TTL, SMD
logo
Abracon Corporation
ASFL2 ABRACON-ASFL2 Datasheet
151Kb / 2P
2.5V HCMOS / TTL COMPATIBLE SMD CRYSTAL CLOCK OSCILLATOR
4.26.07
ASLV ABRACON-ASLV Datasheet
264Kb / 1P
5.0Vdc HCMOS/TTL COMPATIBLE SMD CRYSTAL CLOCK OSCILLATOR
ASV1 ABRACON-ASV1 Datasheet
364Kb / 2P
3.3Vdc HCMOS/TTL SMD CRYSTAL CLOCK OSCILLATOR
07.12.07
ASV ABRACON-ASV Datasheet
366Kb / 2P
3.3Vdc HCMOS/TTL SMD CRYSTAL CLOCK OSCILLATOR
07.11.07
AP5S ABRACON-AP5S_08 Datasheet
164Kb / 2P
HCMOS/TTL COMPATIBLE SURFACE-MOUNT PROGRAMMABLE CRYSTAL CLOCK OSCILLATOR
1.04.08
AP7S ABRACON-AP7S_08 Datasheet
164Kb / 2P
HCMOS/TTL COMPATIBLE SURFACE-MOUNT PROGRAMMABLE CRYSTAL CLOCK OSCILLATOR
1.04.08
ASFL1 ABRACON-ASFL1_08 Datasheet
188Kb / 2P
3.3V HCMOS / TTL COMPATIBLE SMD CRYSTAL CLOCK OSCILLATOR
1.05.08
ASV ABRACON-ASV_08 Datasheet
202Kb / 2P
3.3Vdc HCMOS/TTL SMD CRYSTAL CLOCK OSCILLATOR
02.25.08
ASV1 ABRACON-ASV1_07 Datasheet
893Kb / 2P
3.3Vdc HCMOS/TTL SMD CRYSTAL CLOCK OSCILLATOR
12.14.07
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com