Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASFLK Datasheet(PDF) 1 Page - Abracon Corporation

Part # ASFLK
Description  32.768kHz CERAMIC SMD CRYSTAL OSCILLATOR
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation

ASFLK Datasheet(HTML) 1 Page - Abracon Corporation

  ASFLK Datasheet HTML 1Page - Abracon Corporation ASFLK Datasheet HTML 2Page - Abracon Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
32.768kHz CERAMIC SMD CRYSTAL OSCILLATOR
|||||||||||||||
ASFLK SERIES
STANDARD SPECIFICATIONS:
OPTIONS AND PART IDENTIFICATION:
(Left blank if standard)
APPLICATIONS:
• CCD clock for VTR camera
• Computers and peripherals
• Portable MP3 players and games
FEATURES:
• Pb-Free/RoHS Compliant
• Smallest industry package
• Tri state function
• Suitable for high density SMT
• IR reflow capable
• Seam sealed
5.0 x 3.2 x 1.3mm
Pb RoHS
Compliant
PARAMETERS
ABRACON P/N:
ASFLK Series
Frequency range:
32.768kHz
Operating temperature:
0°C to + 70°C (see options)
Storage temperature:
-55°C to +125°C
Symmetry:
40/60 % max.@ 1/2Vdd (see options)
Output Load:
15pF or 10TTL max.
Output Voltage:
VOL = 2.97V min.; VOH = 0.33V max.
Start-up-time:
10ms max.
Tristate function:
Logic "1" or open: Oscillation
Logic "0" (VIL < 0.8 Vdc) : Hi Z
Overall Frequency Stablilty:
± 100ppm max. (see options)
Supply Voltage (Vdd):
3.3 Vdc ± 10% (see options)
ABRACON IS
ISO 9001 / QS 9000
CERTIFIED
ABRACON IS
ISO 9001 / QS 9000
CERTIFIED
30332 Esperanza, Rancho Santa Margarita, California 92688
tel 949-546-8000 | fax 949-546-8001 | www.abracon.com
Revised: 03.03.08
Visit www.abracon.com for Terms & Conditions of Sale
0.5 mA max.
10 ns max.
± 3ppm/year max.
Phase jitter:
1ps RMS max.
Blank
3.3V±10%
E
-20°C to +70°C
1
3.0V±10%
F
-30°C to +70°C
2
2.5V±10%
N
-30°C to +85°C
4
5.0V±10%
L
-40°C to +85°C
*Contact ABRACON for extended.
temperature range.
J
±20ppm
R
±25ppm
K
±30ppm
H
±35ppm
B
±40ppm
C
±50ppm
Freq. Stability
Symmetry
Tape and
Reel
T
S
45/55% max
at 1/2Vdd
ASFLK-
- 32.768kHz -
-
-
-
Operating Temp.
Packaging
Supply Voltage
Aging at 25°C/year :
Supply current:
Rise and fall time (Tr/Tf):


Similar Part No. - ASFLK

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
ASFLK ABRACON-ASFLK Datasheet
243Kb / 2P
32.768kHz CERAMIC SMD CRYSTAL OSCILLATOR
06.28.07
ASFLK-32768KHZ-LJT ABRACON-ASFLK-32768KHZ-LJT Datasheet
979Kb / 2P
32.768kHz CERAMIC SMD CRYSTAL OSCILLATOR
09.14.09
More results

Similar Description - ASFLK

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
ASFLK ABRACON-ASFLK Datasheet
243Kb / 2P
32.768kHz CERAMIC SMD CRYSTAL OSCILLATOR
06.28.07
ASTX-H08K ABRACON-ASTX-H08K Datasheet
279Kb / 2P
32.768KHz TEMPERATURE COMPENSATED CRYSTAL OSCILLATOR
logo
List of Unclassifed Man...
AWS2 ETC2-AWS2 Datasheet
56Kb / 1P
32.768kHz SMD Watch Crystal
logo
Abracon Corporation
ASHK ABRACON-ASHK Datasheet
175Kb / 2P
32.768kHz CERAMIC SMD CRYSTAL OSCILLATOR
03.03.08
ASVK ABRACON-ASVK_07 Datasheet
354Kb / 2P
32.768kHz CERAMIC SMD CRYSTAL OSCILLATOR
08.09.07
logo
Fox Electronics
F32K FOX-F32K Datasheet
128Kb / 2P
HCMOS 32.768kHz SMD Oscillator
logo
Abracon Corporation
ASFLK-32768KHZ-LJT ABRACON-ASFLK-32768KHZ-LJT Datasheet
979Kb / 2P
32.768kHz CERAMIC SMD CRYSTAL OSCILLATOR
09.14.09
logo
Fox Electronics
FOX465 FOX-FOX465 Datasheet
390Kb / 2P
HCMOS 32.768kHz SMD Crystal Oscillator
logo
Seiko Instruments Inc
SH-32S SII-SH-32S Datasheet
259Kb / 2P
High accuracy Crystal Oscillator 32.768kHz
logo
Maxim Integrated Produc...
DS32KHZ MAXIM-DS32KHZ Datasheet
369Kb / 8P
32.768kHz Temperature-Compensated Crystal Oscillator
REV: 071521
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com