Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASHK Datasheet(PDF) 1 Page - Abracon Corporation

Part # ASHK
Description  32.768kHz CERAMIC SMD CRYSTAL OSCILLATOR
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation

ASHK Datasheet(HTML) 1 Page - Abracon Corporation

  ASHK Datasheet HTML 1Page - Abracon Corporation ASHK Datasheet HTML 2Page - Abracon Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
|||||||||||||||
ASHK SERIES
• Clock and Data recovery
• Miniature ceramic package (4.0 x 2.5 x 0.9mm)
• Operating Temp -40 to +85˚C
• Start up time less than 1 sec with supply voltage 1.5 to 5.5V
• Ultra low current consumption with CMOS output
• Tri-state function
• Pb-free reflow capable
Pb RoHS
Compliant
ABRACON IS
ISO 9001 / QS 9000
CERTIFIED
ABRACON IS
ISO 9001 / QS 9000
CERTIFIED
APPLICATIONS:
FEATURES:
STANDARD SPECIFICATIONS:
32.768kHz CERAMIC SMD CRYSTAL OSCILLATOR
OPTIONS & PART IDENTIFICATION:
(Left blank if standard)
30332 Esperanza, Rancho Santa Margarita, California 92688
tel 949-546-8000 | fax 949-546-8001 | www.abracon.com
Revised: 03.03.08
Visit www.abracon.com for Terms & Conditions of Sale
TABLE 1
Vdd
Supply Current
(V)
(uA max.)
3.3 (STD)
1.5
5.5V
2.0
2.8V
1.2
1.8V
1.0
1.5V
0.8
Blank
3.3V
k
l
u
B
k
n
a
l
B
k
n
a
l
B
2
5.5V
L
3
2.8V
4
1.8V
5
1.5V
ASHK - 32.768kHz -
-
Packaging
T
Tape and
Reel
Supply Voltage
Frequency Temp Characteristics
-20°C to +70°C / -90 to +10 ppm
-40°C to +85°C / -140 to +10 ppm
ABRACON P/N
ASHK Series
Frequency range:
32.768kHz
Operating temperature:
-20° C to + 70° C (see options)
Storage temperature:
- 55° C to + 125° C
Frequency tolerance:
+5 ± 20ppm @ +25˚C Vdd=3.3V; referenced to 32.768kHz
Overall frequency stability:
-120 to +10 ppm over -20 to +70˚C; referenced to frequency
measured @ 25˚C
Supply voltage (Vdd):
3.3 V ± 5% (see options. 1.5 to 5.5V)
Symmetry:
40/60 % @ 1/2Vdd
Rise and fall time (Tr/Tf):
200ns max. (10% to 90%Vdd, CL=15pF)
Startup time:
1-sec max. for Vdd=3.3V @ +25˚C
Output load:
CMOS (15 pF max.)
Output voltage (CL=15pF @ +25˚C):
VOH = Vdd-0.4V min.
VOL = 0.4V max.
Tristate function :
"1" (VIH >= 2.2 V) or open: Oscillation
"0" (VIL < 0.8 V) : Hi Z
Stand-by current:
250nA max. @ +25˚C
PARAMETERS
4.0 x 2.5 x 0.9 mm
• CCD clock for VTR camera
• Computers and peripherals
• Portable MP3 players and games
Supply current:
Please see Table 1


Similar Part No. - ASHK

ManufacturerPart #DatasheetDescription
logo
PAIRUI GROUP INC.
ASH-10 PAIRUI-ASH-10 Datasheet
563Kb / 5P
AC-DC CONVERTER
ASH-15 PAIRUI-ASH-15 Datasheet
563Kb / 5P
AC-DC CONVERTER
ASH-20 PAIRUI-ASH-20 Datasheet
618Kb / 5P
AC-DC CONVERTER
ASH-25 PAIRUI-ASH-25 Datasheet
488Kb / 4P
AC-DC CONVERTER
ASH-5 PAIRUI-ASH-5 Datasheet
616Kb / 5P
AC-DC CONVERTER
More results

Similar Description - ASHK

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
ASFLK ABRACON-ASFLK Datasheet
243Kb / 2P
32.768kHz CERAMIC SMD CRYSTAL OSCILLATOR
06.28.07
ASTX-H08K ABRACON-ASTX-H08K Datasheet
279Kb / 2P
32.768KHz TEMPERATURE COMPENSATED CRYSTAL OSCILLATOR
logo
List of Unclassifed Man...
AWS2 ETC2-AWS2 Datasheet
56Kb / 1P
32.768kHz SMD Watch Crystal
logo
Abracon Corporation
ASFLK ABRACON-ASFLK_08 Datasheet
153Kb / 2P
32.768kHz CERAMIC SMD CRYSTAL OSCILLATOR
03.03.08
ASVK ABRACON-ASVK_07 Datasheet
354Kb / 2P
32.768kHz CERAMIC SMD CRYSTAL OSCILLATOR
08.09.07
logo
Fox Electronics
F32K FOX-F32K Datasheet
128Kb / 2P
HCMOS 32.768kHz SMD Oscillator
logo
Abracon Corporation
ASFLK-32768KHZ-LJT ABRACON-ASFLK-32768KHZ-LJT Datasheet
979Kb / 2P
32.768kHz CERAMIC SMD CRYSTAL OSCILLATOR
09.14.09
logo
Fox Electronics
FOX465 FOX-FOX465 Datasheet
390Kb / 2P
HCMOS 32.768kHz SMD Crystal Oscillator
logo
Seiko Instruments Inc
SH-32S SII-SH-32S Datasheet
259Kb / 2P
High accuracy Crystal Oscillator 32.768kHz
logo
Maxim Integrated Produc...
DS32KHZ MAXIM-DS32KHZ Datasheet
369Kb / 8P
32.768kHz Temperature-Compensated Crystal Oscillator
REV: 071521
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com