Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASSL1 Datasheet(PDF) 2 Page - Abracon Corporation

Part # ASSL1
Description  TTL/CMOS SMD LOW EMI SPREAD SPECTRUM CRYSTAL CLOCK OSCILLATORS
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation

ASSL1 Datasheet(HTML) 2 Page - Abracon Corporation

  ASSL1_08 Datasheet HTML 1Page - Abracon Corporation ASSL1_08 Datasheet HTML 2Page - Abracon Corporation ASSL1_08 Datasheet HTML 3Page - Abracon Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
|||||||||||||||
ASSL1 or ASSV1
Pb RoHS
Compliant
ABRACON IS
ISO 9001 / QS 9000
CERTIFIED
ABRACON IS
ISO 9001 / QS 9000
CERTIFIED
BANDWIDTH ORDERING CODE: SPREAD SPECTRUM BANDWIDTH SELECTION TABLE
7.43 x 5.34 x 2.6mm
30332 Esperanza, Rancho Santa Margarita, California 92688
tel 949-546-8000 | fax 949-546-8001 | www.abracon.com
Revised: 1.04.08
Visit www.abracon.com for Terms & Conditions of Sale
C1
C3
D1
D3
± 1.4
± 0.5
- 3
- 1.9
± 1.3
± 0.4
- 2.7
- 1.7
± 1.2
± 0.4
- 2.5
- 1.5
± 1.1
± 0.3
- 2.3
- 1.4
± 1.4
± 0.5
- 3
- 1.9
± 1.3
± 0.4
- 2.7
- 1.7
± 1.2
± 0.4
- 2.5
- 1.5
± 1.1
± 0.3
- 2.3
- 1.4
± 1.4
± 0.5
- 3
- 1.9
± 1.3
± 0.4
- 2.7
- 1.7
± 1.2
± 0.4
- 2.5
- 1.5
± 1.1
± 0.3
- 2.3
- 1.4
± 1.4
± 0.5
- 3
- 1.9
± 1.3
± 0.4
- 2.7
- 1.7
± 1.2
± 0.4
- 2.5
- 1.5
± 1.1
± 0.3
- 2.3
- 1.4
31.25 ~ 39.06
MODULATION
)
z
H
k
(
)
%
(
FREQUENCY
CENTER SPREAD
Frequency range
8 ~ 10
(MHZ)
DOWN SPREAD
SELECTION CODE
(%)
8
8
.
6
4
~
6
0
.
9
3
2
1
~
0
1
9
6
.
4
5
~
8
8
.
6
4
4
1
~
2
1
0
5
.
2
6
~
9
6
.
4
5
6
1
~
4
1
6
0
.
9
3
~
5
2
.
1
3
0
2
~
6
1
8
8
.
6
4
~
6
0
.
9
3
4
2
~
0
2
9
6
.
4
5
~
8
8
.
6
4
8
2
~
4
2
0
5
.
2
6
~
9
6
.
4
5
2
3
~
8
2
6
0
.
9
3
~
5
2
.
1
3
0
4
~
2
3
8
8
.
6
4
~
6
0
.
9
3
8
4
~
0
4
9
6
.
4
5
~
8
8
.
6
4
6
5
~
8
4
46.88 ~ 54.69
0
5
.
2
6
~
9
6
.
4
5
4
6
~
6
5
6
0
.
9
3
~
5
2
.
1
3
0
8
~
4
6
0
5
.
2
6
~
9
6
.
4
5
8
2
1
~
2
1
1
SELECTION CODE
8
8
.
6
4
~
6
0
.
9
3
6
9
~
0
8
96 ~ 112
P/N
SSBW
ASSL1(5V)
Blank
0°C to +70°C
Blank*
±100ppm
ASSV1(3.3V)
E
-20°C to +70°C
R
±25ppm
L
-40°C to +85°C
K
±30ppm
SSBW: Spread Spectrum Band Width
H
±35ppm
C
±50ppm
Tape and Reel
(1000pcs)
ASS
1 Frequency
Operating Temp.
Freq. Stability
Packaging
T
OPTIONS & PART IDENTIFICATION:
C1, C3, D1or D3
See table
TTL/CMOS SMD LOW EMI SPREAD
SPECTRUM CRYSTAL CLOCK OSCILLATORS



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com