Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASSL1 Datasheet(PDF) 1 Page - Abracon Corporation

Part # ASSL1
Description  TTL/CMOS SMD LOW EMI SPREAD SPECTRUM CRYSTAL CLOCK OSCILLATORS
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation

ASSL1 Datasheet(HTML) 1 Page - Abracon Corporation

  ASSL1 Datasheet HTML 1Page - Abracon Corporation ASSL1 Datasheet HTML 2Page - Abracon Corporation ASSL1 Datasheet HTML 3Page - Abracon Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Frequency Range
ABRACON P/N
Operating Temperature
Storage Temperature
Frequency Stability vs. Temp.
Supply voltage
Supply Current (Idd)
30mA
Rise time / Fall time
Load Capacitance CL
Aging
Output Voltage (VOL)
(VOH)
Bandwidth Accuracy
Cycle to Cycle Jitter
|||||||||||||||
ASSL1 or ASSV1
• Printers, Digital Copy Machines, Scanners,
Modems, Navigation Equipment, Automotive,
Audio, Medical Electronics, Telecommunications,
Aerospace
• Integrated spread spectrum technology
• Reduces engineering and compliance costs; Faster release time to market
• Standard TTL or CMOS output
• Meets jitter requirements for all major CISC, RISC & DSP processors
• 8 MHz to 128 MHz output frequency range
• Modulated clock reduces electromagnetic emissions up to 20dB
8MHz to 128MHz
ASSL1 or ASSV1 Series
0°C to + 70°C (see options)
- 60°C to + 150°C
± 100 ppm (see options)
ASSL1 (Vdd) = 5.0V ±5% ; ASSV1 (Vdd) = 3.3V ±5%
5ns max., 3.5ns typ.
10pF TTL, 15pF typ.
Duty Cycle
40% to 60%, 50% typ.
Rise Time (Tr)
2nsec min, 5nsec max
Fall Time (Tf)
2nsec min, 4.4nsec max
±5ppm per year
VOL1 @ 4mA = 0.4V max. ; VOL2 @ 10mA = 1.2V max.
VOH1 @ 4mA = 2.4V min. ; VOH2 @ 6mA = 2.0V min.
8MHz = 450psec ; 16MHz = 400psec ; 32MHz = 380MHz
psec ; 64MHz = 380psec ; 128MHz = 380psec
±10% max.
Pb RoHS
Compliant
ABRACON IS
ISO 9001 / QS 9000
CERTIFIED
ABRACON IS
ISO 9001 / QS 9000
CERTIFIED
APPLICATIONS:
FEATURES:
STANDARD SPECIFICATIONS:
TTL/CMOS SMD LOW EMI SPREAD
PARAMETERS
Start-up Time
10ms max., 3ms typ.
7.43 x 5.34 x 2.6mm
SPECTRUM CRYSTAL CLOCK OSCILLATORS
30332 Esperanza, Rancho Santa Margarita, California 92688
tel 949-546-8000 | fax 949-546-8001 | www.abracon.com
Revised: 1.04.08
Visit www.abracon.com for Terms & Conditions of Sale
Drop-in
Replacement for
Industry Standard
7 x 5 mm
Package!
Operating Temperature (TOPR)
-40ºC to 85ºC
Supply Voltage (Vdd)
3.0VDC min. to 6.0VDC max.
Storage Temperature (TSTO)
-65ºC to 150ºC
Junction Temperature (TJUN)
+150ºC
Absolute Maximum Ratings


Similar Part No. - ASSL1

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
ASSL1 ABRACON-ASSL1 Datasheet
166Kb / 3P
LOW EMI SPREAD SPECTRUM CRYSTAL CLOCK OSCILLATORS
07.06.07
More results

Similar Description - ASSL1

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SM532 ETC1-SM532 Datasheet
132Kb / 14P
Low EMI Spectrum Spread Clock
logo
Cypress Semiconductor
FS781 CYPRESS-FS781 Datasheet
196Kb / 12P
Low EMI Spectrum Spread Clock
logo
Abracon Corporation
ACSD ABRACON-ACSD Datasheet
190Kb / 3P
5.0VDC or 3.3VDC 8 PIN DIP HCMOS/ TTL LOW EMI SPREAD SPECTRUM CRYSTAL CLOCK OSCILLATORS
29 Journey
ASSH ABRACON-ASSH Datasheet
132Kb / 2P
5.0VDC or 3.3VDC 8 PINDIP HCMOS/ TTL LOW EMI SPREAD SPECTRUM CRYSTAL CLOCK OSCILLATORS
Rev. 2.4 05/2003
ASSL1 ABRACON-ASSL1 Datasheet
166Kb / 3P
LOW EMI SPREAD SPECTRUM CRYSTAL CLOCK OSCILLATORS
07.06.07
ASSM ABRACON-ASSM Datasheet
95Kb / 2P
LOW EMI SPREAD SPECTRUM CRYSTAL CLOCK OSCILLATOR
ASSO ABRACON-ASSO Datasheet
136Kb / 2P
5.0VDC or 3.3VDC 14 PIN DIP HCMOS/ TTL LOW EMI SPREAD SPECTRUM CRYSTAL CLOCK OSCILLATORS
Rev. 2.4 05/2003
logo
Cypress Semiconductor
FS791 CYPRESS-FS791 Datasheet
143Kb / 9P
Low EMI Spectrum Spread Clock
CYIFS781BSXC CYPRESS-CYIFS781BSXC Datasheet
252Kb / 12P
Low EMI Spectrum Spread Clock
logo
Kyocera Kinseki Corpota...
KC5032E-C3 KSS-KC5032E-C3_18 Datasheet
64Kb / 1P
Spread Spectrum Clock Oscillators
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com