Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASVV Datasheet(PDF) 1 Page - Abracon Corporation

Part # ASVV
Description  HCMOS/TTL COMPATIBLE VOLTAGE CONTROLLED CRYSTAL OSCILLATOR
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation

ASVV Datasheet(HTML) 1 Page - Abracon Corporation

  ASVV Datasheet HTML 1Page - Abracon Corporation ASVV Datasheet HTML 2Page - Abracon Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Frequency Range
ABRACON P/N
ASVV Series
Operating Temperature
Storage Temperature
Overall frequency stability
Supply voltage (Vdd)
Input Current
Output Voltage
Control Voltage (Vc)
Pulling
|||||||||||||||
ASVV
• Phase locked loops (PLLs)
• Synthesizers
• Clock Recover, Digital Transmission device
• Digital set-up box
• Computers; Test Equipment
0°C to + 70°C (See options)
-45°C to +90°C
± 50ppm max. (See options)
3.3 Vdc ± 5%
Rise and fall time (Tr/Tf)
10ns max.
Tri-state function
Linearity
Period jitter (Peak to Peak)
"1" (VIH >= 2.2 Vdc) or open: Oscillation
"0" (VIL < 0.8 Vdc) : Hi Z
Start-up time
10 ms max.
Output Load
30pF/5TTL max.
Symmetry
40/60 % max.@ 1/2Vdd (see options)
VOH = 0.9 * Vdd min.; VOL = 0.1 * Vdd max.
1.65Vdc ± 1.5V (see options)
± 80 ppm minimum (see options)
Pb RoHS
Compliant
HCMOS/TTL COMPATIBLE VOLTAGE
CONTROLLED CRYSTAL OSCILLATOR
OPTIONS & PART IDENTIFICATION:
(Left blank if standard)
STANDARD SPECIFICATIONS:
APPLICATIONS:
FEATURES:
PARAMETERS
ABRACON IS
ISO 9001 / QS 9000
CERTIFIED
ABRACON IS
ISO 9001 / QS 9000
CERTIFIED
7.0 x 5.0 x 1.6 mm
• Low profile (1.6) SMD VCXO
• Tristate functions
• Seam sealed
• HCMOS/TTL output
• Suitable for IR reflow
1.000 MHz to 200.00 MHz
15mA max. For 1MHz to 24MHz
30mA max. For 24.01MHz to 96MHz
40mA max. For 96.01MHz to 200MHz
±30ps typical (Period Jitter vary with frequencies)
±10% max.
30332 Esperanza, Rancho Santa Margarita, California 92688
tel 949-546-8000 | fax 949-546-8001 | www.abracon.com
Revised (K): 03.11.08
Visit www.abracon.com for Terms & Conditions of Sale
*N152
N122
N102
±20 ppm
±25 ppm
±30 ppm
I20
I25
I30
B20
B25
B30
D20
D25
D30
C20
C25
C30
F20
F25
F30
E20
E25
E30
L25
L30
Packaging
Tape and Reel
(1K/reel)
-10°C to 70°C
0°C to 50°C
S
45/55% at
1/2Vdd
Operating Temperature
0°C to 60°C
-10°C to 60°C
0°C to 70°C
E50
L50
-20°C to 70°C
-40°C to 85°C
B50
D50
STD (Left blank)
F50
±50 ppm
I50
ASVV-Frequency -
-
-
-
Symmetry
T
±120 ppm min. 0.15V to 3.15V
±100 ppm min. 0.15V to 3.15V
Frequency stability (ppm)
Pulling
±150 ppm min. 0.15V to 3.15V
* Standard distributor part number option.


Similar Part No. - ASVV

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
ASVV ABRACON-ASVV Datasheet
1Mb / 2P
HCMOS/TTL COMPATIBLE VOLTAGE CONTROLLED CRYSTAL OSCILLATOR
5.01.07
More results

Similar Description - ASVV

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
HO-12 ETC1-HO-12 Datasheet
302Kb / 1P
HCMOS/TTL CRYSTAL OSCILLATOR
logo
Abracon Corporation
ASFL2 ABRACON-ASFL2 Datasheet
151Kb / 2P
2.5V HCMOS / TTL COMPATIBLE SMD CRYSTAL CLOCK OSCILLATOR
4.26.07
ASLV ABRACON-ASLV Datasheet
264Kb / 1P
5.0Vdc HCMOS/TTL COMPATIBLE SMD CRYSTAL CLOCK OSCILLATOR
ASVV ABRACON-ASVV Datasheet
1Mb / 2P
HCMOS/TTL COMPATIBLE VOLTAGE CONTROLLED CRYSTAL OSCILLATOR
5.01.07
ASV25XXIY ABRACON-ASV25XXIY Datasheet
227Kb / 1P
HCMOS/TTL COMPATIBLE VOLTAGE CONTROL CRYSTAL OSCILLATOR
logo
Crystek Corporation
CVXO-916T CRYSTEKCRYSTAL-CVXO-916T Datasheet
113Kb / 1P
Voltage Controlled Crystal Oscillator 9X14 mm SMD, 5V, HCMOS/TTL
CVXO-014014S CRYSTEKCRYSTAL-CVXO-014014S Datasheet
118Kb / 1P
Voltage Controlled Crystal Oscillator 8 & 14 Pin Dip, 5V, HCMOS/TTL
logo
Abracon Corporation
ASFL1 ABRACON-ASFL1_08 Datasheet
188Kb / 2P
3.3V HCMOS / TTL COMPATIBLE SMD CRYSTAL CLOCK OSCILLATOR
1.05.08
ASFL2 ABRACON-ASFL2_08 Datasheet
188Kb / 2P
2.5V HCMOS / TTL COMPATIBLE SMD CRYSTAL CLOCK OSCILLATOR
1.07.08
ASLV ABRACON-ASLV_08 Datasheet
167Kb / 2P
5.0Vdc HCMOS/TTL COMPATIBLE VOLTAGE CONTROLLED CRYSTAL OSCILLATOR
02.25.08
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com