Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AVSS Datasheet(PDF) 1 Page - Abracon Corporation

Part # AVSS
Description  5.0V SINEWAVE SMD VOLTAGE CONTROLLED OSCILLATOR
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation

AVSS Datasheet(HTML) 1 Page - Abracon Corporation

  AVSS Datasheet HTML 1Page - Abracon Corporation AVSS Datasheet HTML 2Page - Abracon Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
|||||||||||||||
AVSS SERIES
14.3 x 8.7 x 5.0 mm
Pb RoHS
Compliant
ABRACON IS
ISO 9001 / QS 9000
CERTIFIED
ABRACON IS
ISO 9001 / QS 9000
CERTIFIED
APPLICATIONS:
FEATURES:
STANDARD SPECIFICATIONS:
5.0V SINEWAVE SMD VOLTAGE CONTROLLED OSCILLATOR
Frequency Range
ABRACON P/N
Operating Temperature
Storage Temperature
Frequency Stability vs.
Ambient Temp.
Operating Temp.
Aging (1st Year)
Aging (10 Years)
Vdd ± 5%
Supply Voltage (Vdd)
Current Consumption (Idd)
Output Load
Output Power
Voltage Control
Center Voltage Control
Transfer Function
Modulation Linearity
Phase Jitter RMS
Start-up Time
Pullability
10.00 MHz to 100.00 MHz
AVSS Series
-20° C to + 70° C (see options)
-40° C to + 85° C
± 5 ppm
± 50 ppm max. (see options)
± 5 ppm max., ± 2ppm typ.
± 15 ppm max.
± 1 ppm
5.0 V ± 5%
35mA Max.
50 Ω (Sinewave)
0±2dBm
0 to Vdd
Vdd/2
+/-10% Max.
Positive
5ps max.
5ms max.
± 25ppm (see options)
Spurious Response
-60 dBc max.
Harmonics
-15 dBc max.
Typical Phase Noise @
28 MHz Carrier
-90 dBc/Hz @ 10Hz offset, -122 dBc/Hz @ 100Hz offset, -135 dBc/Hz
@ 1kHz offset, -150 dBc/Hz @ 10kHz offset, -155 dBc/Hz @ 100kHz offset
3dB Modulation Bandwidth
20kHz typ, 10kHz min.
PARAMETERS
30332 Esperanza, Rancho Santa Margarita, California 92688
tel 949-546-8000 | fax 949-546-8001 | www.abracon.com
Revised: 03.11.08
Visit www.abracon.com for Terms & Conditions of Sale
OPTIONS & PART IDENTIFICATION:
(Left blank if standard)
A
5.0V ± 5%
D
-10°C to 60°C
Blank
Bulk
F
-30°C to 70°C
T
Tape and Reel
N
-30°C to 85°C
L
-40°C to 85°C
m
p
p
5
2
±
k
n
a
l
B
m
p
p
0
5
±
k
n
a
l
B
m
p
p
0
4
±
0
4
N
m
p
p
5
2
±
R
m
p
p
0
5
±
0
5
N
m
p
p
0
3
±
K
m
p
p
5
7
±
5*
7
N
m
p
p
5
3
±
H
N100* ± 100ppm
AVSS - Frequency -
-
-
-
-
Supply voltage
Pullability
g
n
i
g
a
k
c
a
P
.
p
m
e
T
g
n
i
t
a
r
e
p
O
Overall Freq. Stability
• Cellular Infrastructure
• Phase Locked Loop based systems & communication cards
• Hand held instruments requiring excellent receiver sensitivity
• Ideally suited for 50Ω systems requiring Low Total Harmonic Distortion
• Systems requiring Low power consumption into 50Ω’s
• 14.3 x 8.7 x 5.0 True SMT – RoHS Compliant Reflow-able Package
• AT-Cut high “Q” resonator based design
• Available with -40°C to +85°C operating temperature range
• Excellent close-in phase noise
(-135 dBc/Hz @ 1kHHz offset – 28 MHz carrier)
• Designed with “Tuned Output Stage” to drive 50Ω systems
* = Please check with
Abracon for availability


Similar Part No. - AVSS

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
AVS CDE-AVS Datasheet
206Kb / 6P
General Purpose Filtering, Bypassing, Power Supply Decoupling
AVS CDE-AVS Datasheet
462Kb / 6P
SMT Aluminum Electrolytic Capacitors - General Purpose
logo
Advantech Co., Ltd.
AVS-240 ADVANTECH-AVS-240 Datasheet
1Mb / 2P
4U Rackmount Xeon E5-2400 Video Wall Controller, Supporting 21 Matrox Mura MPX
AVS-240 ADVANTECH-AVS-240 Datasheet
637Kb / 2P
4U Intel Xeon E5-2400 Video Wall Controller, Supporting 8-output Video Wall
AVS-240-00A1E ADVANTECH-AVS-240-00A1E Datasheet
637Kb / 2P
4U Intel Xeon E5-2400 Video Wall Controller, Supporting 8-output Video Wall
More results

Similar Description - AVSS

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
F3345 ETC2-F3345 Datasheet
107Kb / 1P
5.0V HCMOS SMD OSCILLATOR
logo
Fox Electronics
F3345 FOX-F3345 Datasheet
204Kb / 2P
5.0V, HCMOS, SMD Oscillator
VCXO-C FOX-VCXO-C Datasheet
268Kb / 1P
5.0V THRU-HOLE VOLTAGE CONTROLLED CRYSTAL OSCILLATOR
logo
Connor-Winfield Corpora...
OVC5DE1BA CONNOR-WINFIELD-OVC5DE1BA Datasheet
101Kb / 2P
5.0V SURFACE MOUNT SINEWAVE OCVCXO
OVC5EQ2BB CONNOR-WINFIELD-OVC5EQ2BB Datasheet
92Kb / 2P
5.0V Sinewave OCVCXO
FTHD686 CONNOR-WINFIELD-FTHD686 Datasheet
97Kb / 2P
5.0V HF SINEWAVE OSCILLATOR Surface Mount
logo
Fox Electronics
F3345-200 FOX-F3345-200 Datasheet
404Kb / 2P
5.0V, HCMOS, SMD Oscillator
F3345-250 FOX-F3345-250 Datasheet
408Kb / 3P
5.0V, HCMOS, SMD Oscillator
logo
TEMEX
RVX7050R TEMEX-RVX7050R Datasheet
631Kb / 8P
SMD Voltage Controlled Crystal Oscillator
logo
Fox Electronics
092-80-15 FOX-092-80-15 Datasheet
404Kb / 2P
5.0V, HCMOS, SMD Oscillator
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com