Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC3541 Datasheet(PDF) 2 Page - Transcom, Inc.

Part # TC3541
Description  5.2 - 5.9 GHz 2W Single Bias MMIC
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRANSCOM [Transcom, Inc.]
Direct Link  http://www.transcominc.com.tw
Logo TRANSCOM - Transcom, Inc.

TC3541 Datasheet(HTML) 2 Page - Transcom, Inc.

  TC3541 Datasheet HTML 1Page - Transcom, Inc. TC3541 Datasheet HTML 2Page - Transcom, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
TC3541
REV0_20060921
TRANSCOM, INC., 90 Dasoong 7th Road, Tainan Science-Based Industrial Park, Hsin-She Shiang, Tainan County, Taiwan, R.O.C.
Web-Site: www.transcominc.com.tw
Phone: 886-6-5050086
Fax: 886-6-5051602
2/2
Absolute Maximum Ratings
Symbol
Parameter/Conditions
Min.
Max.
Units
Vdd
Drain-Source Voltage
10
Volts
Pin
RF Input Power
17
dBm
Pt
Power Dissipation
11.6
W
Tch
Operating Channel Temperature
175
°C
TSTG
Storage Temperature
-65
175
°C
Note:
1. This GaAs MMIC is susceptible to damage
from Electrostatic Discharge. Proper
precautions should be used when handling
these devices.
2. Specifications subject to change without notice.
EVALUATION BOARD
PCB Material: RO4003
ER = 3.38
Thickness = 20 mil
Unit: mil
* DXF file of the PCB can be downloaded
from our web-site at
www.transcominc.com.tw
* Application Notes:
For better heat sinking and
grounding, it's recommended to have the
via holes beneath TC3541 filled with
solder and have two screws installed on
required heat sink plate besides TC3541
on the PCB area.
TC3541
YYWW
RF in
PCB_MMIC
Single_bias
386-350030
-001
RF out
C1, 1000pF
C3, 0.1uF
D1, Diode
C2, 1000pF
Vd
C4, 10uF
Evaluation Board Parts List
Qty
Part Type Reference Designator Description
Manufacturer Part Number
2
Capacitor
C1, C2
Chip CAP (0603) 1000PF±10%
Murata
GRM39X7R102K50V
1
Capacitor
C3
Chip CAP (0603) 0.1µF±20%
Murata
GRM39Y5V104Z25V
1
Capacitor
C4
Chip CAP (1210) 10µF±20% or
Chip CAP (1206) 10µF±20%
Murata
GRM42-6Y5V106Z25V or
GRM31CF5E106ZA01L
1
Diode
D1
Diode, 400V, 1A (SOD-123)
SM4005M



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com