Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMS1086 Datasheet(PDF) 3 Page - Advanced Monolithic Systems

Part # AMS1086
Description  1.5A LOW DROPOUT VOLTAGE REGULATOR
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADMOS [Advanced Monolithic Systems]
Direct Link  http://www.advanced-monolithic.com
Logo ADMOS - Advanced Monolithic Systems

AMS1086 Datasheet(HTML) 3 Page - Advanced Monolithic Systems

  AMS1086 Datasheet HTML 1Page - Advanced Monolithic Systems AMS1086 Datasheet HTML 2Page - Advanced Monolithic Systems AMS1086 Datasheet HTML 3Page - Advanced Monolithic Systems AMS1086 Datasheet HTML 4Page - Advanced Monolithic Systems AMS1086 Datasheet HTML 5Page - Advanced Monolithic Systems AMS1086 Datasheet HTML 6Page - Advanced Monolithic Systems AMS1086 Datasheet HTML 7Page - Advanced Monolithic Systems AMS1086 Datasheet HTML 8Page - Advanced Monolithic Systems  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
Advanced Monolithic Systems, Inc.
www.advanced-monolithic.com
Phone (925) 443-0722
Fax (925) 443-0723
AMS1086
ELECTRICAL CHARACTERISTICS
Electrical Characteristics at IOUT = 0 mA, CO=10µF and TJ = +25°C unless otherwise specified.
Parameter
Device
Conditions
Min
Typ
Max
Units
Minimum Load
Current
AMS1086
(VIN - VOUT) = 12V (Note 5)
5
10
mA
Quiescent Current
AMS1086/-1.5/-1.8/-2.5/-
2.85/ -3.0/-3.3/-3.5/-5.0
VIN ≤ 12V
5
10
mA
Ripple Rejection
AMS1086
f =120Hz , COUT = 25µF Tantalum, IOUT = 1.5A,
(VIN-VOUT ) = 3V, CADJ =25µF
60
75
dB
AMS1086-1.5
f =120Hz , COUT = 25µF Tantalum, IOUT = 1.5A,
VIN = 4.5V
60
72
dB
AMS1086-1.8
f =120Hz , COUT = 25µF Tantalum, IOUT = 1.5A,
VIN = 4.5V
60
72
dB
AMS1086-2.5
f =120Hz , COUT = 25µF Tantalum, IOUT = 1.5A,
VIN =5.5V
60
72
dB
AMS1086-2.85
f =120Hz , COUT = 25µF Tantalum, IOUT = 1.5A,
VIN = 6V
60
72
dB
AMS1086-3.0
f =120Hz , COUT = 25µF Tantalum, IOUT = 1.5A
VIN = 6V
60
72
dB
AMS1086-3.3
f =120Hz , COUT = 25µF Tantalum, IOUT = 1.5A
VIN = 6.3V
60
72
dB
AMS1086-3.5
f =120Hz , COUT = 25µF Tantalum, IOUT = 1.5A
VIN = 6.5V
60
72
dB
AMS1086-5.0
f =120Hz , COUT = 25µF Tantalum, IOUT = 1.5A
VIN = 8V
60
68
dB
Thermal Regulation
AMS1086
TA = 25°C, 30ms pulse
0.008
0.04
%W
Adjust Pin Current
AMS1086
10mA
≤ I
OUT ≤ 1.5A , 1.5V≤ (VIN - VOUT) ≤ 12V
55
120
µA
µA
Adjust Pin Current
Change
AMS1086
10mA
≤ I
OUT ≤ 1.5A , 1.5V≤ (VIN - VOUT) ≤ 12V
0.2
5
µA
Temperature Stability
0.5
%
Long Term Stability
TA =125°C, 1000Hrs
0.3
1
%
RMS Output Noise
(% of VOUT )
TA = 25°C , 10Hz ≤ f ≤ 10kHz
0.003
%
Thermal Resistance
Junction-to-Case
M Package: Control Circuitry/ Power Transistor
T Package: Control Circuitry/ Power Transistor
1.5/4.0
1.5/4.0
°C/W
°C/W
Parameters identified with boldface type apply over the full operating temperature range.
Note 1: Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. For guaranteed specifications and test conditions, see the
Electrical Characteristics
. The guaranteed specifications apply only for the test conditions listed.
Note 2: Line and Load regulation are guaranteed up to the maximum power dissipation of 15W. Power dissipation is determined by the input/output
differential and the output current. Guaranteed maximum power dissipation will not be available over the full input/output range.
Note 3: See thermal regulation specifications for changes in output voltage due to heating effects. Line and load regulation are measured at a constant junction
temperature by low duty cycle pulse testing. Load regulation is measured at the output lead ~1/8” from the package.
Note 4: Dropout voltage is specified over the full output current range of the device.
Note 5: Minimum load current is defined, as the minimum output current required to maintain regulation. When (VIN - VOUT) = 12V the device is guaranteed
to regulate if the output current is greater than 10mA.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com