Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMS2930CS Datasheet(PDF) 3 Page - Advanced Monolithic Systems

Part # AMS2930CS
Description  150mA LOW DROPOUT VOLTAGE REGULATOR
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADMOS [Advanced Monolithic Systems]
Direct Link  http://www.advanced-monolithic.com
Logo ADMOS - Advanced Monolithic Systems

AMS2930CS Datasheet(HTML) 3 Page - Advanced Monolithic Systems

  AMS2930CS Datasheet HTML 1Page - Advanced Monolithic Systems AMS2930CS Datasheet HTML 2Page - Advanced Monolithic Systems AMS2930CS Datasheet HTML 3Page - Advanced Monolithic Systems AMS2930CS Datasheet HTML 4Page - Advanced Monolithic Systems AMS2930CS Datasheet HTML 5Page - Advanced Monolithic Systems AMS2930CS Datasheet HTML 6Page - Advanced Monolithic Systems AMS2930CS Datasheet HTML 7Page - Advanced Monolithic Systems AMS2930CS Datasheet HTML 8Page - Advanced Monolithic Systems AMS2930CS Datasheet HTML 9Page - Advanced Monolithic Systems  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
Advanced Monolithic Systems, Inc.
www.advanced-monolithic.com
Phone (925) 443-0722
Fax (925) 443-0723
AMS2930
Electrical Characteristics
Electrical Characteristics at VIN=14V, VOUT =3V IO =150mA, TJ=25°C, R1 =27k, C2 = 100µF unless otherwise specified.
PARAMETER
CONDITIONS
(Note 2)
Min.
AMS2930C
Typ.
Max.
Units
Adjustable Version
Reference Voltage
1.14
1.20
1.26
V
IO ≤ 150 mA, -40°C ≤T
J
≤ 125°C, R1=27k,
Measured from VOUT to Adjust Pin
1.08
1.32
V
Output Voltage Range
3
24
V
Line Regulation
VOUT + 0.6V ≤V
IN
≤ 26V
.02
1.5
mV
Load Regulation
5mA
≤I
O
≤ 150 mA
0.3
1
%
Dropout Voltage
I
O
≤10 mA
I
O
= 150 mA
0.05
0.3
0.2
0.6
V
V
Quiescent Current
I
O
= 10 mA
I
O
= 150 mA
During Shutdown RL = 500Ω
0.4
15
0.8
1
1
mA
mA
mA
Output Noise Voltage
10Hz-100kHz
100
µV
rms/V
Output Impedance
100mADC and 10mArms,100Hz=10kHz
40
m
Ω
Long Term Stability
T =1000hr
0.4
%/1000hr
Ripple Rejection
fO = 120Hz
0.02
%/V
Maximum Operational Input
Voltage
26
33
V
Maximum Line Transient
IO = 10mA, Reference Voltage ≤ 1.5V
T = 1ms,
τ ≤100ms
60
70
V
Reverse Polarity Input Voltage,
D/C
RL = 500Ω, VO ≥ -0.3V
-15
-30
V
Reverse Polarity Input Voltage,
Transient
RL = 500Ω, T = 1ms, τ ≤100ms
-50
-80
V
On/Off Threshold Voltage
On
Off
VO = 3V
3.25
2.0
2.2
1.2
V
V
On/Off Threshold Current
20
50
µA
Note 1: Absolute Maximum Ratings are limits beyond which damage to the device may occur. For guaranteed performance limits and associated test
conditions, see the Electrical Characteristics tables.
Note 2: See Circuit in Typical Applications. To ensure constant junction temperature, low duty cycle pulse testing is used.
Note 3: Limits appearing in boldface type apply over the entire junction temperature range for operation. Limits appearing in normal type apply for
TA = TJ = 25°C.
Note 4: The junction-to-ambient thermal resistance are as follows: 195
°C/W for the TO-92 (N) package, 160°C/W for the molded plastic SO-8 (S), 50°C/W for
the TO-220 package and 73
°C/W for the TO-263 package. If the TO-220 package is used with a heat sink, θ
JA is the sum of the package thermal resistance
junction-to-case of 3
°C/W and the thermal resistance added by the heat sink and the thermal interface. The thermal resistance of the TO-263 package can be
reduced by increasing the PCB copper area thermally connected to the package: using 0.5 square inches of copper area,
ϕ
JA is 50°C/W; with 1 square inch of
copper area
ϕ
JA is 37°C/W; and with 1.6 or more square inches of copper area ϕ JA is 32°C/W.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com